Part Number Hot Search : 
KTC3227 SMA20 2SK44 LPC1774 AN7172NK XC7445B 2SD1858 12100
Product Description
Full Text Search
 

To Download TC74VCX157FT07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74VCX157FT/FK
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCX157FT, TC74VCX157FK
Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
The TC74VCX157 is a high performance CMOS multiplexer which is guaranteed to operate from 1.2-V to 3.6-V. Designed for use in 1.5 V, 1.8 V, 2.5 V or 3.3 V systems, it achieves high. speed operation while maintaining the CMOS low power dissipation. It is also designed with over voltage tolerant inputs and outputs up to 3.6 V. It consists of four 2-input digital multiplexers with common select and strobe inputs. When the ST input is held "H" level, selection of data is inhibited and all the outputs become "L" level. The SELECT decoding determines whether the A or B inputs get routed to their corresponding Y outputs. All inputs are equipped with protection circuits against static discharge.
TC74VCX157FT
TC74VCX157FK
Features
* * Low voltage operation: VCC = 1.2~3.6 V High speed operation: tpd = 3.0 ns (max) (VCC = 3.0~3.6 V) tpd = 3.5 ns (max) (VCC = 2.3~2.7 V) tpd = 7.0 ns (max) (VCC = 1.65~1.95 V) tpd = 14.0 ns (max) (VCC = 1.4~1.6 V) tpd = 35.0 ns (max) (VCC = 1.2 V) * * 3.6 V tolerant inputs and outputs. Output current: IOH/IOL = 24 mA (min) (VCC = 3.0 V) IOH/IOL = 18 mA (min) (VCC = 2.3 V) IOH/IOL = 6 mA (min) (VCC = 1.65 V) IOH/IOL = 2 mA (min) (VCC = 1.4 V) * * * * Latch-up performance: -300 mA ESD performance: Machine model 200 V Human body model 2000 V Package: TSSOP and VSSOP (US) Power down protection is provided on all inputs and outputs. Weight TSSOP16-P-0044-0.65A VSSOP16-P-0030-0.50 : 0.06 g (typ.) : 0.02 g (typ.)
1
2007-10-19
TC74VCX157FT/FK
Pin Assignment (top view) IEC Logic Symbol
(15) (1) (2) (3) (5) (6) (11) (10) (14) (13)
SELECT 1A 1B 1Y 2A 2B 2Y GND
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
VCC ST 4A 4B 4Y 3A 3B 3Y
ST
EN G1
1 1 MUX (4) (7) (9) (12)
SELECT 1A 1B 2A 2B 3A 3B 4A 4B
1Y
2Y 3Y 4Y
Truth Table
Inputs Outputs
ST H L L L L
SELECT X L L H H
A X L H X X
B X X X L H
Y L L H L H
X: Don't care
2
2007-10-19
TC74VCX157FT/FK
System Diagram
2 3 5 6 11 10 14 13 12 4Y 9 3Y 7 2Y 4 1Y
1A 1B 2A 2B 3A 3B 4A 4B
SELECT
1
ST
15
Absolute Maximum Ratings (Note 1)
Characteristics Power supply voltage DC input voltage DC output voltage Input diode current Output diode current DC output current Power dissipation DC VCC/ground current Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT PD ICC/IGND Tstg Rating
-0.5~4.6 -0.5~4.6 -0.5~4.6
Unit V V (Note 2) V mA (Note 4) mA mA mW mA C
-0.5~VCC + 0.5 (Note 3) -50 50 50
180
100 -65~150
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: VCC = 0 V Note 3: High or low state. IOUT absolute maximum rating must be observed. Note 4: VOUT < GND, VOUT > VCC
3
2007-10-19
TC74VCX157FT/FK
Operating Ranges (Note 1)
Characteristics Supply voltage Input voltage Output voltage Symbol VCC VIN VOUT Rating 1.2~3.6
-0.3~3.6
Unit V V (Note 2) (Note 3) (Note 4) (Note 5) (Note 6) (Note 7) C (Note 8) ns/V mA V
0~3.6 0~VCC
24
Output current
IOH/IOL
18 6 2
Operating temperature Input rise and fall time
Topr dt/dv
-40~85
0~10
Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. Note 2: VCC = 0 V Note 3: High or low state Note 4: VCC = 3.0~3.6 V Note 5: VCC = 2.3~2.7 V Note 6: VCC = 1.65~1.95 V Note 7: VCC = 1.4~1.6 V Note 8: VIN = 0.8~2.0 V, VCC = 3.0 V
Electrical Characteristics
< DC Characteristics (Ta = -40~85C, 2.7 V < VCC = 3.6 V)
Characteristics High level Low level Symbol VIH VIL Test Condition

VCC (V) 2.7~3.6 2.7~3.6 2.7~3.6 2.7 3.0 3.0 2.7~3.6 2.7 3.0 3.0 2.7~3.6 0 2.7~3.6 2.7~3.6 2.7~3.6
Min 2.0
Max
Unit
Input voltage
0.8

V
IOH = -100 A High level VOH VIN = VIH or VIL IOH = -12 mA IOH = -18 mA Output voltage IOH = -24 mA IOL = 100 A Low level VOL VIN = VIH or VIL IOL = 12 mA IOL = 18 mA IOL = 24 mA Input leakage current Power off leakage current Quiescent supply current Increase in ICC per input IIN IOFF ICC
ICC
VCC - 0.2 2.2 2.4 2.2

V
0.2 0.4 0.4 0.55
5.0 A A
VIN = 0~3.6 V VIN, VOUT = 0~3.6 V VIN = VCC or GND VCC < VIN < 3.6 V = = VIH = VCC - 0.6 V
10.0 20.0
20.0
A
750
4
2007-10-19
TC74VCX157FT/FK
< < DC Characteristics (Ta = -40~85C, 2.3 V = VCC = 2.7 V)
Characteristics High level Low level Symbol VIH VIL Test Condition

VCC (V) 2.3~2.7 2.3~2.7 2.3~2.7 2.3 2.3 2.3 2.3~2.7 2.3 2.3 2.3~2.7 0 2.3~2.7 2.3~2.7
Min 1.6
Max
Unit
Input voltage
0.7

V
IOH = -100 A High level Output voltage VOH VIN = VIH or VIL IOH = -6 mA IOH = -12 mA IOH = -18 mA IOL = 100 A Low level VOL VIN = VIH or VIL IOL = 12 mA IOL = 18 mA Input leakage current Power off leakage current Quiescent supply current IIN IOFF ICC VIN = 0~3.6 V VIN, VOUT = 0~3.6 V VIN = VCC or GND VCC < VIN < 3.6 V = =
VCC - 0.2 2.0 1.8 1.7

V
0.2 0.4 0.6
5.0 A A A
10.0 20.0
20.0
< DC Characteristics (Ta = -40~85C, 1.65 V = VCC < 2.3 V)
Characteristics Symbol Test Condition

VCC (V) 1.65~2.3 1.65~2.3
Min 0.65 x VCC
Max
Unit
High level Input voltage Low level
VIH VIL
0.2 x VCC

V
High level Output voltage Low level Input leakage current Power off leakage current Quiescent supply current
VOH
VIN = VIH or VIL
IOH = -100 A IOH = -6 mA
1.65~2.3 1.65 1.65~2.3 1.65 1.65~2.3 0 1.65~2.3 1.65~2.3
VCC - 0.2 1.25

V
VOL IIN IOFF ICC
VIN = VIH or VIL VIN = 0~3.6 V VIN, VOUT = 0~3.6 V VIN = VCC or GND VCC < VIN < 3.6 V = =
IOL = 100 A IOL = 6 mA
0.2 0.3
5.0 A A A
10.0 20.0
20.0
5
2007-10-19
TC74VCX157FT/FK
< < DC Characteristics (Ta = -40~85C, 1.4 V = VCC = 1.65 V)
Characteristics Symbol Test Condition

VCC (V) 1.4~1.65 1.4~1.65
Min 0.65 x VCC
Max
Unit
High level Input voltage Low level
VIH VIL
0.05 x VCC

V
High level Output voltage Low level Input leakage current Power off leakage current Quiescent supply current
VOH
VIN = VIH or VIL
IOH = -100 A IOH = -2 mA
1.4~1.65 1.4 1.4~1.65 1.4 1.4~1.65 0 1.4~1.65 1.4~1.65
VCC - 0.2 1.05

V
VOL IIN IOFF ICC
VIN = VIH or VIL VIN = 0~3.6 V VIN, VOUT = 0~3.6 V VIN = VCC or GND VCC < VIN < 3.6 V = =
IOL = 100 A IOL = 2 mA
0.05 0.35
5.0 A A A
10.0 20.0
20.0
< DC Characteristics (Ta = -40~85C, 1.2 V = VCC < 1.4 V)
Characteristics Symbol Test Condition

VCC (V) 1.2~1.4 1.2~1.4
Min 0.8 x VCC
Max
Unit
High level Input voltage Low level High level Low level Input leakage current Power off leakage current Quiescent supply current
VIH VIL VOH VOL IIN IOFF ICC VIN = VIH or VIL VIN = VIH or VIL VIN = 0~3.6 V VIN, VOUT = 0~3.6 V VIN = VCC or GND VCC < VIN < 3.6 V = =
0.05 x VCC
V
Output voltage
IOH = -100 A IOL = 100 A
1.2 1.2 1.2 0 1.2 1.2
VCC - 0.1

V
A A A
0.05
5.0
10.0 20.0
20.0
6
2007-10-19
TC74VCX157FT/FK
AC Characteristics (Ta = -40~85C, Input: tr = tf = 2.0 ns) (Note 1)
Characteristics Symbol Test Condition VCC (V) 1.2 1.5 0.1 1.8 0.15 CL = 30 pF, RL = 500 2.5 0.2 3.3 0.3 CL = 15 pF, RL = 2 k Propagation delay time (SELECT-Y) tpLH tpHL Figure 1, Figure 2 CL = 30 pF, RL = 500 1.2 1.5 0.1 1.8 0.15 2.5 0.2 3.3 0.3 CL = 15 pF, RL = 2 k Propagation delay time ( ST -Y) tpLH tpHL Figure 1, Figure 2 CL = 30 pF, RL = 500 1.2 1.5 0.1 1.8 0.15 2.5 0.2 3.3 0.3 CL = 15 pF, RL = 2 k Output to output skew tosLH tosHL (Note 2) CL = 30 pF, RL = 500 1.2 1.5 0.1 1.8 0.15 2.5 0.2 3.3 0.3 Min 3.0 2.0 1.5 0.8 0.6 3.0 2.0 1.5 0.8 0.6 3.0 2.0 1.5 0.8 0.6

Max 35.0 14.0 7.0 3.5 3.0 45.0 18.0 9.0 4.5 3.5 45.0 18.0 9.0 4.5 3.5 1.5 1.5 0.5 0.5 0.5
Unit
CL = 15 pF, RL = 2 k Propagation delay time (A, B-Y) tpLH tpHL Figure 1, Figure 2
ns
ns
ns
ns
Note 1: For CL = 50 pF, add approximately 300 ps to the AC maximum specification. Note 2: This parameter is guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
7
2007-10-19
TC74VCX157FT/FK
Dynamic Switching Characteristics (Ta = 25C, Input: tr = tf = 2.0 ns, CL = 30 pF)
Characteristics Symbol Test Condition VIH = 1.8 V, VIL = 0 V Quiet output maximum dynamic VOL VOLP VIH = 2.5 V, VIL = 0 V VIH = 3.3 V, VIL = 0 V VIH = 1.8 V, VIL = 0 V Quiet output minimum dynamic VOL VOLV VIH = 2.5 V, VIL = 0 V VIH = 3.3 V, VIL = 0 V VIH = 1.8 V, VIL = 0 V Quiet output minimum dynamic VOH VOHV VIH = 2.5 V, VIL = 0 V VIH = 3.3 V, VIL = 0 V (Note) (Note) (Note) (Note) (Note) (Note) (Note) (Note) (Note) VCC (V) 1.8 2.5 3.3 1.8 2.5 3.3 1.8 2.5 3.3 Typ. 0.25 0.6 0.8
-0.25 -0.6 -0.8
Unit
V
V
1.5 1.9 2.2 V
Note:
This parameter is guaranteed by design.
Capacitive Characteristics (Ta = 25C)
Characteristics Input capacitance Power dissipation capacitance Symbol CIN CPD fIN = 10 MHz Test Condition
VCC (V) 1.8, 2.5, 3.3 (Note) 1.8, 2.5, 3.3
Typ. 6 20
Unit pF pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC
8
2007-10-19
TC74VCX157FT/FK
AC Test Circuit
Output
CL RL
Measure
VCC Symbol 3.3 0.3 V 2.5 0.2 V 1.8 0.15 V 500 30 pF 1.5 0.1 V 1.2V 2 k 15 pF
RL CL
Figure 1 AC Waveform
tr 2.0 ns Input tf 2.0 ns 90% VM VIH 10% GND VOH VM tpLH tpHL VOL VOH VM tpHL tpLH VOL
Non-Inverting Output
Inverting Output
Symbol VIH VM
VCC 3.3 0.3 V 2.7 V 1.5 V 2.5 0.2 V VCC VCC/2 1.8 0.15 V VCC VCC/2 1.5 0.1 V VCC VCC/2 1.2 V VCC VCC/2
Figure 2 tpLH, tpHL
9
2007-10-19
TC74VCX157FT/FK
Package Dimensions
Weight: 0.06 g (typ.)
10
2007-10-19
TC74VCX157FT/FK
Package Dimensions
Weight: 0.02 g (typ.)
11
2007-10-19
TC74VCX157FT/FK
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
12
2007-10-19


▲Up To Search▲   

 
Price & Availability of TC74VCX157FT07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X