Part Number Hot Search : 
SN74LS 1N5232B IL317L 16SVP56M ILX585K LU3802PB LD111 CXN1010
Product Description
Full Text Search
 

To Download TC74LVX74F07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74LVX74F/FN/FT
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX74F,TC74LVX74FN,TC74LVX74FT
Dual D-Type Flip-Flop with Preset and Clear
Note: xxxFN (JEDEC SOP) is not available in Japan.
The TC74LVX74F/ FN/ FT is a high-speed CMOS D-flip flop fabricated with silicon gate CMOS technology. Designed for use in 3-V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation. This device is suitable for low-voltage and battery operated systems. The signal level applied to the D input is transferred to Q output during the positive going transition of the CK pulse. CLR and PR are independent of the CK and are accomplished by setting the appropriate input low. An input protection circuit ensures that 0 to 5.5V can be applied to the input pins without regard to the supply voltage. This device can be used to interface 5V to 3V systems and two supply systems such as battery back up. This circuit prevents device destruction due to mismatched supply and input voltages.
TC74LVX74F
TC74LVX74FN
Features
* * * * * * High-speed: fmax = 145 MHz (typ.) (VCC = 3.3 V) Low power dissipation: ICC = 2 A (max) (Ta = 25C) Input voltage level: VIL = 0.8 V (max) (VCC = 3 V) VIH = 2.0 V (min) (VCC = 3 V) Power-down protection provided on all inputs Balanced propagation delays: tpLH - tpHL Pin and function compatible with 74HC74
TC74LVX74FT
Weight SOP14-P-300-1.27A SOL14-P-150-1.27 TSSOP14-P-0044-0.65A
: 0.18 g (typ.) : 0.12 g (typ.) : 0.06 g (typ.)
1
2007-10-17
TC74LVX74F/FN/FT
Pin Assignment (top view) IEC Logic Symbol
1PR
1CLR
(4) (3) (2) (1) (10) (11) (12) (13)
S C1 1D R
1 2 3 4 5 6 7 CK Q D Q CK Q D Q
14 13 12 11 10 9 8
VCC
2CLR
(5) (6)
1CK 1D
1CLR
1Q
1D 1CK 1PR 1Q
1Q
1Q
2D 2CK 2PR 2Q
2Q
2PR 2CK 2D 2CLR
(9) (8)
2Q
2Q
GND
Truth Table
Inputs Outputs
CLR
L H L H H H
PR H L L H H H
D X X X L H X
CK X X X
Q L H H L H Qn
Q H L H H L
Function Clear Preset

Qn
No change
X: Don't care
Absolute Maximum Ratings (Note)
Characteristics Supply voltage range DC input voltage DC output voltage Input diode current Output diode current DC output current DC VCC/ground current Power dissipation Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT ICC PD Tstg Rating
-0.5 to 7.0 -0.5 to 7.0 -0.5 to VCC + 0.5 -20 20 25 50
Unit V V V mA mA mA mA mW C
180
-65 to 150
Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
2
2007-10-17
TC74LVX74F/FN/FT
Operating Ranges (Note)
Characteristics Supply voltage Input voltage Output voltage Operating temperature Input rise and fall time Symbol VCC VIN VOUT Topr dt/dv Rating 2.0 to 3.6 0 to 5.5 0 to VCC
-40 to 85
Unit V V V C ns/V
0 to 100
Note: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Characteristics Symbol Test Condition VCC (V) 2.0 H-level Input voltage L-level VIL

Ta = 25C Min 1.5 2.0 2.4

Ta = -40 to 85C Max

Unit
Typ.

Min 1.5 2.0 2.4

Max

VIH
3.0 3.6 2.0 3.0 3.6
0.5 0.8 0.8

0.5 0.8 0.8

V
H-level Output voltage L-level
VOH
IOH = -50 A VIN = VIH IOH = -50 A or VIL IOH = -4 mA VIN = VIH IOL = 50 A or VIL IOL = 4 mA VIN = 5.5 V or GND VIN = VCC or GND IOL = 50 A
2.0 3.0 3.0 2.0 3.0 3.0 3.6 3.6
1.9 2.9 2.58

2.0 3.0
1.9 2.9 2.48

0 0

0.1 0.1 0.36
0.1
0.1 0.1 0.44
1.0
V
VOL
Input leakage current Quiescent supply current
IIN ICC
A A
2.0
20.0
Timing Requirements (input: tr = tf = 3 ns)
Characteristics Symbol Test Condition VCC (V) Minimum pulse width (CK) Minimum pulse width ( CLR , PR ) Minimum set-up time tW (L) tW (H) tW (L)
Ta = 25C Limit 8.5 6.0 8.5 6.0 8.0 5.5 0.5 0.5 6.5 5.0
Ta = -40 to 85C Limit 10.0 7.0 10.0 7.0 9.5 6.5 0.5 0.5 7.5 5.0
Unit
2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3
ns
ns
ts
ns
Minimum hold time Minimum removal time ( CLR , PR )
th
ns
trem
ns
3
2007-10-17
TC74LVX74F/FN/FT
AC Characteristics (input: tr = tf = 3 ns)
Characteristics Symbol Test Condition VCC (V) tpLH
Ta = 25C CL (pF) 15 50 15 50 15 50 15 50 15 50 15 50 50 50 (Note 2) (Note 3) Min

Ta = -40 to 85C Max 15.0 18.5 9.7 13.2 15.6 19.1 10.1 13.6

Unit
Typ. 7.3 9.8 5.7 8.2 8.4 10.9 6.6 9.1 135 60 145 85

Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 50 40 80 50

Max 18.5 22.0 11.5 15.0 18.5 22.0 12.0 15.5

Propagation delay time (CK-Q, Q )
2.7
ns
tpHL
3.3 0.3
Propagation delay time ( CLR , PR -Q, Q )
tpLH
2.7
ns
tpHL
3.3 0.3
2.7 Maximum clock frequency fmax
55 45 95 60

MHz
3.3 0.3 tosLH tosHL CIN CPD 2.7 3.3 0.3
Output to output skew Input capacitance Power dissipation capacitance
(Note 1)
1.5 1.5 10
1.5 1.5 10
ns pF pF
4 25
Note 1: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|) Note 2: Parameter guaranteed by design. Note 3: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC/2 (per F/F)
Noise Characteristics (Ta = 25C, input: tr = tf = 3 ns, CL = 50 pF)
Characteristics Quiet output maximum dynamic VOL Quiet output minimum dynamic VOL Minimum high level dynamic input voltage VIH Maximum low level dynamic input voltage VIL Symbol VOLP VOLV VIHD VILD Test Condition VCC (V)

Typ. 0.3
-0.3
Limit 0.5
-0.5
Unit V V V V
3.3 3.3 3.3 3.3
2.0 0.8
Input Equivalent Circuit
INPUT
4
2007-10-17
TC74LVX74F/FN/FT
Package Dimensions
Weight: 0.18 g (typ.)
5
2007-10-17
TC74LVX74F/FN/FT
Package Dimensions (Note)
Note:
This package is not available in Japan.
Weight: 0.12 g (typ.)
6
2007-10-17
TC74LVX74F/FN/FT
Package Dimensions
Weight: 0.06 g (typ.)
7
2007-10-17
TC74LVX74F/FN/FT
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
8
2007-10-17


▲Up To Search▲   

 
Price & Availability of TC74LVX74F07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X