Part Number Hot Search : 
221M16 CXD11 A29DL324 3KP10C NTR4170 M37643F8 180CA SFBDX92
Product Description
Full Text Search
 

To Download TC74LVX373F07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74LVX373F/FT
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX373F,TC74LVX373FT
Octal D-Type Latch with 3-State Output
The TC74LVX373F/ FT is a high-speed CMOS octal latch with 3-state output fabricated with silicon gate CMOS technology. Designed for use in 3-V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation. This device is suitable for low-voltage and battery operated systems. This 8 bit D-type latch is controlled by a latch enable input (LE) and an output enable input ( OE ). When the OE input is high, the eight outputs are in a high-impedance state. An input protection circuit ensures that 0 to 5.5V can be applied to the input pins without regard to the supply voltage. This device can be used to interface 5V to 3V systems and two supply systems such as battery back up. This circuit prevents device destruction due to mismatched supply and input voltages.
TC74LVX373F
TC74LVX373FT
Features
* * * * * * * High-speed: tpd = 5.8 ns (typ.) (VCC = 3.3 V) Low power dissipation: ICC = 4 A (max) (Ta = 25C) Input voltage level: VIL = 0.8 V (max) (VCC = 3 V) VIH = 2.0 V (min) (VCC = 3 V) Power-down protection provided on all inputs Balanced propagation delays: tpLH - tpHL Low noise: VOLP = 0.8 V (max) Pin and function compatible with 74HC373 Weight SOP20-P-300-1.27A TSSOP20-P-0044-0.65A : 0.22 g (typ.) : 0.08 g (typ.)
1
2007-10-17
TC74LVX373F/FT
Pin Assignment (top view) IEC Logic Symbol
OE LE
(1) (11) EN C1
OE Q0 D0 D1 Q1 Q2 D2 D3 Q3
1 2 3 4 5 6 7 8 9
20 19 18 17 16 15 14 13 12 11
VCC Q7 D7 D6 Q6 Q5 D5 D4 Q4 LE
D0 D1 D2 D3 D4 D5 D6 D7
(3) (4) (7) (8) (13) (14) (17) (18)
1D
(2) (5) (6) (9) (12) (15) (16) (19)
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
GND 10
Truth Table
Inputs
OE H L L L
LE X L H H
D X X L H
Outputs Z Qn L H
X: Don't care Z: High impedance Qn: Q outputs are latched at the time when the LE input is taken to a low logic level.
System Diagram
D0 3 D D1 4 D D2 7 D D3 8 D D4 13 D D5 14 D D6 17 D D7 18 D
LE
11
L
Q
L
Q
L
Q
L
Q
L
Q
L
Q
L
Q
L
Q
OE
1 2 Q0 5 Q1 6 Q2 9 Q3 12 Q4 15 Q5 16 Q6 19 Q7
2
2007-10-17
TC74LVX373F/FT
Absolute Maximum Ratings (Note)
Characteristics Supply voltage range DC input voltage DC output voltage Input diode current Output diode current DC output current DC VCC/ground current Power dissipation Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT ICC PD Tstg Rating
-0.5 to 7.0 -0.5 to 7.0 -0.5 to VCC + 0.5 -20 20 25 75
Unit V V V mA mA mA mA mW C
180
-65 to 150
Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Operating Ranges (Note)
Characteristics Supply voltage Input voltage Output voltage Operating temperature Input rise and fall time Symbol VCC VIN VOUT Topr dt/dv Rating 2.0 to 3.6 0 to 5.5 0 to VCC
-40 to 85
Unit V V V C ns/V
0 to 100
Note: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND.
3
2007-10-17
TC74LVX373F/FT
Electrical Characteristics
DC Characteristics
Characteristics Symbol Test Condition VCC (V) 2.0 H-level Input voltage L-level VIL

Ta = 25C Min 1.5 2.0 2.4

Ta = -40 to 85C Max

Unit
Typ.

Min 1.5 2.0 2.4

Max

VIH
3.0 3.6 2.0 3.0 3.6
0.5 0.8 0.8

0.5 0.8 0.8

V
H-level Output voltage L-level
VOH
IOH = -50 A VIN = VIH IOH = -50 A or VIL IOH = -4 mA VIN = VIH IOL = 50 A or VIL IOL = 4 mA VIN = VIH or VIL VOUT = VCC or GND VIN = 5.5 V or GND VIN = VCC or GND IOL = 50 A
2.0 3.0 3.0 2.0 3.0 3.0 3.6 3.6 3.6
1.9 2.9 2.58

2.0 3.0
1.9 2.9 2.48

0 0

0.1 0.1 0.36
0.25 0.1
0.1 0.1 0.44
2.5 1.0
V
VOL
3-state output Off-state current Input leakage current Quiescent supply current
IOZ IIN ICC
A A A
4.0
40.0
Timing Requirements (input: tr = tf = 3 ns)
Characteristics Symbol Test Condition VCC (V) Minimum pulse width (LE) Minimum set-up time tW (H)
Ta = 25C Limit 6.5 5.0 6.0 4.0 1.0 1.0
Ta = -40 to 85C Limit 7.5 5.0 6.0 4.0 1.0 1.0
Unit
2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3
ns
ts
ns
Minimum hold time
th
ns
4
2007-10-17
TC74LVX373F/FT
AC Characteristics (input: tr = tf = 3 ns)
Characteristics Symbol Test Condition VCC (V) tpLH
Ta = 25C CL (pF) 15 50 15 50 15 50 15 50 15 50 15 50 50 50 50 50 (Note 2)
Ta = -40 to 85C Max 14.5 18.0 9.3 12.8 15.0 18.5 9.7 13.2 15.0 18.5 9.7 13.2 18.0 12.8 1.5 1.5 10

Unit
Min

Typ. 7.5 10.0 5.8 8.3 7.7 10.2 6.0 8.5 7.7 10.2 6.0 8.5 9.8 8.2

Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0

Max 17.5 21.0 11.0 14.5 18.5 22.0 11.5 15.0 18.5 22.0 11.5 15.0 21.0 14.5 1.5 1.5 10

Propagation delay time (LE-Q)
2.7
ns
tpHL
3.3 0.3
Propagation delay time (D-Q)
tpLH
2.7
ns
tpHL
3.3 0.3
tpZH Output enable time tpZL tpLZ tpHZ tosLH tosHL CIN COUT CPD RL = 1 k
2.7
ns
3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3
Output disable time
RL = 1 k
ns
Output to output skew Input capacitance Output capacitance Power dissipation capacitance
(Note 1)
ns pF pF pF
4 6 27
(Note 3)
Note 1: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|) Note 2: Parameter guaranteed by design. Note 3: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC/8 (per latch) And the total CPD when n pcs. of Latch operate can be gained by the following equation: CPD (total) = 14 + 13n
5
2007-10-17
TC74LVX373F/FT
Noise Characteristics (Ta = 25C, input: tr = tf = 3 ns, CL = 50 pF)
Characteristics Quiet output maximum dynamic VOL Quiet output minimum dynamic VOL Minimum high level dynamic input voltage VIH Maximum low level dynamic input voltage VIL Symbol VOLP VOLV VIHD VILD Test Condition VCC (V)

Typ. 0.5
-0.5
Limit 0.8
-0.8
Unit V V V V
3.3 3.3 3.3 3.3
2.0 0.8
Input Equivalent Circuit
INPUT
6
2007-10-17
TC74LVX373F/FT
Package Dimensions
Weight: 0.22 g (typ.)
7
2007-10-17
TC74LVX373F/FT
Package Dimensions
Weight: 0.08 g (typ.)
8
2007-10-17
TC74LVX373F/FT
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
9
2007-10-17


▲Up To Search▲   

 
Price & Availability of TC74LVX373F07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X