Part Number Hot Search : 
2SK210 UCQ5818 CZRA4743 TR9772 DA101M 168TCN 344603A 2SD1716
Product Description
Full Text Search
 

To Download TC74LCX74F07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74LCX74F/FN/FT/FK
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LCX74F,TC74LCX74FN,TC74LCX74FT,TC74LCX74FK
Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
The TC74LCX74 is a high-performance CMOS D-type flip-flop. Designed for use in 3.3-V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation. The device is designed for low-voltage (3.3 V) VCC applications, but it could be used to interface to 5-V supply environment for inputs. The signal level applied to the D input is transferred to Q output during the positive going transition of the CK pulse. CLR and PR are independent of the CK and are accomplished by setting the appropriate input low. All inputs are equipped with protection circuits against static discharge.
Note: xxxFN (JEDEC SOP) is not available in Japan. TC74LCX74F
TC74LCX74FN
Features
* * * * * * * Low-voltage operation: VCC = 2.0 to 3.6 V High-speed operation: tpd = 7.0 ns (max) (VCC = 3.0 to 3.6 V) Output current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V) Latch-up performance: -500 mA Available in JEDEC SOP, JEITA SOP, TSSOP and VSSOP (US) Power-down protection is provided on all inputs and outputs Pin and function compatible with the 74 series (74AC/VHC/HC/F/ALS/LS etc.) 74 type
TC74LCX74FT
TC74LCX74FK
Weight SOP14-P-300-1.27A SOL14-P-150-1.27 TSSOP14-P-0044-0.65A VSSOP14-P-0030-0.50
: 0.18 g (typ.) : 0.12 g (typ.) : 0.06 g (typ.) : 0.02 g (typ.)
1
2007-10-19
TC74LCX74F/FN/FT/FK
Pin Assignment (top view) IEC Logic Symbol
1PR 1CK 1D 4 3 2 1 10 11 12 13 S C1 1D R 6 9 8 5
1CLR
1 2 3 4 5 6 7 CK Q D Q CK Q D Q
14 13 12 11 10 9 8
VCC
2CLR
1Q
1D 1CK 1PR 1Q
1Q
2D 2CK 2PR 2Q
2Q
1CLR 2PR 2CK 2D 2CLR
1Q
2Q
2Q
GND
Truth Table
Inputs Outputs
CLR
L H L H H H
PR H L L H H H
D X X X L H X
CK X X X
Q L H H L H Qn
Q H L H H L
Function Clear Preset

Qn
No change
X: Don't care
Absolute Maximum Ratings (Note 1)
Characteristics Power supply voltage DC input voltage DC output voltage Input diode current Output diode current DC output current Power dissipation DC VCC/ground current Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT PD ICC/IGND Tstg Rating
-0.5 to 7.0 -0.5 to 7.0 -0.5 to 7.0 (Note 2) -0.5 to VCC + 0.5 (Note 3) -50 50 50
Unit V V V mA (Note 4) mA mA mW mA C
180
100 -65 to 150
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: VCC = 0 V Note 3: High or low state. IOUT absolute maximum rating must be observed. Note 4: VOUT < GND, VOUT > VCC
2
2007-10-19
TC74LCX74F/FN/FT/FK
Operating Ranges (Note 1)
Characteristics Power supply voltage Input voltage Output voltage Symbol VCC VIN VOUT Rating 2.0 to 3.6 1.5 to 3.6 0 to 5.5 0 to 5.5 0 to VCC
24 12 -40 to 85
Unit V V (Note 3) (Note 4) (Note 5) (Note 6) V
(Note 2)
Output current Operating temperature Input rise and fall time
IOH/IOL Topr dt/dv
mA C
0 to 10
(Note 7)
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. Note 2: Data retention only Note 3: VCC = 0 V Note 4: High or low state Note 5: VCC = 3.0 to 3.6 V Note 6: VCC = 2.7 to 3.0 V Note 7: VIN = 0.8 to 2.0 V, VCC = 3.0 V
Electrical Characteristics
DC Characteristics (Ta = -40 to 85C)
Characteristics H-level L-level Symbol VIH VIL Test Condition

VCC (V) 2.7 to 3.6 2.7 to 3.6
Min 2.0
Max
Unit
Input voltage
V
0.8

IOH = -100 A H-level VOH VIN = VIH or VIL IOH = -12 mA IOH = -18 mA Output voltage IOH = -24 mA IOL = 100 A L-level VOL VIN = VIH or VIL IOL = 12 mA IOL = 16 mA IOL = 24 mA Input leakage current Power-off leakage current Quiescent supply current Increase in ICC per input IIN IOFF ICC
ICC
2.7 to 3.6 2.7 3.0 3.0 2.7 to 3.6 2.7 3.0 3.0 2.7 to 3.6 0 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6
VCC - 0.2 2.2 2.4 2.2

V
0.2 0.4 0.4 0.55
5.0 A A
VIN = 0 to 5.5 V VIN/VOUT = 5.5 V VIN = VCC or GND VIN = 3.6 to 5.5 V VIH = VCC - 0.6 V
10.0 10.0
10.0
A
500
3
2007-10-19
TC74LCX74F/FN/FT/FK
AC Characteristics (Ta = -40 to 85C)
Characteristics Symbol Test Condition VCC (V) 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 (Note) 2.7 3.3 0.3 Min
Max

Unit
Maximum clock frequency Propagation delay time (CK-Q, Q ) Propagation delay time ( CLR , PR -Q, Q ) Minimum pulse width (CK) Minimum pulse width ( CLR , PR ) Minimum setup time
fmax tpLH tpHL tpLH tpHL tW (H) tW (L) tW (L)
Figure 1, Figure 2
150
MHz
Figure 1, Figure 2
8.0 7.0 8.0 7.0

1.5
ns
Figure 1, Figure 4
1.5 3.3 3.3 3.6 3.3 2.5 2.5 1.5 1.5 3.0 2.5

ns
Figure 1, Figure 2, Figure 3
ns
Figure 1, Figure 2, Figure 3
ns
ts
Figure 1, Figure 2
ns
Minimum hold time
th
Figure 1, Figure 2
ns
Minimum removal time
trem tosLH tosHL
Figure 1, Figure 3
ns
Output to output skew
1.0
ns
Note:
Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
Dynamic Switching Characteristics (Ta = 25C, input: tr = tf = 2.5 ns, CL = 50 pF, RL = 500 )
Characteristics Quiet output maximum dynamic VOL Quiet output minimum dynamic VOL Symbol VOLP |VOLV| Test Condition VIH = 3.3 V, VIL = 0 V VIH = 3.3 V, VIL = 0 V VCC (V) 3.3 3.3 Typ. 0.8 0.8 Unit V V
Capacitive Characteristics (Ta = 25C)
Characteristics Input capacitance Output capacitance Power dissipation capacitance Symbol CIN COUT CPD fIN = 10 MHz Test Condition

VCC (V) 3.3 0 (Note) 3.3
Typ. 7 8 25
Unit pF pF pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC/2 (per bit)
4
2007-10-19
TC74LCX74F/FN/FT/FK
AC Test Circuit
Output
CL RL
Measure
CL = 50 pF RL = 500
Figure 1 AC Waveform
tr 2.5 ns Input (CK) 90% 1.5 V 10% tr 2.5 ns Input (D) 90% 1.5 V 10% ts (H) th (H) ts (L) th (L) tf 2.5 ns tw (H) tw (L) tf 2.5 ns 2.7 V GND
2.7 V GND
Output (Q, Q )
VOH 1.5 V tpHL, LH tpLH, HL VOL
Figure 2 tpLH, tpHL, tw, ts, th
tr 2.5 ns Input ( CLR , PR ) 90% 1.5 V 10% tr 2.5 ns Input (CK) 90% 1.5 V 10% trem 2.7 V GND Input ( PR ) tw (L) 2.7 V GND Input ( CLR ) tw (L) 2.7 V GND
2.7 V GND
Output (Q, Q )
VOH VOL
Output (Q, Q )
VOH 1.5 V tpHL, LH 1.5 V tpHL, LH VOL
Figure 3 trem
Figure 4 tpLH, tpHL
5
2007-10-19
TC74LCX74F/FN/FT/FK
Package Dimensions
Weight: 0.18 g (typ.)
6
2007-10-19
TC74LCX74F/FN/FT/FK
Package Dimensions (Note)
Note:
This package is not available in japan.
Weight: 0.12 g (typ.)
7
2007-10-19
TC74LCX74F/FN/FT/FK
Package Dimensions
Weight: 0.06 g (typ.)
8
2007-10-19
TC74LCX74F/FN/FT/FK
Package Dimensions
Weight: 0.02 g (typ.)
9
2007-10-19
TC74LCX74F/FN/FT/FK
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
10
2007-10-19


▲Up To Search▲   

 
Price & Availability of TC74LCX74F07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X