Part Number Hot Search : 
DF210 70N6T RU70E15L 100301FC MC14081 1N4728G LEADFREE F4508
Product Description
Full Text Search
 

To Download TC74LCX573F07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74LCX573F/FT/FK
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LCX573F,TC74LCX573FT,TC74LCX573FK
Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
The TC74LCX573 is a high-performance CMOS octal D-type latch. Designed for use in 3.3-V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation. The device is designed for low-voltage (3.3 V) VCC applications, but it could be used to interface to 5-V supply environment for both inputs and outputs. This 8-bit D-type latch is controlled by a latch enable input (LE) and an output enable input ( OE ). When the OE input is high, the eight outputs are in a high-impedance state. All inputs are equipped with protection circuits against static discharge.
TC74LCX573F
TC74LCX573FT
Features
* * * * * * * Low-voltage operation: VCC = 2.0 to 3.6 V High-speed operation: tpd = 8.0 ns (max) (VCC = 3.0 to 3.6 V) Output current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V) Latch-up performance: -500 mA Available in JEITA SOP, TSSOP and VSSOP (US) Power-down protection provided on all inputs and outputs Pin and function compatible with the 74 series (74AC/VHC/HC/F/ALS/LS etc.) 573 type
TC74LCX573FK
Weight SOP20-P-300-1.27A : 0.22 g (typ.) TSSOP20-P-0044-0.65A : 0.08 g (typ.) VSSOP20-P-0030-0.50 : 0.03 g (typ.)
1
2007-10-19
TC74LCX573F/FT/FK
Pin Assignment (top view) IEC Logic Symbol
OE LE (1) (11) EN C1
OE
D0 D1 D2 D3 D4 D5 D6 D7
1 2 3 4 5 6 7 8 9
20 19 18 17 16 15 14 13 12 11
VCC Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 LE
D0 D1 D2 D3 D4 D5 D6 D7
(2) (3) (4) (5) (6) (7) (8) (9)
1D
(19) (18) (17) (16) (15) (14) (13) (12)
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
GND 10
Truth Table
Inputs
OE H L L L
LE X L H H
D X X L H
Outputs Z Qn L H
X: Don't care Z: High impedance Qn: Q outputs are latched at the time when the LE input is taken to a low logic level.
System Diagram
D0 2 D D1 3 D D2 4 D D3 5 D D4 6 D D5 7 D D6 8 D D7 9 D
LE
11
L
Q
L
Q
L
Q
L
Q
L
Q
L
Q
L
Q
L
Q
OE
1 19 Q0 18 Q1 17 Q2 16 Q3 15 Q4 14 Q5 13 Q6 12 Q7
2
2007-10-19
TC74LCX573F/FT/FK
Absolute Maximum Ratings (Note 1)
Characteristics Power supply voltage DC input voltage Symbol VCC VIN Rating
-0.5 to 7.0 -0.5 to 7.0 -0.5 to 7.0 (Note 2)
Unit V V
DC output voltage
VOUT
-0.5 to VCC + 0.5
V
(Note 3) Input diode current Output diode current DC output current Power dissipation DC VCC/ground current Storage temperature IIK IOK IOUT PD ICC/IGND Tstg
-50 50 50
mA (Note 4) mA mA mW mA C
180
100 -65 to 150
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: Output in OFF state Note 3: High or low state. IOUT absolute maximum rating must be observed. Note 4: VOUT < GND, VOUT > VCC
Operating Ranges (Note 1)
Characteristics Power supply voltage Input voltage Output voltage Symbol VCC VIN VOUT Rating 2.0 to 3.6 1.5 to 3.6 0 to 5.5 0 to 5.5 0 to VCC
24 12 -40 to 85
Unit V V (Note 3) (Note 4) (Note 5) (Note 6) V
(Note 2)
Output current Operating temperature Input rise and fall time
IOH/IOL Topr dt/dv
mA C
0 to 10
(Note 7)
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. Note 2: Data retention only Note 3: Output in OFF state Note 4: High or low state Note 5: VCC = 3.0 to 3.6 V Note 6: VCC = 2.7 to 3.0 V Note 7: VIN = 0.8 to 2.0 V, VCC = 3.0 V
3
2007-10-19
TC74LCX573F/FT/FK
Electrical Characteristics
DC Characteristics (Ta = -40 to 85C)
Characteristics H-level L-level Symbol VIH VIL Test Condition

VCC (V) 2.7 to 3.6 2.7 to 3.6
Min 2.0
Max
Unit
Input voltage
V
0.8

IOH = -100 A H-level VOH VIN = VIH or VIL IOH = -12 mA IOH = -18 mA Output voltage IOH = -24 mA IOL = 100 A L-level VOL VIN = VIH or VIL IOL = 12 mA IOL = 16 mA IOL = 24 mA Input leakage current 3-state output OFF state current Power-off leakage current Quiescent supply current Increase in ICC per input IIN IOZ IOFF ICC
ICC
2.7 to 3.6 2.7 3.0 3.0 2.7 to 3.6 2.7 3.0 3.0 2.7 to 3.6 2.7 to 3.6 0 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6
VCC - 0.2 2.2 2.4 2.2

V
0.2 0.4 0.4 0.55
5.0 5.0 A A A
VIN = 0 to 5.5 V VIN = VIH or VIL VOUT = 0 to 5.5 V VIN/VOUT = 5.5 V VIN = VCC or GND VIN/VOUT = 3.6 to 5.5 V VIH = VCC - 0.6 V
10.0 10.0
10.0
A
500
4
2007-10-19
TC74LCX573F/FT/FK
AC Characteristics (Ta = -40 to 85C)
Characteristics Propagation delay time (D-Q) Propagation delay time (LE-Q) Output enable time Symbol tpLH tpHL tpLH tpHL tpZL tpZH tpLZ tpHZ tw (H) Test Condition VCC (V) 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 (Note) 2.7 3.3 0.3 Min
Max 9.0 8.0 9.5 8.5 9.5 8.5 7.0 6.5

Unit
Figure 1, Figure 2
1.5
ns
Figure 1, Figure 2
1.5
ns
Figure 1, Figure 3
1.5
ns
Output disable time Minimum pulse width (LE) Minimum setup time
Figure 1, Figure 3
1.5 3.3 3.3 2.5 2.5 1.5 1.5

ns
Figure 1, Figure 2
ns
ts
Figure 1, Figure 2
ns
Minimum hold time
th tosLH tosHL
Figure 1, Figure 2
ns
Output to output skew
1.0
ns
Note:
Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
Dynamic Switching Characteristics (Ta = 25C, input: tr = tf = 2.5 ns, CL = 50 pF, RL = 500 )
Characteristics Quiet output maximum dynamic VOL Quiet output minimum dynamic VOL Symbol Test Condition VIH = 3.3 V, VIL = 0 V VIH = 3.3 V, VIL = 0 V VCC (V) 3.3 3.3 Typ. 0.8 0.8 Unit V V
VOLP |VOLV|
Capacitive Characteristics (Ta = 25C)
Characteristics Input capacitance Output capacitance Power dissipation capacitance Symbol CIN COUT CPD fIN = 10 MHz Test Condition

VCC (V) 3.3 3.3 (Note) 3.3
Typ. 7 8 25
Unit pF pF pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC/8 (per bit)
5
2007-10-19
TC74LCX573F/FT/FK
AC Test Circuit
Open 6.0 V GND Measure
CL RL
Switch
RL
Parameter tpLH, tpHL tpLZ, tpZL tpHZ, tpZH tw, ts, th
Switch Open 6.0 V GND Open
Output
CL = 50 pF RL = 500
Figure 1 AC Waveform
tf 2.5 ns Input (LE) tr 2.5 ns Input (D) 90% 1.5 V 10% ts (H) Output (Q) th (H) ts (L) th (L) VOH 1.5 V tpLH tpHL 1.5 V tpHL tpLH VOL tr 2.5 ns 90% 1.5 V 10% tf 2.5 ns 2.7 V 1.5 V GND tw (H) 2.7 V 1.5 V GND
Figure 2 tpLH, tpHL, tw, ts, th
tr 2.5 ns Output Enable ( OE ) tpLZ Output (Q) Low to Off to Low tpHZ Output (Q) High to Off to High Outputs enabled
tf 2.5 ns 90% 1.5 V 10% tpZL 3.0 V 1.5 V VOL + 0.3 V VOH - 0.3 V tpZH VOL VOH 1.5 V GND Outputs disabled Outputs enabled 2.7 V GND
Figure 3 tpLZ, tpHZ, tpZL, tpZH 6 2007-10-19
TC74LCX573F/FT/FK
Package Dimensions
Weight: 0.22 g (typ.)
7
2007-10-19
TC74LCX573F/FT/FK
Package Dimensions
Weight: 0.08 g (typ.)
8
2007-10-19
TC74LCX573F/FT/FK
Package Dimensions
Weight: 0.03 g (typ.)
9
2007-10-19
TC74LCX573F/FT/FK
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
10
2007-10-19


▲Up To Search▲   

 
Price & Availability of TC74LCX573F07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X