Part Number Hot Search : 
MAX528 M52358VP SD1434 BDV65A ZMM5241 NF03L ISL6840 FTS2015
Product Description
Full Text Search
 

To Download TC74LCX257F07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74LCX257F/FN/FT
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LCX257F,TC74LCX257FN,TC74LCX257FT
Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
Note: xxxFN (JEDEC SOP) is not available in Japan.
The TC74LCX257 is a high-performance CMOS multiplexer. Designed for use in 3.3-V systems, it achieves high-speed operation while maintaining the CMOS low-power dissipation. The device is designed for low-voltage (3.3 V) VCC applications, but it could be used to interface to 5-V supply environment for inputs. It is composed of four independent 2-channel multiplexers with common select and OE . If OE is set low, the outputs are held in a high-impedance state. When SELECT is set low, "A" data inputs are enabled. Conversely, when SELECT is high, "B" data inputs are enabled. All inputs are equipped with protection circuits against static discharge.
TC74LCX257F
TC74LCX257FN
Features
* * * * * * * Low-voltage operation: VCC = 2.0 to 3.6 V High-speed operation: tpd = 6.0 ns (max) (VCC = 3.0 to 3.6 V) Output current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V) Latch-up performance: -500 mA Available in JEDEC SOP, JEITA SOP and TSSOP Power-down protection provided on all inputs and outputs Pin and function compatible with the 74 series (74AC/VHC/HC/F/ALS/LS etc.) 257 type
TC74LCX257FT
Weight SOP16-P-300-1.27A SOL16-P-150-1.27 TSSOP16-P-0044-0.65A
: 0.18 g (typ.) : 0.12 g (typ.) : 0.06 g (typ.)
1
2007-10-19
TC74LCX257F/FN/FT
Pin Assignment (top view) IEC Logic Symbol
(15) (1) (2) (3) (5) (6) (11) (10) (14) (13)
SELECT 1A 1B 1Y 2A 2B 2Y GND
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
VCC
OE
SELECT 1A 1B 2A 2B 3A 3B 4A 4B
EN G1
OE
4A 4B 4Y 3A 3B 3Y
1
1
MUX
(4) (7) (9) (12)
1Y
2Y 3Y 4Y
Truth Table
Inputs Outputs A X L H X X B X X X L H Y Z L H L H
OE
H L L L L
SELECT X L L H H
X: Don't care Z: High impedance
System Diagram
SELECT 1
1A 1B 2A 2B 3A 3B 4A 4B
2 3 5 6 11 10 14 13 12 4Y 9 3Y 7 2Y 4 1Y
OE
15
2
2007-10-19
TC74LCX257F/FN/FT
Absolute Maximum Ratings (Note 1)
Characteristics Power supply voltage DC input voltage Symbol VCC VIN Rating
-0.5 to 7.0 -0.5 to 7.0 -0.5 to 7.0 (Note 2)
Unit V V
DC output voltage
VOUT
-0.5 to VCC + 0.5
V
(Note 3) Input diode current Output diode current DC output current Power dissipation DC VCC/ground current Storage temperature IIK IOK IOUT PD ICC/IGND Tstg
-50 50 50
mA (Note 4) mA mA mW mA C
180
100 -65 to 150
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: Output in OFF state Note 3: High or low state. IOUT absolute maximum rating must be observed. Note 4: VOUT < GND, VOUT > VCC
Operating Ranges (Note 1)
Characteristics Power supply voltage Input voltage Output voltage Symbol VCC VIN VOUT Rating 2.0 to 3.6 1.5 to 3.6 (Note 2) 0 to 5.5 0 to 5.5 (Note 3) 0 to VCC (Note 4)
24 12 -40 to 85
Unit V V V
Output current Operating temperature Input rise and fall time
IOH/IOL Topr dt/dv
(Note 5) (Note 6)
mA C
0 to 10
(Note 7)
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. Note 2: Data retention only Note 3: Output in OFF state Note 4: High or low state Note 5: VCC = 3.0 to 3.6 V Note 6: VCC = 2.7 to 3.0 V Note 7: VIN = 0.8 to 2.0 V, VCC = 3.0 V
3
2007-10-19
TC74LCX257F/FN/FT
Electrical Characteristics
DC Characteristics (Ta = -40 to 85C)
Characteristics H-level L-level Symbol VIH VIL Test Condition

VCC (V) 2.7 to 3.6 2.7 to 3.6
Min 2.0
Max
Unit
Input voltage
V
0.8

IOH = -100 A H-level VOH VIN = VIH or VIL IOH = -12 mA IOH = -18 mA Output voltage IOH = -24 mA IOL = 100 A L-level VOL VIN = VIH or VIL IOL = 12 mA IOL = 16 mA IOL = 24 mA Input leakage current 3-state output OFF state current Power-off leakage current Quiescent supply current Increase in Icc per input IIN IOZ IOFF ICC
ICC
2.7 to 3.6 2.7 3.0 3.0 2.7 to 3.6 2.7 3.0 3.0 2.7 to 3.6 2.7 to 3.6 0 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6
VCC -0.2 2.2 2.4 2.2

V
0.2 0.4 0.4 0.55
5.0 5.0 A A A
VIN = 0 to 5.5 V VIN = VIH or VIL VOUT = 0 to 5.5 V VIN/VOUT = 5.5 V VIN = VCC or GND VIN/VOUT = 3.6 to 5.5 V VIH = VCC - 0.6 V
10.0 10.0
10.0
A
500
AC Characteristics (Ta = -40 to 85C)
Characteristics Propagation delay time (A, B-Y) Propagation delay time (SELECT-Y) Output enable time Symbol tpLH tpHL tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition VCC (V) 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 (Note) 2.7 3.3 0.3 Min
Max 6.5 6.0 8.5 7.0 8.5 7.0 6.0 5.5
Unit
Figure 1, Figure 2
1.5
ns
Figure 1, Figure 2
1.5
ns
Figure 1, Figure 3
1.5
ns
Output disable time
Figure 1, Figure 3
1.5

ns
Output to output skew
1.0
ns
Note:
Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
4
2007-10-19
TC74LCX257F/FN/FT
Dynamic Switching Characteristics (Ta = 25C, input: tr = tf = 2.5 ns, CL = 50 pF, RL = 500 )
Characteristics Quiet output maximum dynamic VOL Quiet output minimum dynamic VOL Symbol VOLP |VOLV| Test Condition VCC (V) VIH = 3.3 V, VIL = 0 V VIH = 3.3 V, VIL = 0 V 3.3 3.3 Typ. 0.8 0.8 Unit V V
Capacitive Characteristics (Ta = 25C)
Characteristics Input capacitance Output capacitance Power dissipation capacitance Symbol CIN COUT CPD fIN = 10 MHz Test Condition VCC (V)

Typ. 7 8 25
Unit pF pF pF
3.3 3.3 (Note) 3.3
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC
AC Test Circuit
Open 6.0 V GND Measure
CL RL
Switch
RL
Parameter tpLH, tpHL tpLZ, tpZL tpHZ, tpZH
Switch Open 6.0 V GND
Output
CL = 50 pF RL = 500
Figure 1 AC Waveform
tr 2.5 ns Input tf 2.5 ns 90% 1.5 V 10% 2.7 V GND VOH 1.5 V tpLH Inverting Output tpHL tpHL VOL VOH 1.5 V tpLH VOL
Non-Inverting Output
Figure 2 tpLH, tpHL
5
2007-10-19
TC74LCX257F/FN/FT
tr 2.5 ns Output Enable ( OE ) tpLZ Output (Y) Low to Off to Low tpHZ Output (Y) High to Off to High Outputs enabled tf 2.5 ns 90% 1.5 V 10% tpZL 3.0 V 1.5 V VOL + 0.3 V VOH - 0.3 V tpZH VOL VOH 1.5 V GND Outputs disabled Outputs enabled 2.7 V GND
Figure 3 tpLZ, tpHZ, tpZL, tpZH
6
2007-10-19
TC74LCX257F/FN/FT
Package Dimensions
Weight: 0.18 g (typ.)
7
2007-10-19
TC74LCX257F/FN/FT
Package Dimensions (Note)
Note: This package is not available in Japan. Weight: 0.12 g (typ.)
8
2007-10-19
TC74LCX257F/FN/FT
Package Dimensions
Weight: 0.06 g (typ.)
9
2007-10-19
TC74LCX257F/FN/FT
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
10
2007-10-19


▲Up To Search▲   

 
Price & Availability of TC74LCX257F07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X