Part Number Hot Search : 
45984 2N3665 D7840 ASM3P FAN5612 01Q32 P22NE0 300N0
Product Description
Full Text Search
 

To Download TC4020BP07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC4020BP/BF/BFN
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC4020BP,TC4020BF,TC4020BFN
TC4020B 14 Stage Ripple-Carry Binary Counter/Dividers
TC4020B is 14 stage ripple carry binary counter having asynchronous clear function. The counter advances its counting stage by falling edge of CLOCK input. When RESET input is placed "H", all the circuits are reset regardless of CLOCK input making all the outputs (Q1, Q4~Q14) to be "L". This is most suitable for frequency dividers, control circuits and timing circuits.
Note: xxxFN (JEDEC SOP) is not available in Japan. TC4020BP
Pin Assignment
TC4020BF
TC4020BFN
Truth Table
CLOCK
* RESET H L L Output State All Outputs = "L" No Change Advance to Next State
Weight DIP16-P-300-2.54A SOP16-P-300-1.27A SOL16-P-150-1.27
: 1.00 g (typ.) : 0.18 g (typ.) : 0.13 g (typ.)
: Level change *: Don't care
1
2007-10-01
TC4020BP/BF/BFN
Logic Diagram
Absolute Maximum Ratings (Note)
Characteristics DC supply voltage Input voltage Output voltage DC input current Power dissipation Operating temperature range Storage temperature range Symbol VDD VIN VOUT IIN PD Topr Tstg Rating VSS - 0.5~VSS + 20 VSS - 0.5~VDD + 0.5 VSS - 0.5~VDD + 0.5 10 300 (DIP)/180 (SOIC) -40~85 -65~150 Unit V V V mA mW C C
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Operating Ranges (VSS = 0 V) (Note)
Characteristics DC supply voltage Input voltage Symbol VDD VIN Test Condition Min 3 0 Typ. Max 18 VDD Unit V V
Note:
The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VDD or VSS.
2
2007-10-01
TC4020BP/BF/BFN
Static Electrical Characteristics (VSS = 0 V)
Characteristics Symbol Test Condition VDD (V) IOUT < 1 A VIN = VSS, VDD IOUT < 1 A VIN = VSS, VDD VOH = 4.6 V VOH = 2.5 V Output high current IOH VOH = 9.5 V VOH = 13.5 V VIN = VSS, VDD VOL = 0.4 V Output low current IOL VOL = 0.5 V VOL = 1.5 V VIN = VSS, VDD VOUT = 0.5 V, 4.5 V Input high voltage VIH VOUT = 1.0 V, 9.0 V VOUT = 1.5 V, 13.5 V IOUT < 1 A VOUT = 0.5 V, 4.5 V Input low voltage VIL VOUT = 1.0 V, 9.0 V VOUT = 1.5 V, 13.5 V IOUT < 1 A Input current "H" level "L" level IIH IIL VIH = 18 V VIL = 0 V VIN = VSS, VDD (Note) 18 18 5 10 15 0.1 -0.1 5 10 20 10- -10
5
-40C Min 4.95 9.95 14.95 -0.61 -2.50 -1.50 -4.00 Max 0.05 0.05 0.05 Min 4.95 9.95 14.95 -0.51 -2.10 -1.30 -3.40
25C Typ. 5.00 10.00 15.00 0.00 0.00 0.00 -1.0 -4.0 -2.2 -9.0 Max 0.05 0.05 0.05 Min
85C Max 0.05 0.05 0.05 mA V V Unit
5 10 15 5 10 15 5 5 10 15
4.95 9.95 14.95 -0.42 -1.70 -1.10 -2.80
High-level output voltage
VOH
Low-level output voltage
VOL
5 10 15
0.61 1.50 4.00

0.51 1.30 3.40
1.2 3.2 12.0

0.42 1.10 2.80
mA
5 10 15
3.5 7.0 11.0

3.5 7.0 11.0
2.75 5.50 8.25

3.5 7.0 11.0
V
5 10 15

1.5 3.0 4.0

2.25 4.50 6.75
1.5 3.0 4.0

1.5 3.0 4.0 V
0.1 -0.1 5 10 20

1.0 -1.0 150 300 600
-5
A
0.005 0.010 0.015
Quiescent supply current
IDD
A
Note: All valid input combinations.
3
2007-10-01
TC4020BP/BF/BFN
Dynamic Electrical Characteristics (Ta = 25C, VSS = 0 V, CL = 50 pF)
Characteristics Symbol Test Condition VDD (V) 5 tTLH 10 15 5 tTHL 10 15 5 tpLH 10 15 5 tpHL 10 15 5 tpLH 10 15 5 tpHL 10 15 5 tpHL 10 15 5 Max clock frequency fCL 10 15 Min clock pulse width (RESET) 5 tW 10 15 5 Min pulse width tW 10 15 Min removal time (RESET- CLOCK ) 5 trem 10 15 trCL tfCL CIN 5 10 15 5 7.5 pF No limit s Min 3.5 8.0 12.0 Typ. 70 35 30 70 35 30 160 80 65 160 80 65 1000 500 400 1000 500 400 150 70 50 10 20 25 50 20 15 100 40 30 Max 200 100 80 200 100 80 360 160 130 360 160 130 2000 1000 800 2000 1000 800 280 120 100 140 60 40 200 80 60 350 150 100 ns ns ns MHz ns ns ns ns ns ns ns Unit
Output transition time (low to high)
Output transition time (high to low)
Propagation delay time ( CLOCK -Q1)
Propagation delay time ( CLOCK -Q1)
Propagation delay time ( CLOCK -Q14)
Propagation delay time ( CLOCK -Q14)
Propagation delay time (RESET-Q)
Max clock input rise time Max clock input fall time Input capacitance
4
2007-10-01
TC4020BP/BF/BFN
Operating Supply Current Test Circuit
Waveform 1
Waveform 2
5
2007-10-01
TC4020BP/BF/BFN
Package Dimensions
Weight: 1.00 g (typ.)
6
2007-10-01
TC4020BP/BF/BFN
Package Dimensions
Weight: 0.18 g (typ.)
7
2007-10-01
TC4020BP/BF/BFN
Package Dimensions (Note)
Note: This package is not available in Japan. Weight: 0.13 g (typ.)
8
2007-10-01
TC4020BP/BF/BFN
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
9
2007-10-01


▲Up To Search▲   

 
Price & Availability of TC4020BP07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X