Part Number Hot Search : 
GB356P LT1055CH HER306 2SD17 68000 ST333C MAX9254 ST333C
Product Description
Full Text Search
 

To Download TC4017BP07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC4017BP/BF
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC4017BP,TC4017BF
TC4017BP/TC4017BF Decade Counter/Divider
TC4017BP/BF is decimal Johnson counter consisting of 5 stage D-type flip-flop equipped with the decoder to convert the output to decimal. Depending on the number of count pulses fed to CLOCK or CLOCK INHIBIT one output among 10 output lines "Q0" through "Q9" becomes "H" level. The counter advances its state at rising edge of CLOCK (CLOCK INHIBIT = "L") or falling edge of CLOCK INHIBIT (CLOCK = "H"). RESET input to "H" level resets the counter to Q0 = "H" and Q1 through Q9 = "L" regardless of CLOCK and CLOCK INHIBIT.
TC4017BP
TC4017BF
Pin Assignment
Weight DIP16-P-300-2.54A SOP16-P-300-1.27A
: 1.00 g (typ.) : 0.18 g (typ.)
Truth Table
Inputs CLOCK * * L CLOCK INHIBIT * H * L L H H RESET H L L L L L L Selected Output Q0 Qn (NC) Qn (NC)
Qn + 1 Qn (NC) Qn (NC) Qn + 1
: Level change *: Don't care NC: No change carry out "H"........... Q0~Q4 = "H" "L" ........... Q5~Q9 = "H"
1
2007-10-01
TC4017BP/BF
Logic Diagram
Timing Chart
2
2007-10-01
TC4017BP/BF
Absolute Maximum Ratings (Note)
Characteristics DC supply voltage Input voltage Output voltage DC input current Power dissipation Operating ambient temperature range Storage temperature range Symbol VDD VIN VOUT IIN PD Topr Tstg Rating VSS - 0.5~VSS + 20 VSS - 0.5~VDD + 0.5 VSS - 0.5~VDD + 0.5 10 300 (DIP)/180 (SOIC) -40~85 -65~150 Unit V V V mA mW C C
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Operating Ranges (VSS = 0 V) (Note)
Characteristics DC supply voltage Input voltage Symbol VDD VIN Test Condition Min 3 0 Typ. Max 18 VDD Unit V V
Note:
The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VDD or VSS.
3
2007-10-01
TC4017BP/BF
Static Electrical Characteristics (VSS = 0 V)
Characteristics Symbol Test Condition VDD (V) IOUT < 1 A VIN = VSS, VDD IOUT < 1 A VIN = VSS, VDD VOH = 4.6 V VOH = 2.5 V Output high current IOH VOH = 9.5 V VOH = 13.5 V VIN = VSS, VDD VOL = 0.4 V Output low current IOL VOL = 0.5 V VOL = 1.5 V VIN = VSS, VDD VOUT = 0.5 V, 4.5 V Input high voltage VIH VOUT = 1.0 V, 9.0 V VOUT = 1.5 V, 13.5 V IOUT < 1 A VOUT = 0.5 V, 4.5 V Input low voltage VIL VOUT = 1.0 V, 9.0 V VOUT = 1.5 V, 13.5 V IOUT < 1 A Input current "H" level "L" level IIH IIL VIH = 18 V VIL = 0 V VIN = VSS, VDD (Note) 18 18 5 10 15 0.1 -0.1 5 10 15 10- -10
5
-40C Min 4.95 9.95 14.95 -0.61 -2.50 -1.50 -4.00 Max 0.05 0.05 0.05 Min 4.95 9.95 14.95 -0.51 -2.10 -1.30 -3.40
25C Typ. 5.00 10.00 15.00 0.00 0.00 0.00 -1.0 -4.0 -2.2 -9.0 Max 0.05 0.05 0.05 Min
85C Max 0.05 0.05 0.05 mA V V Unit
5 10 15 5 10 15 5 5 10 15
4.95 9.95 14.95 -0.42 -1.70 -1.10 -2.80
High-level output voltage
VOH
Low-level output voltage
VOL
5 10 15
0.61 1.50 4.00

0.51 1.30 3.40
1.5 3.8 15.0

0.42 1.10 2.80
mA
5 10 15
3.5 7.0 11.0

3.5 7.0 11.0
2.75 5.50 8.25

3.5 7.0 11.0
V
5 10 15

1.5 3.0 4.0

2.25 4.50 6.75
1.5 3.0 4.0

1.5 3.0 4.0 V
0.1 -0.1 5 10 20

1.0 -1.0 150 300 600
-5
A
0.005 0.010 0.015
Quiescent supply current
IDD
A
Note: All valid input combinations.
4
2007-10-01
TC4017BP/BF
Dynamic Electrical Characteristics (Ta = 25C, VSS = 0 V, CL = 50 pF)
Characteristics Symbol Test Condition VDD (V) 5 tTLH 10 15 5 tTHL 10 15 tpLH tpHL 5 10 15 5 10 15 5 10 15 5 Max clock frequency fCL 10 15 5 Min clock pulse width tW 10 15 Min pulse width (RESET) 5 tWH 10 15 trCL tfCL 5 10 15 5 tSU 10 15 5 trem 10 15 CIN 30 15 10 -55 -20 -15 5 230 100 70 400 275 150 7.5 pF ns ns No limit s Min 2.5 5.0 6.7 Typ. 80 50 40 80 50 40 325 135 85 280 110 75 265 115 85 6.0 12.0 13.5 85 40 35 50 20 15 Max 200 100 80 200 100 80 650 270 170 600 250 160 530 230 170 200 90 60 260 110 60 ns ns MHz ns ns ns ns ns Unit
Output transition time (low to high)
Output transition time (high to low)
Propagation delay time (CLOCK-Qn)
Propagation delay time (CLOCK-CARRY OUT) Propagation delay time RESET-Qn RESET-CARRY OUT
tpLH tpHL
tpLH tpHL
Max clock rise time Max clock fall time
Min set-up time (CLOCK INHIBIT-CLOCK)
Min removal time (RESET-CLOCK) Input capacitance
5
2007-10-01
TC4017BP/BF
Waveforms for Measurement of Dynamic Characteristics
Waveform 1
Waveform 2
Waveform 3
6
2007-10-01
TC4017BP/BF
Package Dimensions
Weight: 1.00 g (typ.)
7
2007-10-01
TC4017BP/BF
Package Dimensions
Weight: 0.18 g (typ.)
8
2007-10-01
TC4017BP/BF
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
9
2007-10-01


▲Up To Search▲   

 
Price & Availability of TC4017BP07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X