Part Number Hot Search : 
BY396 368017 AS1107 OM5329RC 2SB772 PEB2023 16LV8 K1528BA
Product Description
Full Text Search
 

To Download TA48M025F07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TA48M025,03,033,0345,04,05F
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA48M025F,TA48M03F,TA48M033F, TA48M0345F,TA48M04F,TA48M05F
2.5 V, 3 V, 3.3 V, 3.45 V, 4 V, 5 V Three-Terminal Low Dropout Voltage Regulator
The TA48M**F series consists of fixed-positive-output, low dropout regulators with an output current of 500 mA (max). In response to the need for low voltage devices, the series offers devices with low output voltages of 2.5 V, 3 V, 3.3 V, 3.45 V, and 4 V, which are not included in the existing TA78DM**S series (0.5 A low dropout).
TA48M**F (S)
Features
* * * * Maximum output current of 0.5 A Low standby current: 0.8 mA (typ.) Low dropout voltage: 0.65 V (max) @IOUT = 0.5 A Protection function: overheat/overcurrent/overvoltage/reversed power supply connections. PW-Mold package: Surface-mount type for reflow soldering is also supported. Weight HSIP3-P-2.30B: 0.36 g (typ.) HSOP3-P-2.30A: 0.36 g ( typ.)
TA48M**F (LBS1, S) (TE16L, S)
*
Pin Assignment
Marking side 1 IN 3 HEATSINK 2
GND OUT
Marking
3
48M**F
Product No. (or abbreviation code) Lot No. A line indicates lead (Pb)-free package or lead (Pb)-free finish.
1
3
2
1
2007-03-16
TA48M025,03,033,0345,04,05F
Ordering Method (Note 1)
Product Name 1 2 TA48M**F (S) TA48M**F (LBS1, S) Package (Lead Type) PW-Mold: Straight lead PW-Mold: Surface-mount Packing Form Sack (200 pcs./sack) Stick (100 pcs. max) Tape (700 pcs./reel)
TA48M**F (TE16L, S) PW-Mold: Surface-mount
Note 1: The "**" in each pro-forma product name is replaced with the output voltage of each product. For example: for 3 V, "TA48M03F"
Block Diagram
Input 1 Short protection Output 2 Overvoltage/ thermal shut down protection
GND 3
Absolute Maximum Ratings (Ta = 25C)
Characteristics Input voltage Output current Power dissipation Operating temperature Storage temperature Junction temperature Thermal resistance (Ta = 25C) (Tc = 25C) Symbol VIN IOUT PD Topr Tstg Tj Rth (j-c) Rth (j-a) Rating 29 0.5 1 10 -40 to 85 -55 to 150 150 12.5 125 Unit V A W C C C C/W
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Protection Function
Characteristics Overvoltage Overheat Symbol VIN Tj Min 29 Typ. 33 175 Max Unit V C
2
2007-03-16
TA48M025,03,033,0345,04,05F
TA48M025F
Electrical Characteristics
Characteristics
(unless otherwise specified, VIN = 4.5 V, IOUT = 250 mA, Tj = 25C, CIN = 0.1 F, COUT = 10 F)
Symbol Test Circuit Output voltage VOUT Quiescent current IB Output noise voltage Ripple rejection Dropout voltage Peak circuit current Short circuit current VNO R.R. VD IPEAK ISC Test Condition 3.5 V VIN 16 V, 5 mA IOUT 500 mA, 0C Tj 125C 3.5 V VIN 16 V 5 mA IOUT 500 mA 3.5 V VIN 16 V, IOUT = 0 mA 3.5 V VIN 16 V, IOUT = 250 mA 10 Hz f 100 kHz, IOUT = 50 mA f = 120 Hz, 3.5 V VIN 16 V, IOUT = 50 mA IOUT = 250 mA IOUT = 500 mA Min 2.4 2.375 62 0.60 0.60 Typ. 2.5 2.5 7 45 0.8 12 72 72 0.17 0.35 1.15 1.15 Max 2.6 2.625 18 90 1.4 mA 25 0.35 0.65 1.40 1.40 Vrms dB V A A V Unit
Line regulation Load regulation
Reg*line Reg*load
mV mV
TA48M03F
(unless otherwise specified, VIN = 5 V, IOUT = 250 mA, Tj = 25C, CIN = 0.1 F, COUT = 10 F)
Characteristics Symbol Test Circuit Output voltage VOUT Quiescent current IB Output noise voltage Ripple rejection Dropout voltage Peak circuit current Short circuit current VNO R.R. VD IPEAK ISC Test Condition 4 V VIN 16 V, 5 mA IOUT 500 mA, 0C Tj 125C 4 V VIN 16 V 5 mA IOUT 500 mA 4 V VIN 16 V, IOUT = 0 mA 4 V VIN 16 V, IOUT = 250 mA 10 Hz f 100 kHz, IOUT = 50 mA f = 120 Hz, 4 V VIN 16 V, IOUT = 50 mA IOUT = 250 mA IOUT = 500 mA Min 2.88 2.85 60 0.60 0.60 Typ. 3.0 3.0 8 45 0.8 12 90 70 0.17 0.35 1.20 1.20 Max 3.12 3.15 21 95 1.4 mA 25 0.35 0.65 1.45 1.45 Vrms dB V A A V Unit
Electrical Characteristics
Line regulation Load regulation
Reg*line Reg*load
mV mV
3
2007-03-16
TA48M025,03,033,0345,04,05F
TA48M033F
Electrical Characteristics
Characteristics
(unless otherwise specified, VIN = 5.3 V, IOUT = 250 mA, Tj = 25C, CIN = 0.1 F, COUT = 10 F)
Symbol Test Circuit Output voltage VOUT Quiescent current IB Output noise voltage Ripple rejection Dropout voltage Peak circuit current Short circuit current VNO R.R. VD IPEAK ISC Test Condition 4.3 V VIN 16 V, 5 mA IOUT 500 mA, 0C Tj 125C 4.3 V VIN 16 V 5 mA IOUT 500 mA 4.3 V VIN 16 V, IOUT = 0 mA 4.3 V VIN 16 V, IOUT = 250 mA 10 Hz f 100 kHz, IOUT = 50 mA f = 120 Hz, 4.3 V VIN 16 V, IOUT = 50 mA IOUT = 250 mA IOUT = 500 mA Min 3.168 3.135 60 0.60 0.60 Typ. 3.3 3.3 10 45 0.8 12 90 70 0.17 0.35 1.20 1.20 Max 3.432 3.465 23 105 1.4 mA 25 0.35 0.65 1.45 1.45 Vrms dB V A A V Unit
Line regulation Load regulation
Reg*line Reg*load
mV mV
TA48M0345F
Electrical Characteristics
Characteristics
(unless otherwise specified, VIN = 5.45 V, IOUT = 250 mA, Tj = 25C, CIN = 0.1 F, COUT = 10 F)
Symbol Test Circuit Output voltage VOUT Quiescent current IB Output noise voltage Ripple rejection Dropout voltage Peak circuit current Short circuit current VNO R.R. VD IPEAK ISC Test Condition 4.45 V VIN 16 V, 5 mA IOUT 500 mA, 0C Tj 125C 4.45 V VIN 16 V 5 mA IOUT 500 mA 4.45 V VIN 16 V, IOUT = 0 mA 4.45 V VIN 16 V, IOUT = 250 mA 10 Hz f 100 kHz, IOUT = 50 mA f = 120 Hz, 4.45 V VIN 16 V, IOUT = 50 mA IOUT = 250 mA IOUT = 500 mA Min 3.312 3.278 60 0.60 0.60 Typ. 3.45 3.45 12 45 0.8 12 90 70 0.17 0.35 1.20 1.20 Max 3.588 3.622 25 110 1.4 mA 25 0.35 0.65 1.45 1.45 Vrms dB V A A V Unit
Line regulation Load regulation
Reg*line Reg*load
mV mV
4
2007-03-16
TA48M025,03,033,0345,04,05F
TA48M04F
Electrical Characteristics
Characteristics
(unless otherwise specified, VIN = 6 V, IOUT = 250 mA, Tj = 25C, CIN = 0.1 F, COUT = 10 F)
Symbol Test Circuit Output voltage VOUT Quiescent current IB Output noise voltage Ripple rejection Dropout voltage Peak circuit current Short circuit current VNO R.R. VD IPEAK ISC Test Condition 5 V VIN 16 V, 5 mA IOUT 500 mA, 0C Tj 125C 5 V VIN 16 V 5 mA IOUT 500 mA 5 V VIN 16 V, IOUT = 0 mA 5 V VIN 16 V, IOUT = 250 mA 10 Hz f 100 kHz, IOUT = 50 mA f = 120 Hz, 5 V VIN 16 V, IOUT = 50 mA IOUT = 250 mA IOUT = 500 mA Min 3.84 3.8 58 0.60 0.60 Typ. 4.0 4.0 11 45 0.9 13 110 68 0.17 0.35 1.25 1.25 Max 4.16 4.2 28 115 1.4 mA 25 0.35 0.65 1.50 1.50 Vrms dB V A A V Unit
Line regulation Load regulation
Reg*line Reg*load
mV mV
TA48M05F
Electrical Characteristics
Characteristics
(unless otherwise specified, VIN = 7 V, IOUT = 250 mA, Tj = 25C, CIN = 0.1 F, COUT = 10 F)
Symbol Test Circuit Output voltage VOUT Quiescent current IB Output noise voltage Ripple rejection Dropout voltage Peak circuit current Short circuit current VNO R.R. VD IPEAK ISC Test Condition 6 V VIN 18 V, 5 mA IOUT 500 mA, 0C Tj 125C 6 V VIN 18 V 5 mA IOUT 500 mA 6 V VIN 18 V, IOUT = 0 mA 6 V VIN 18 V, IOUT = 250 mA 10 Hz f 100 kHz, IOUT = 50 mA f = 120 Hz, 6 V VIN 18 V, IOUT = 50 mA IOUT = 250 mA IOUT = 500 mA Min 4.8 4.75 58 0.60 0.60 Typ. 5.0 5.0 15 50 1.0 13 125 68 0.17 0.35 1.30 1.30 Max 5.2 5.25 35 135 1.4 mA 25 0.35 0.65 1.55 1.55 Vrms dB V A A V Unit
Line regulation Load regulation
Reg*line Reg*load
mV mV
5
2007-03-16
TA48M025,03,033,0345,04,05F
Standard Application Circuit
VIN 0.1 F CIN 1 TA48M**F 3 2 COUT VOUT
Be sure to connect a capacitor near the input terminal and output terminal between both terminals and GND. The capacitances should be determined experimentally. In particular, adequate investigation should be made so that there is no problem even in high or low temperatures. Note: Depending on the type of capacitor being used to connect to the output, characteristics (capacitance, frequency and others) may decline and the output may oscillate. To prevent this, Toshiba recommends a tantalum electrolytic capacitor that has a small fluctuation in capacitance characteristics.
Over 33 F
6
2007-03-16
TA48M025,03,033,0345,04,05F
7
2007-03-16
TA48M025,03,033,0345,04,05F
8
2007-03-16
TA48M025,03,033,0345,04,05F
9
2007-03-16
TA48M025,03,033,0345,04,05F
Package Dimensions
Weight: 0.36 g (typ.)
1.70.2
10
2007-03-16
TA48M025,03,033,0345,04,05F
Package Dimensions
HSOP3-P-2.30A
Weight: 0.36 g (typ.)
11
2007-03-16
TA48M025,03,033,0345,04,05F
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
12
2007-03-16


▲Up To Search▲   

 
Price & Availability of TA48M025F07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X