Part Number Hot Search : 
ICL32 NAC3MX 1N4937 B1357 MX431 C2371 ST72F PSD4850
Product Description
Full Text Search
 

To Download TA2030FN02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TA2030FN
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2030FN
TV / FM System F / E (1.5V USE)
The TA2030FN is a TV / FM system front end IC, which is developed for headphone radio in 1.5V use. It is built in FM F / E and TV F / E (japanese VHF band).
Features
* Built-in FM F / E and TV F / E FM mode: 75~109MHz TV mode: 175~225MHz * * * * * * * Suitable for combination with digital tuning system. Built-in power switch Built-in FM / TV switch Built-in IF amplifier Built-in OSC buffer circuit Improved inter-modulation characteristics by double balanced type mixer circuit. Supply current (VCC = 1.2V, Ta = 25C) FM mode: ICC = 4.4mA (typ.) TV mode: ICC = 6.3mA (typ.) * Operating supply voltage range (Ta = 25C) VCC (opr) = 0.95~4V Weight: 0.09g (typ.)
1
2002-10-30
TA2030FN
Block Diagram
2
2002-10-30
TA2030FN
Terminal Explanation Terminal Voltage: Typical Terminal Voltage at no Signal with Test Circuit. (VCC = 1.2V,
Terminal No. 1 Terminal Name Terminal Voltage(V) FM Input of TV RF signal (common-base type) By-pass terminal of TV RF and MIX (radiation is lightened by connected capacitor.) TV RF tuning circuit is connected. TV 0.1
Ta = 25C)
Function
Internal Circuit
TV IN
2
TV BY
0.7
15
TV RF
1.2
1.2
3
RF GND
By-pass terminal of FM RF and MIX (radiation is lightened by connected capacitor.) Input of FM RF signal (common-base type)
0
0
4
FM BY
0.7
5
FM IN
0.1
14
FM RF
FM RF tuning circuit is connected.
1.2
1.2
Mode switch VCC: TV mode OPEN / GND: FM mode 6 MODE SW 0 1.2
Power switch VCC: Power on OPEN / GND: Power off 7 PW SW 1.2 1.2
8
IF OUT
Output of TV / FM IF signal. Output impedance 330 (typ.)
1.1
1.1
MIX coil is connected. 9 MIX OUT 1.2 1.2
3
2002-10-30
TA2030FN
Terminal No. Terminal Name Terminal Voltage(V) FM TV
Function
Internal Circuit
10
OSC OUT
Output of OSC buffer circuit.
1.1
1.1
11
FM OSC
FM OSC tank circuit is connected. (colpitts type oscillator)
1.2
1.2
12
TV OSC
TV OSC tank circuit is connected. (colpitts type oscillator)
1.2
1.2
13 16
VCC GND
VCC GND(except RF part)
1.2 0
1.2 0
Application Note
1. PW SW It is necessary to connect an external pull-down resistor with the terminal PW SW (pin(7)), in case that this IC is turned on due to external noise etc. 2. MODE SW It is necessary to connect an external pull-down resistor with the terminal MODE SW (pin(6)), in case that this IC doesn't operate normally due to external noise etc. 3. RF GND This IC has two GND terminals (pin(3): RF GND, pin(16): GND). External parts shown in below should be connected with RF GND (pin(3)), and other parts should be connected with GND (pin(16)). By-pass capacitor at pin(14) (FM RF) and pin(15) (TV RF) By-pass capacitor at pin(4) (FM BY) and pin(2) (TV BY) The pattern diagram of capacitor connected with pin(2) and pin(4) should be shortly, because RF circuit and MIX circuit operate on the voltage of pin(2) or pin(4).
4
2002-10-30
TA2030FN
Maximum Ratings (Ta = 25C)
Characteristic Supply voltage Power dissipation Operating temperature Storage temperature (Note) Symbol VCC PD Topr Tstg Rating 4.5 400 -25~75 -55~150 Unit V mW C
(Note) Derated above Ta = 25C in the proportion of 3.2mW / C
Electrical Characteristics Unless Otherwise Specified, VCC = 1.2V, Ta = 25C, fFM = 92MHz, fTV = 200MHz f = 22.5kHz, fm = 1kHz, SW 2 : b
Characteristic Symbol ICC1 Supply current ICC2 ICC3 Conversion gain Local oscillator voltage FM OSC buffer output voltage Local oscillator stop voltage Conversion gain Local oscillator voltage TV OSC buffer output voltage Local oscillator stop voltage Power on current Power off voltage TV mode on current FM mode on voltage GC1 VOSC1 VBUF1 VSTP1 GC2 VOSC2 VBUF2 VSTP2 I7 V7 1 I6 V6 d c a a VCC = 0.95V, V2 0.2 V SW 2: d V4 0.4 V VCC = 0.95V, V2 0.2 V SW 2: c V4 0.2 V VCC = 0.95V, V2 0.4 V V4 0.2 V VCC = 0.95V, V2 0.2 V V4 0.4 V 3 b fosc = 165MHz 2 Vin = 65dBV EMF 3 a fosc = 65MHz 2 1 Test Circuit SW 1 Test Condition IC OFF, SW2: a Vin < -20bBV EMF Vin = 65dBV EMF FM mode TV mode Min. 29 25 5 0 5 0 Typ. 0.1 4.4 6.3 33 360 50 0.89 29 180 22 0.86 Max. 5 6.6 9.5 mVrms 0.95 mVrms 0.95 0.3 0.3 V A V A V V dB Unit A mA dB
a b
5
2002-10-30
TA2030FN
Test Circuit 1
Test Circuit 2
GC(dB) = 20og VIF(Vrms) - (Vin(dBV EMF) -6dB) TV / FM Separator: GTVS05(SOSHIN ELECTRIC CO., LTD.)
6
2002-10-30
TA2030FN
Test Circuit 3
Coil Data (test circuit)
Coil No. L1 TV RF L2 FM RF L3 TV OSC L4 FM OSC T FM IFT Test Freq. 100MHz 100MHz 100MHz 100MHz 10.7MHz C0 (pF) 82 Q0 55 90 55 90 45 1 1 Turns 1-3 1/4 1/4 18 3 3 1-4 1/2 1/2 Wire (mmf) 0.5UEW 0.5UEW 0.5UEW 0.5UEW 0.09UEW Reference (S) 0258-250 (S) 0258-238 (S) 0258-250 (S) 0258-238 (S) 4162-083A
(S) : Sumida electric CO., LTD
7
2002-10-30
TA2030FN
8
2002-10-30
TA2030FN
9
2002-10-30
TA2030FN
Weight : 0.09g (typ.)
10
2002-10-30
TA2030FN
RESTRICTIONS ON PRODUCT USE
000707EBA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The products described in this document are subject to the foreign exchange and foreign trade laws. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
11
2002-10-30


▲Up To Search▲   

 
Price & Availability of TA2030FN02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X