|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPA-0701-25 Features * * * * * Frequency Range 1 - 650 MHz Low Cost Industry Standard SMT package Available in Tape-and -Reel 50 Ohms Characteristic Impedance The SPA-0701-25 is a 0 In-phase two way power splitter designed for applications that require small, low cost and highly reliable surface mount components. Applications may be found in broadband, wireless and other communications systems. S-Parameters are available on request. SURFACE MOUNT 2-WAY SPLITTER Description Specifications Parameter Frequency Range (MHz) Insertion Loss (dB) Isolation (dB) Return Loss (dB) Amplitude Balance (dB) Phase Balance (Degrees) 18 Minimum 1 0.4 25 20 0.1 1.0 14 0.3 3.0 Typical Maximum 650 1.0 Absolute Maximum Ratings Parameter RF Power Operating Temperature Storage Temperature Re-flow Temperature Maximum +33 dBm -55 to +100 C -55 to +100 C + 240 C Note: Typical values represent Mid-band performance @ 25. Schematic Package - S06 Pin Functions Function INPUT OUTPUT 1 OUTPUT 2 GROUND Pin 1 3 4 2,5,6 Typical Test Data - Insertion Loss and Amplitude Balance Typical Test Data - Return Loss and Output Isolation Insertion Loss and Am plitude Balance -3 - 3.2 - 3.4 dB - 3.6 - 3.8 -4 1 66 131 196 261 326 390 455 520 585 650 S21 S31 -10 -15 - 20 - 25 dB - 30 - 35 - 40 - 45 - 50 1 66 Return Loss and Isolation S11 S22 S33 S32 131 196 261 326 390 455 520 585 650 Frequency (MHz) Specifications and information on this data sheet are subject to change without notice.. 1860 Hartog Drive, San Jose, California 95131 USA Leffelholzstr. 20, D-90441, Nurnberg, Germany 2/1-2F, No.99 Lane 2535 Gudai Rd, Shanghai, China PC 201100 Tel: 001-408-436-7720 Tel: +49(0)911/9411 233 Tel: (86)21-5416-8648 Frequency (MHz) Fax: 001-408-436-7689 Fax: +49(0)911/9411 198 Fax: (86)21-5416-8753 Email: Sales@premierdevices.com Email: Sales.germany@premierdevices.com Email: Sales.china@premierdevices.com |
Price & Availability of SPA-0701-25 |