Part Number Hot Search : 
NH050 8030B C100EP CM1638 07910 TDA1170N FN1174 29GL128
Product Description
Full Text Search
 

To Download SP-75-75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 7 5 W S i n g l e O u75WSingleOutputwithPFCFunction t put with PFC Function
sp S P --7755 ss eirei e s er s

SPECIFICATION
MODEL DCVOLTAGE RATEDCURRENT CURRENTRANGE RATEDPOWER OUTPUT VOLTAGE ADJ.RANGE VOLTAGETOLERANCE Note.3 LINEREGULATION LOADREGULATION SETUP,RISETIME HOLDTIME (Typ.) VOLTAGERANGE FREQUENCY RANGE POWERFACTOR (Typ.) INPUT EFFICIENCY (Typ.) ACCURRENT (Typ.) INRUSHCURRENT (Typ.) LEAKAGECURRENT OVERLOAD SP-75-3.3 3.3V 15A 0~15A 49.5W SP-75-5 5V 15A 0~15A 75W 80mVp-p 2.0% 0.5% 1.0% SP-75-7.5 7.5V 10A 0~10A 75W 80mVp-p 2.0% 0.5% 1.0% SP-75-12 12V 6.3A 0~6.3A 75.6W 80mVp-p 2.0% 0.5% 0.5% SP-75-13.5 13.5V 5.6A 0~5.6A 75.6W 80mVp-p 2.0% 0.5% 0.5% SP-75-15 15V 5A 0~5A 75W 80mVp-p 2.0% 0.5% 0.5% SP-75-24 24V 3.2A 0~3.2A 76.8W 100mVp-p 1.0% 0.5% 0.5% SP-75-27 27V 2.8A 0~2.8A 75.6W 100mVp-p 1.0% 0.5% 0.5% SP-75-48 48V 1.6A 0~1.6A 76.8W 100mVp-p 1.0% 0.5% 0.5%
RIPPLE&NOISE(max.) Note.2 80mVp-p 2.0% 0.5% 1.0%
3.14~3.63V 4.75~5.5V
7.13~8.25V 11.4~13.2V 12.8~14.9V 14.3~16.5V 22.8~26.4V 25.7~29.7V 45.6~52.8V
600ms,60msatfullload 36msatfullload
Note.5 85~264VAC120~370VDC
47~63Hz PF>0.93/230VAC0.96/115VACatfullload 68% 72% 74% 77% 78% 79% 80% 80% 80% 1.3A/115VAC0.7A/230VAC COLDSTART 30A/230VAC <2mA /240VAC
105~150% ratedoutputpower Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved PROTECTION 3.8~4.46V 5.75~6.75V 8.63~10.13V 13.8~16.2V 15.53~18.23V 17.25~20.25V 27.6~32.4V 31.05~36.45V 55.2~64.8V OVERVOLTAGE Protectiontype:Shutdowno/pvoltage,re-powerontorecover FUNCTION REMOTECONTROL(OPTION) CN3:4~10VDCPOWEROFF,<0~0.8VDCPOWERON -10~+60 (Refertooutputloadderatingcurve) WORKINGTEMP. WORKINGHUMIDITY ENVIRONMENT STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTANDVOLTAGE SAFETY & ISOLATIONRESISTANCE EMC
(Note4)
20~90%RHnon-condensing -20~+85 ,10~95%RH 0.05%/ (0~50 10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes UL60950-1, TUVEN60950-1 Approved I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC CompliancetoEN55022(CISPR22)ClassB Complianceto EN61000-3-2,-3 CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,Lightindustrylevel,criteria A 208.8Khrsmin.MIL-HDBK-217F(25 ) 179*97*33mm(L*W*H) 0.58Kg;20pcs/12Kg/0.64CUFT
EMICONDUCTION&RADIATION HARMONICCURRENT EMSIMMUNITY MTBF DIMENSION PACKING
OTHERS
NOTE

WWW.AsTRODYNE.COM
300 Myles standish Blvd., Taunton, MA 02780 ph: 1-800-823-8082 Fax: 508-823-8181
FileName:SP-75-SPEC2005-09-13
7 5 W S i n g l e O u75WSingleOutputwithPFCFunction t put with PFC Function
MechanicalSpecification
sp S P --7755 ss eirei e s er s
CaseNo.920A Unit:mm
60
65
CN3 ADJ. LED
1 2
1 2
8
9.5
3 4 5
2-M4L=4mm
4-M4L=6mm 8
49.5 17
99
117 179
25
Terminalpinnumberassignment:
PinNo. 1 2 Assignment DCOUTPUT +V DCOUTPUT -V PinNo. 3 4,5 Assignment FG ACINPUT
RemoteON/OFF(CN3):Molex5046-02 orequivalent(optional)
PinNo. 1 2 Assignment RCRC+ MatingHousing Molex5051 orequivalent Terminal Molex2759 orequivalent
DeratingCurve
OutputDeratingVSInputVoltage
Ta=25
(For3.3V,5V,7.5Vtype)
100
(1)
With18CFM Forced AIR
100 90 80
80
60
(1)For12Voutputorabove
70
LOAD(%)
LOAD(%)
40
60 50 40
20
-10
0
10
20
30
40
50
60
70
85
100
115
135
155
32.5
230
33
18
264
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
WWW.AsTRODYNE.COM
300 Myles standish Blvd., Taunton, MA 02780 ph: 1-800-823-8082 Fax: 508-823-8181
FileName:SP-75-SPEC2005-09-13


▲Up To Search▲   

 
Price & Availability of SP-75-75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X