Part Number Hot Search : 
LBN8005A OPI2152 BDY27 MK316B A2000 RTL810 BCR16 02600
Product Description
Full Text Search
 

To Download SP-480-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 480WSingleOutputwithPFCFunction 4 8 0 W S i n g l e O u t put with PFC Function
S P - 4 8 0 series s p - 4 8 0 series
3
SPECIFICATION
MODEL DCVOLTAGE RATEDCURRENT CURRENTRANGE RATEDPOWER PEAKLOAD(10min.) OUTPUT VOLTAGE ADJ.RANGE VOLTAGETOLERANCE Note.3 LINEREGULATION LOADREGULATION SETUP,RISETIME HOLDTIME (Typ.) VOLTAGERANGE FREQUENCY RANGE POWERFACTOR (Typ.) INPUT EFFICIENCY (Typ.) ACCURRENT (Typ.) INRUSHCURRENT (Typ.) LEAKAGECURRENT OVERLOAD PROTECTION OVERVOLTAGE OVERTEMPERATURE Note.4 FUNCTION REMOTECONTROL WORKINGTEMP. WORKINGHUMIDITY ENVIRONMENT STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTANDVOLTAGE SP-480-3.3 3.3V 85A 0~85A 280.5W
Note.5 280.5W
SP-480-5 5V 85A 0~85A 425W 425W 80mVp-p 4.5~5.5V 2.0% 0.5% 1.0%
SP-480-12 12V 40A 0~43A 480W 516W 120mVp-p 10.8~13.2V 1.5% 0.3% 0.5%
SP-480-15 15V 32A 0~35A 480W 525W 150mVp-p 13.5~18V 1.5% 0.3% 0.5%
SP-480-24 24V 20A 0~22A 480W 528W 150mVp-p 22~27.6V 1.0% 0.2% 0.5%
SP-480-48 48V 10A 0~11A 480W 528W 240mVp-p 41~56V 1.0% 0.2% 0.5%
RIPPLE&NOISE(max.) Note.2 80mVp-p 2.9~3.6V 2.0% 0.5% 1.0%
1000ms,80ms/230VAC2500ms,80ms/115VACatfullload 18ms/230VAC18ms/115VACatfullload
Note.7 85~264VAC120~370VDC
47~63Hz PF>0.95/230VACPF>0.98/115VACatfullload 73% 79% 85% 85% 87% 89% 6.5A/115VAC3.5A/230VAC 20A/115VAC40A/230VAC <2mA /240VAC 87~103A 87~103A 45.15~58.05A 36.75~47.25A 23.1~29.7A Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterconditionsisremoved 3.8~4.45V 5.75~6.75V 13.8~16.2V 18~21V 28.8~33.6V Protectiontype:Shutdowno/pvoltage,re-powerontorecover 80 (TSW1)Detectonheatsinkofpowertransistor90 (TSW2)Detectonheatsinkofpowerdiode Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown RC+/RC-:0~0.8V=poweron;4~10V=poweroff -20~+60 (Refertooutputloadderatingcurve) 20~90%RHnon-condensing -40~+85 0.03%/ ,10~95%RH (0~50 11.55~14.85A 57.6~67.2V
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes UL60950-1, TUVEN60950-1 Approved I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:Short
I/P-O/P,I/P-FG:100MOhms/500VDC SAFETY & ISOLATIONRESISTANCE EMICONDUCTION&RADIATION CompliancetoEN55022(CISPR22)ClassB EMC
(Note6)
HARMONICCURRENT EMSIMMUNITY MTBF
Complianceto EN61000-3-2,-3 Complianceto EN61000-4-2,3,4,5,6,8,11;ENV50204,EN61000-6-2(EN50082-2)lightindustrylevel,criteria A 120.5Khrsmin.MIL-HDBK-217F(25 ) 278*127*43mm(L*W*H) 1.7Kg;6pcs/11.3Kg/0.67CUFT
OTHERS
DIMENSION PACKING
NOTE

FileName:SP-480-SPEC2005-09-13
WWW.AsTRODYNE.COM
300 Myles standish Blvd., Taunton, MA 02780 ph: 1-800-823-8082 Fax: 508-823-8181
4 8 0 W S i n g l e O480WSingleOutputwithPFCFunction u t put with PFC Function
MechanicalSpecification
216
36
sp 480 i S P --4 8 0 sseer ri eess
CaseNo.929A
31
Unit:mm
21
9 8 11 7
4-M4 Airflow direction
89 127
5 4 9.25 3 2 11.5 1
1.5 4-M4L=6
19
216 278
31
Terminalpinnumberassignment:
PinNo. 1 2 3 Assignment AC/L AC/N FG PinNo. 4~6 7~9 Assignment -V +V
Connector pinnumberassignment (CN51):JST B6B-PHDSSorequivalent
PinNo. 1 2 3 Assignment GND RC-S PinNo. 4 5 6 Assignment N.C. RC+ +S MatingHousing JST PHDR-06VS orequivalent Terminal JST SPHD-002T-P0.5 orequivalent
BlockDiagram
FAN
8.8
25.4 43
fosc:100KHz
+S I/P EMI FILTER ACTIVE INRUSH CURRENT LIMITING RECTIFIERS & P.F.C. POWER SWITCHING RECTIFIERS & FILTER +V -V(GND) -S FG DETECTION CIRCUIT O.V.P. RC+ RC-
O.L.P. O.T.P.
PFC/PWM CONTROL
DeratingCurve
StaticCharacteristics
Ta=25
100
100
1
80
90 80
1 Others
60
2
70
2 3.3,5VOnly
LOAD(%)
40
LOAD(%)
60 50 40
20
-20
0
10
20
30
40
50
60
85
90
115
120
140
165
180
200
220
240
260
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
WWW.AsTRODYNE.COM
FileName:SP-480-SPEC2005-09-13 300 Myles standish Blvd., Taunton, MA 02780 ph: 1-800-823-8082 Fax: 508-823-8181
60
6
33.5
CN51 2 5 14 ADJ.
19


▲Up To Search▲   

 
Price & Availability of SP-480-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X