Part Number Hot Search : 
TDA8137 EM6K1T2R NTE8149 EM91810B AN4140 BYV29 HT68F SBL3045C
Product Description
Full Text Search
 

To Download SM08103395 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: SM08 103395
Electrical Specifications:
Resistance @ 25C Beta Temperature Coefficient () Dissipation Constant Thermal Time Constant Maximum Continuous Power (P25) Operating Temperature Termination Material Type 10.0K 10% 3950 2% -4.40% / C 1.50 mW/C 5.0 Seconds 200.0 mW -50 C +150C Nickel Barrier "L"
Mechanical Specifications:
L W T L1 Tape & Reel Qty/Reel 2.0 0.20 mm 1.25 0.20 mm 0.5 0.10 mm 1.50 0.20 mm Per Mil Std 201 method 208 5000 pcs
Revision Date: March 19, 2003
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of SM08103395

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X