Part Number Hot Search : 
D4132 MMBD2837 A57HR SZ5250 HMT325 V800B M3302A LTC6242
Product Description
Full Text Search
 

To Download SM06683370 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: SM06 683370
Electrical Specifications:
Resistance @ 25C Beta Temperature Coefficient () Dissipation Constant Thermal Time Constant Maximum Continuous Power (P25) Operating Temperature Termination Material Type 6.8K 10% 3750 2% -4.25% / C 1.50 mW/C 5.0 Seconds 200.0 mW -40 C +125C Nickel Barrier "N"
Mechanical Specifications:
L W T L1 Tape & Reel Qty/Reel 1.6 0.15 mm 0.80 0.15 mm 0.5 0.10 mm 1.20 0.20 mm Per Mil Std 201 method 208 5000 pcs
Revision Date: March 19, 2003
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of SM06683370

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X