Part Number Hot Search : 
PCD3360 NX5302SK E332M P31AN E2G0402S CXA1579M MAX150A GBJ610
Product Description
Full Text Search
 

To Download SL2230004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: SL22 30004
Ordering Different Lead Types:
Inside Kinked Leads Outside Kinked Leads
D D
Use -A after Ametherm's part # Use -B after Ametherm's part #
D T
For example: to order an inside kinked lead use part number SL22 30004-A
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Resistance @ 25C Max Steady State Current Up to 65C Max Recommended Energy Rating (Joules) Actual Failure Point of Instantaneous Energy (Joules) Resistance @ 100% of Max Current Resistance @ 50% of Max Current Body Temperature @ 100% Current Rating Dissipation Constant Thermal Time Constant Material Type Max Recommended Capacitance @ 120/240 VAC 30.0 20% 4.0 A 80.0 J 175.0 J 0.490 0.850 162 C 45.4Mw/C 94 seconds "H" 5500F/1300F
Mechanical Specifications:
D T Lead Diameter S L Straight Leads Coating Run Down B C 20.0 1.0 mm 5.0 0.2 mm 1.0 0.1 mm 7.8 2.0 mm 38.0 9.0 mm 5.0 1.0 mm 11.5 3.5 mm 3.82 1.0 mm
Temperature 25 C 50 C 75 C 100 C 125 C
R@T/R@25C 1.00 0.418 0.196 0.099 0.052
Temperature -50 C -40 C -30 C -20 C -10 C 0 C
R@T/R@25C 38.99 21.41 12.25 7.27 4.46 2.80 Revision Date: March 19, 2003
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of SL2230004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X