|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DATA SHEET Part Number: SL22 22102 Ordering Different Lead Types: Inside Kinked Leads Outside Kinked Leads Use -A after Ametherm's part # Use -B after Ametherm's part # For example: to order an inside kinked lead use part number SL22 22102-A D D D T B L S STRAIGHT LEADS S OUTSIDE KINKED LEADS S INSIDE KINKED LEADS C Electrical Specifications: Resistance @ 25C Max Steady State Current Up to 65C Max Recommended Energy Rating (Joules) Actual Failure Point of Instantaneous Energy (Joules) Resistance @ 100% of Max Current Resistance @ 50% of Max Current Body Temperature @ 100% Current Rating Dissipation Constant Thermal Time Constant Material Type Max Recommended Capacitance @ 120/240 VAC 220.0 25% 2.0 A 72.0 J 150.0 J 1.807 3.805 161 C 32.4mW/C 94 seconds "L" 4700F/1175F Mechanical Specifications: D T Lead Diameter S L Straight Leads Coating Run Down B C 20.0 1.0 mm 5.0 0.2 mm 1.0 0.1 mm 7.8 2.0 mm 38.0 9.0 mm 5.0 1.0 mm 9.3 0.85 mm 3.82 1.0 mm Revision Date: March 19, 2003 Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670 www.ametherm.com |
Price & Availability of SL2222102 |