Part Number Hot Search : 
PT7V4035 PT7V4035 AP40T03H SSM19PT FDQ7238S L15PF HD48125 LL55C4V3
Product Description
Full Text Search
 

To Download SL1580002-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: SL15 80002
Ordering Different Lead Types:
Inside Kinked Leads Outside Kinked Leads Use -A after Ametherm's part # Use -B after Ametherm's part #
For example: to order an inside kinked lead use part number SL15 80002-A
D D D T
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Resistance @ 25C Max Steady State Current Up to 65C Max Recommended Energy Rating (Joules) Actual Failure point of Instantaneous Energy (Joules) Resistance @ 100% of Max Current Resistance @ 50% of Max Current Body Temperature @ 100% Current Rating Dissipation Constant Thermal Time Constant Material Type Max Capacitance @ 120VAC/240VAC ON Resistance @ 1.50 Amp 80.0 25% 2.0 A 45.0 J 100.0 J 0.830 1.400 174 C 18mW/C 54 seconds "M" 3000F/750F 0.948
Mechanical Specifications:
D T Lead Diameter S L Straight Leads B C Coating Run Down on the Straight Leads 15.0 0.5 mm 5.0 0.2 mm 0.8 0.1 mm 7.8 0.30 mm 38.0 1.50 mm Standard 7.50 0.70 mm 3.60 0.40 mm 5.00 0.5 mm
CSA File Number: #CA118061
Revision Date: July 8, 2003
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of SL1580002-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X