Part Number Hot Search : 
1900X353 MSHV85U PAT1220C MSHV85U 102M16 RB2545CT CY62256V DD200S
Product Description
Full Text Search
 

To Download SL1212103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B
DATA SHEET P/N: SL12 12103
D D D T
Mechanical Specifications
D T Lead Diameter S L Straight Leads Coating run down B C 12.0 mm Nom 5.0 mm Nom 0.8 mm Nom 7.80 mm Nom 38.0 mm Nom 5.0 mm Max 6.35 mm Nom 3.6 mm Nom
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications
Resistance @ 25c Max Steady State Current Up to 65c Max recommended energy rating Maximum Capacitance @ 120/240 VAC Resistance @ 100% of Max Current Resistance @ 50% of Max Current Body Temperature @ 100% Current rating Dissipation Constant Thermal Time Constant Material Type (Beta Constant) 120 20% 3.0 A 25 J 1700 F/425 F 0.48 1.71 178C 12 mW/C 30 seconds M
SL12 12103
Date: 1/29/07
Ametherm Inc. 3111 N. Deer Run Road, Suite 4 Carson City, NV 89701
RoHS
Reliability Delivered On Time


▲Up To Search▲   

 
Price & Availability of SL1212103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X