Part Number Hot Search : 
TK713 AD120 FN4F4N GLAR1020 MUR654CT CX77301 AA104 CSPU877A
Product Description
Full Text Search
 

To Download SL1020002-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: SL10 20002
Ordering Different Lead Types:
Inside Kinked Leads Outside Kinked Leads Use -A after Ametherm's part # Use -B after Ametherm's part #
For example: to order an inside kinked lead use part number SL10 20002-A
D D D T
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Resistance @ 25C Max Steady State Current Up to 65C Max Recommended Energy Rating (Joules) Actual Failure Point of Instantaneous Energy (Joules) Resistance @ 100% of Max Current Resistance @ 50% of Max Current Body Temperature @ 100% Current Rating Dissipation Constant Thermal Time Constant Material Type 20.0 15% 2.0 A 15.0 J 40.0 J 0.550 1.00 139 C 11.0mW/C 25 seconds "G"
Mechanical Specifications:
D T Lead Diameter S L Straight Lead Coating Run Down B C 10.0 0.5 mm 3.0 0.2 mm 0.8 0.1 mm 5.1 1.0 mm 12.7 1.0 mm 3.50 0.3 mm 11.5 3.50 mm 2.2 0.3 mm
CSA File Number: #CA118061
Revision Date: March 19, 2003
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of SL1020002-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X