Part Number Hot Search : 
79S7PR SFR1800 HIP4020 BY296 10200 DTC14 70PDL1 S9S12
Product Description
Full Text Search
 

To Download SL1015003-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: SL10 15003
Ordering Different Lead Types:
Inside Kinked Leads Outside Kinked Leads Use -A after Ametherm's part # Use -B after Ametherm's part #
For example: to order an inside kinked lead use part number SL10 15003-A
D D D T
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Resistance @ 25C Max Steady State Current Up to 65C Max Recommended Energy Rating (Joules) Actual Failure Point of Instantaneous Energy (Joules) Resistance @ 100% of Max Current @ 25C Resistance @ 50% of Max Current @ 25C Body Temperature @ 100% Current Rating Dissipation Constant Thermal Time Constant Max Recommended Capacitance @ 120VAC/240VAC Material Type 15.0 20% 3.0 A 17.0 J 40.0 J 0.380 0.809 145 C 11.0mW/C 30 seconds 1100F/ 300F "C"
Mechanical Specifications:
D T Lead Diameter S L Straight Lead Coating Run Down B C 10.0 0.5 mm 5.0 0.5 mm 0.8 0.1 mm 7.8 2.0 mm 38.0 3.0 mm 5.0 1.0 mm 4.5 0.50 mm 3.3 0.3 mm
CSA File Number: #CA118061
Revision Date: March 19, 2003
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of SL1015003-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X