Part Number Hot Search : 
5225B LBA120LS 31202G SMBJ26 IPB180 1N5638A AOL1412 AD836
Product Description
Full Text Search
 

To Download SL1010004-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: SL10 10004
Ordering Different Lead Types:
Inside Kinked Leads Outside Kinked Leads Use -A after Ametherm's part # Use -B after Ametherm's part #
For example: to order an inside kinked lead use part number SL10 10004-A
D D D T
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Resistance @ 25C Max Steady State Current Up to 65C Max Recommended Energy Rating (Joules) Actual Failure Point of Instantaneous Energy (Joules) Resistance @ 100% of Max Current Resistance @ 50% of Max Current Body Temperature @ 100% Current Rating Dissipation Constant Thermal Time Constant Material Type Max Recommended Capacitance @ 120VAC/240VAC 10.0 20% 4.0 A 17.0 J 35.0 J 0.22 0.40 161 C 11.5mW/C 35 seconds "C" 1100F /300 F
Mechanical Specifications:
D T Lead Diameter S L Straight Leads Coating Run Down B C 10.0 1.0 mm 3.5 1.0 mm 0.5 0.1 mm 4.5 2.0 mm 38.0 3.0 mm 5.0 1.0 mm 4.5 3.0 mm 2.20 0.2 mm
CSA File Number: #CA118061
REV A
Revision Date: February 1, 2005
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of SL1010004-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X