Part Number Hot Search : 
F5L60 BA6446FM 32F103 HSC106M AD8004 FFM101 IRF9Z20 08M92VLA
Product Description
Full Text Search
 

To Download SL0850001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: SL08 50001
Ordering Different Lead Types:
Inside Kinked Leads Outside Kinked Leads Use -A after Ametherm's part # Not Available
For example: to order an inside kinked lead use part number SL08 50001-A
D D D T
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Resistance @ 25C Max Steady State Current Up to 65C Max Recommended Energy Rating (Joules) Actual Failure Point of Instantaneous Energy (Joules) Body Temperature @ 100% Current Rating Dissipation Constant Thermal Time Constant Material Type Max Recommended Capacitance @ 120VAC/240VAC Power Consumption @ Max Current 50.0 20 % 1.10 A 8.0 J 16.0 J 138 C 5.2mW/C 20 Seconds "H" 900F/225F 0.990 watts
Mechanical Specifications:
D T Lead Diameter S L B C 8.0 0.3 mm 3.5 0.3 mm 0.5 0.1 mm 6.35 0.6 mm 9.90 0.90 mm 6.35 0.60 mm 2.82 0.5 mm
Current vs. Hot Resistance Table:
Current 0.25 A 0.50 A 0.75 A 1.10 A Hot R /Body Temp 8.27 , 63.2C 3.73 , 88C 2.14 , 103C 0.90 , 138C Revision Date: March 19, 2003
CSA File #: CA 118061
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of SL0850001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X