Part Number Hot Search : 
TMR2WI CS842 CXA2019 3386Y502 CS842 N6036G 4120C 1283N
Product Description
Full Text Search
 

To Download SL0822101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: SL08 22101
Ordering Different Lead Types:
Inside Kinked Leads Outside Kinked Leads Use -A after Ametherm's part # Not Available
For example: to order an inside kinked lead use part number SL08 22101-A
D D D T
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Resistance @ 25C Max Steady State Current Up to 65C Max Recommended Energy Rating (Joules) Actual Failure Point of Instantaneous Energy (Joules) Resistance @ 100% of Max Current Resistance @ 50% of Max Current Body Temperature @ 100% Current Rating Dissipation Constant Thermal Time Constant Material Type Max Recommended Capacitance @ 120 VAC Max Operating Temperature 220.0 25% 1.0 A 8.0 J 16.0 J 1.90 4.14 152 C 9.0mW/C 20 seconds "M" 450F 150C
Mechanical Specifications:
D T Lead Diameter S L Straight Leads Coating Run Down B C 8.0 0.5 mm 4.0 0.5 mm 0.5 0.1 mm 6.4 2.0 mm 38.0 3.0 mm 5.0 1.0 mm 11.5 3.50 mm 1.50 0.2 mm
CSA File #: CA 118061
Revision Date: March 19, 2003
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of SL0822101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X