Part Number Hot Search : 
TA8186 0T024 0T024 UR18650Y MJE1102 OV7141 152M50 BR8D5
Product Description
Full Text Search
 

To Download SL0812002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: SL08 12002
Ordering Different Lead Types:
Inside Kinked Leads Outside Kinked Leads Use -A after Ametherm's part # Not Available
For example: to order an inside kinked lead use part number SL08 12002-A
D D D T
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Resistance @ 25C Max Steady State Current Up to 65C Max Recommended Energy Rating (Joules) Actual Failure Point of Instantaneous Energy (Joules) Resistance @ 100% of Max Current Max Allowable Power Consumption Body Temperature @ 100% Current Rating Dissipation Constant Thermal Time Constant Material Type 12.0 20% 2.5 A 9.0 J 18.0 J 0.350 2.0 watts 148 C 9.0 mW/C 27 seconds "B"
Mechanical Specifications:
D T Lead Diameter S L Inside Kink Dimension B C 8.0 0.3 mm 3.5 0.3 mm 0.5 0.1 mm 6.35 0.5 mm 38.0 9.0 mm See Dimension B Below 4.5 0.50 mm 2.82 0.5 mm
CSA File #: CA 118061
Revision Date: March 19, 2003
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of SL0812002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X