Part Number Hot Search : 
PESD5V0L ICS1893 PIC30F RGP10JH PIC30F BD46231G PIC30F 5RUT8C1A
Product Description
Full Text Search
 

To Download SL0530001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: SL05 30001
Ordering Different Lead Types:
Inside Kinked Leads Outside Kinked Leads Use -A after Ametherm's part # Not Available
For example: to order an inside kinked lead use part number SL05 30001-A
D D D T
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Static Resistance @ 25C Resistance @ 0C/ Resistance @ 50C Resistance @ 25C/ Resistance @ 125C Beta Temp Coefficient of Resistance @ 25C Max Steady State Current Up to 65C Resistance @ Max Steady State Current Maximum Instantaneous Energy Dissipation Constant Thermal Time Constant Operating Temperature Range 30.0 5% 5.6 1% 14.1 2% 3169 0.87% -3.42%/C 0.250 A 4.700 3.0 J 4.0mW/C 20.0 Seconds -50C 150C
Mechanical Specifications:
D T Lead Diameter S L Coating Material 5.5 0.5 mm 2.7 0.4 mm 0.5 mm Nom 6.0 mm Nom 38.0 mm Min Flame retarded Silicone resin
Revision Date: March 19, 2003
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com
DATA SHEET
Part Number: SL05 30001
Resistance Temperature Curve
Temperature -50 -40 -30 -20 -10 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100 105 110 115 120 125 130 135 140 145 150 R@T/R@25C 26.32 15.41 9.357 5.870 3.792 2.514 2.6908 2.0785 1.6173 1.2674 1.0000 0.7942 0.6348 0.5105 0.4129 0.3359 0.2748 0.2259 0.1867 0.1550 0.1293 0.1084 0.9120 0.7710 0.6540 0.5570 0.4760 0.4080 0.3510 0.3030 0.2630 0.2280 0.1990 0.1730 0.1520 0.1330
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of SL0530001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X