Part Number Hot Search : 
TC299 4000B FAN73832 P3205 2N684 MP018 DTD08035 Z1SMA6V8
Product Description
Full Text Search
 

To Download SL0520002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: SL05 20002
Ordering Different Lead Types:
Inside Kinked Leads Outside Kinked Leads Use -A after Ametherm's part # Not Available
For example: to order an inside kinked lead use part number SL05 20002-A
D D D T
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Resistance @ 25C Resistance @ 0C/ Resistance @ 50C Resistance @ 25C/ Resistance @ 125C Beta Max Steady State Current Up to 65C Resistance @ Max Steady State Current Resistance @ 50% of Max SSI Max Recommended Energy Rating (Joules) Actual Failure Point of Energy (Joules) Dissipation Constant Thermal Time Constant Temp Coefficient of Resistance @ 25C Temperature -50 -40 -30 -20 -10 0 R@T/R@25C 26.32 15.41 9.357 5.870 3.792 2.514 20.0 20% 5.6 1% 14.1 2% 3100 0.87% 2.0 A 0.50 0.97 5.0 J 12.0 J 4.0 Mw/C 20 Seconds -3.39% /C R@T/R@25C 1.000 0.4510 0.2259 0.1232 0.0711
Mechanical Specifications:
D T Lead Diameter S L Straight Leads 5.5 0.5 mm 2.7 0.4 mm 0.5 mm Nom 5.1 mm Nom 38.0 mm Min Silicone resin
Temperature 25 50 75 100 125
Revision Date: March 19, 2003
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of SL0520002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X