Part Number Hot Search : 
24AA0 362611 MMSZ468 AV9155 AN8570SH OCXOWSTC FN3110 AV9155
Product Description
Full Text Search
 

To Download SL0510002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: SL05 10002
Ordering Different Lead Types:
Inside Kinked Leads Outside Kinked Leads Use -A after Ametherm's part # Not Available
For example: to order an inside kinked lead use part number SL05 10002-A
D D D T
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Resistance @ 25C Resistance @ 0C/ Resistance @ 50C Resistance @ 25C/ Resistance @ 125C Beta Max Steady State Current Up to 65C Max Recommended Energy Rating (Joules) Max Capacitance @ 120VAC/240VAC Material Type Dissipation Constant Thermal Time Constant Maximum "ON" Resistance @ 2.0 amp Constant A for the formula shown below Constant B for the formula shown below Rhot = (A) (I) EXP (B) Where I = current 0.50 A I 3.0A 10.0 20% 4.95 1% 12.8 2% 2929 0.87% 2.0 A 2.0 J 120F / 30F "B" 5.0 Mw/C 15.0 second 0.115 0.273 -1.241
Mechanical Specifications:
D T Lead Diameter S L Straight Leads 5.6 mm Max 3.0 mm Max 0.5 mm Nom 5.0 mm Nom 38.0 mm Min Standard
Revision Date: March 19, 2003
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of SL0510002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X