Part Number Hot Search : 
P1300 C527R 3SK30 HCBC556 C2692 ALD4301 FLQ14 UPB425D
Product Description
Full Text Search
 

To Download SL0320001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: SL03 20001
D D D T
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Resistance @ 25C Resistance @ 0C/ Resistance @ 50C Resistance @ 25C/ Resistance @ 125C Beta Maximum Steady State Current Max Hot Resistance @ 1.0A Max Hot Resistance @ 0.50 A Maximum ON Resistance @ 0.3 A Maximum Instantaneous Energy Max Capacitance @ 120 VAC 20.0 20% 4.95 1% 12.8 2% 2700 2% 1.0 A 1.3 4.1 6.8 3.0 J 200F
Mechanical Specifications:
D T Lead Diameter S L Straight Leads 3.0 mm Max 3.0 mm Max 0.5 mm Nom 4.0 mm Nom 38.0 mm Min Standard
Resistance Temperature Curve:
Current (mA) 100 200 300 400 500 600 700 800 900 1000 Resistance () 15.0 11.0 6.8 5.1 4.1 3.5 2.2 1.8 1.6 1.3 Revision Date: March 19, 2003
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of SL0320001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X