Part Number Hot Search : 
MX884 APW8706 IN80C49N AP13015Y STM32F MSK4222 SD320T SD320T
Product Description
Full Text Search
 

To Download SL0316001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: SL03 16001
D D D T
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Resistance @ 25C Resistance @ 0C/ Resistance @ 50C Resistance @ 25C/ Resistance @ 125C Beta Maximum Steady State Current Maximum ON Resistance @ 1.0 amp Maximum Instantaneous Energy 16.0 20% 4.95 1% 12.8 2% 2700 2% 1.0 A 1.10 2.0 J
Mechanical Specifications:
D T Lead Diameter S L Straight Leads 3.0 mm Max 3.0 mm Max 0.5 mm Nom 4.0 mm Nom 38.0 mm Min Standard
Resistance Temperature Curve:
Temperature -50 C -40 C -30 C -20 C -10 C 0 C 25 C 50 C 75 C 100 C 125 C R@T/R@25C 22.20 13.13 8.11 5.19 3.43 2.34 1.000 0.4860 0.2659 0.1522 0.0984 Revision Date: March 19, 2003
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of SL0316001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X