Part Number Hot Search : 
MAC6071A 19591253 LQH32CN DNA100 74HC04 TM32F CIT2412 000X00
Product Description
Full Text Search
 

To Download SCH5617-NS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCH5617 Desktop System Controller Hub with Advanced, 8051C-Based Auto Fan Control
PRODUCT FEATURES
ACPI 2.0 Compliant PC2001 Compliant PECI Interface Temperature Monitor
-- Monitoring of up to Two Remote Thermal Diodes -- Supports temperature readings from -63 degrees to +192 degrees - Supports monitoring of discrete diodes (3904 type diodes) - Supports monitoring substrate diodes (65nm processor diodes) -- 1/8th degree temperature resolution -- Internal Ambient Temperature Measurement -- Limit Comparison of all Monitored Values
Data Brief GLUE Logic
-- -- -- -- -- -- -- -- -- Resume Reset Signal Generation Power Supply Turn On Circuitry Power Sequencing Power Good Output Power OK Signal Generation IDE Reset/Buffered PCI Reset Outputs Hard Drive Front Panel LED Power LED Control SMBus Isolation Logic
2.88MB Super I/O Floppy Disk Controller
-- Licensed CMOS 765B Floppy Disk Controller -- Software and Register Compatible with SMSC's Proprietary 82077AA Compatible Core -- Supports Two Floppy Drives -- Configurational Open Drain/Push-Pull Output Drivers -- 100% IBM(R) Compatibility -- Detects All Overrun and Underrun Conditions -- Sophisticated Power Control Circuitry (PCC) Including Multiple Powerdown Modes for Reduced Power Consumption -- 480 Address, Up to Eight IRQ and Four DMA Options -- Enhanced Digital Data Separator -- 2 Mbps, 1 Mbps, 500 Kbps, 300 Kbps, 250 Kbps Data Rates -- Programmable Pre compensation Modes
PROCHOT_IN# Pin
-- Mapped into Temperature monitoring interrupt generation logic -- May be used to adjust fan control limits -- May be configured to force fans on full
PROCHOT_OUT Pin Auto-Fan Control with ProcHot Features
-- PWM (Pulse width Modulation) Outputs (3)
- Legacy PWM control dc fan outputs
-- -- -- -- -- -- -- -- High Frequency PWM Options (15kHz up to 30kHz) 2 second delayed start-up for PWM outputs Fan Tachometer or Lock Rotor Inputs (3) Programmable linear automatic fan control based on temperature (diode or PECI) Acoustic enhancement mode ProcHot pins modulate Tmin Fan PWM duty cycle is a function in linear mode of multiple temperatures and ProcHot signals PWM Ramp Rate Closed Loop Control
Keyboard Controller
-- 8042 Software Compatible -- Four Open Drain Outputs Dedicated for Keyboard/Mouse Interface -- Port 92 Support -- Fast Gate A20 and KRESET Outputs
Serial Ports
-- Two Full Function Serial Ports -- High Speed NS16C550A Compatible UARTs with Send/Receive 16-Byte FIFOs -- Supports 230k and 460k Baud -- Programmable Baud Rate Generator -- Modem Control Circuitry -- 480 Address and 15 IRQ Options
Internal Ring Oscillator for VTR Powered Logic Low Battery Warning Programmable Wake-up Event Interface 21 Dedicated Scratchpad registers ISA Plug-and-Play Compatible Register Set System Management Interrupt 46 General Purpose Input/Output Pins
Infrared Port
-- -- -- -- Multi protocol Infrared Interface IrDA 1.0 Compliant SHARP ASK IR 480 Addresses, Up to 15 IRQ
SMSC SCH5617
PRODUCT PREVIEW
Revision 0.5 (05-29-07)
Desktop System Controller Hub with Advanced, 8051C-Based Auto Fan Control
Multi-ModeTM Parallel Port with ChiProtectTM
-- Standard Mode IBM PC/XT(R), PC/AT(R), and PS/2TM Compatible Bi-directional Parallel Port -- Enhanced Parallel Port (EPP) Compatible - EPP 1.7 and EPP 1.9 (IEEE 1284 Compliant) -- IEEE 1284 Compliant Enhanced Capabilities Port (ECP) -- ChiProtect Circuitry for Protection -- 960 Address, Up to 15 IRQ and Four DMA Options
LPC Interface
-- Multiplexed Command, Address and Data Bus -- Serial IRQ Interface Compatible with Serialized IRQ Support for PCI Systems -- PME Interface
1.8 Volt Low Power Core Operation 3.3 Volt I/O 128 Pin QFP Lead-Free RoHS Compliant Package
ORDER NUMBER(S): SCH5617-NS for 128 pin, QFP Lead-Free RoHS Compliant Package
80 ARKAY DRIVE, HAUPPAUGE, NY 11788 (631) 435-6000, FAX (631) 273-3123 Copyright (c) 2007 SMSC or its subsidiaries. All rights reserved. Circuit diagrams and other information relating to SMSC products are included as a means of illustrating typical applications. Consequently, complete information sufficient for construction purposes is not necessarily given. Although the information has been checked and is believed to be accurate, no responsibility is assumed for inaccuracies. SMSC reserves the right to make changes to specifications and product descriptions at any time without notice. Contact your local SMSC sales office to obtain the latest specifications before placing your product order. The provision of this information does not convey to the purchaser of the described semiconductor devices any licenses under any patent rights or other intellectual property rights of SMSC or others. All sales are expressly conditional on your agreement to the terms and conditions of the most recently dated version of SMSC's standard Terms of Sale Agreement dated before the date of your order (the "Terms of Sale Agreement"). The product may contain design defects or errors known as anomalies which may cause the product's functions to deviate from published specifications. Anomaly sheets are available upon request. SMSC products are not designed, intended, authorized or warranted for use in any life support or other application where product failure could cause or contribute to personal injury or severe property damage. Any and all such uses without prior written approval of an Officer of SMSC and further testing and/or modification will be fully at the risk of the customer. Copies of this document or other SMSC literature, as well as the Terms of Sale Agreement, may be obtained by visiting SMSC's website at http://www.smsc.com. SMSC is a registered trademark of Standard Microsystems Corporation ("SMSC"). Product names and company names are the trademarks of their respective holders. SMSC DISCLAIMS AND EXCLUDES ANY AND ALL WARRANTIES, INCLUDING WITHOUT LIMITATION ANY AND ALL IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, TITLE, AND AGAINST INFRINGEMENT AND THE LIKE, AND ANY AND ALL WARRANTIES ARISING FROM ANY COURSE OF DEALING OR USAGE OF TRADE. IN NO EVENT SHALL SMSC BE LIABLE FOR ANY DIRECT, INCIDENTAL, INDIRECT, SPECIAL, PUNITIVE, OR CONSEQUENTIAL DAMAGES; OR FOR LOST DATA, PROFITS, SAVINGS OR REVENUES OF ANY KIND; REGARDLESS OF THE FORM OF ACTION, WHETHER BASED ON CONTRACT; TORT; NEGLIGENCE OF SMSC OR OTHERS; STRICT LIABILITY; BREACH OF WARRANTY; OR OTHERWISE; WHETHER OR NOT ANY REMEDY OF BUYER IS HELD TO HAVE FAILED OF ITS ESSENTIAL PURPOSE, AND WHETHER OR NOT SMSC HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES.
Revision 0.5 (05-29-07)
PRODUCT PREVIEW
2
SMSC SCH5617
Desktop System Controller Hub with Advanced, 8051C-Based Auto Fan Control
General Description
The SCH5617 is a 3.3V PC 2001 compliant Super I/O controller with an LPC interface. All legacy drivers used for Super I/O components are supported making this interface transparent to the supporting software. The LPC bus also supports power management, such as wake-up and sleep modes. The SCH5617 provides temperature monitoring with auto fan control. The temperature monitor is capable of monitoring two external diodes, one internal ambient temperature sensor or retrieving temperatures from external processors that implement the PECI Interface. This device offers programmable automatic fan control support based on one or more of these measured temperatures. There are three pulse width modulation (PWM) outputs with high frequency support as well as three fan tachometer inputs. In addition, there is support for a PROCHOT_IN# pin that may be used to generate an interrupt, adjust the programmed temperature limits in the auto fan control logic, or force the PWM outputs on full. There is also a separate PROCHOT_OUT output pin. The RRCC feature provides a linear relationship of temperature to fan speed. The GLUE Logic includes various power management logic; including generation of RSMRST# and Power OK signal generation. There are also four LEDs to indicate power status and hard drive activity. Also included is SMBus Isolation logic, which can be used to isolate SMBus signals during power down modes. The part also provides a low battery warning circuit. SCH5617 provides 46 General Purpose I/O control pins, which offer flexibility to the system designer. There are 21 Scratchpad read/write runtime registers for custom use. The SCH5617 incorporates the following Super I/O components: a parallel port that is compatible with IBM PC/AT architecture, as well as the IEEE 1284 EPP and ECP; two serial ports that are 16C550A UART compatible; one infrared port that is IrDA 1.0 compliant; a keyboard/mouse controller that uses an 8042 micro controller; floppy disk controller, which uses SMSC's true CMOS 765B core. The true CMOS 765B core provides 100% compatibility with IBM PC/XT and PC/AT architectures and is software and register compatible with SMSC's proprietary 82077AA core. The SCH5617 is ACPI 1.0b/2.0 compatible supports multiple low power-down modes. It incorporates sophisticated power control circuitry (PCC), which includes keyboard and mouse wake-up events. The SCH5617 supports the ISA Plug-and-Play Standard register set (Version 1.0a). The I/O Address, DMA Channel and hardware IRQ of each logical device in the SCH5617 may be reprogrammed through the internal configuration registers. There are up to 480 (960 for Standard Mode Parallel Port) I/O address location options, a Serialized IRQ interface, and four DMA channels.
SMSC SCH5617
PRODUCT PREVIEW
3
Revision 0.5 (05-29-07)
Desktop System Controller Hub with Advanced, 8051C-Based Auto Fan Control
Block Diagram
IDE_RSTDRV#*, PCI_RST_SYS#* PCI_RST_SLOTS#*, PS_ON#* PWR_GOOD_3V*, PWRGD_PS, RSMRST#*
14.318 MHz
CLOCK GEN
Glue Logic
LEDs
SECONDARY_HD#* PRIMARY_HD#* SCSI#* HD_LED#* LED2* LED3* LED1*
SER_IRQ PCI_CLK LAD[3:0] LFRAME# LDRQ# PCI_RESET# LPCPD# IO_PME#* IO_SMI#*
GP10*, GP11*, GP15*, GP21*, GP22*, GP23*, GP25*, GP26*, GP31*, GP33*, GP35*, GP36*, GP37*, GP40*, GP41*, GP42*, GP52*, GP53*, GP55*, GP57*, GO60*, GP61*, GP75*, GP76*, GP77*, GP80*, GP81*, GP82, GP83*, GP84*, GP8051_[12:1]*, GP8051_[17:14]*
SERIAL IRQ Internal Bus (Data, Address, and Control lines)
Multi-Mode Parallel Port with ChiProtectTM
LPC Bus Interface
PD[7:0] BUSY,SLCT,PE ERROR#, ACK# STROBE#, INIT# SLCTIN# ALF#
Power Mgmt General Purpose I/O
SCH5617 (128 QFP)
High-Speed 16550A UART PORT 1
TXD1*,RXD1* CTS1#*, RTS1#* DSR1#*, DTR1#* DCD1#*, RI1#*
8051
TACH1 TACH2 TACH3 HVSS Remote1+ Remote1Remote2+ Remote2HVTR PWM1 PWM2 PWM3 PROCHOT_IN# PROCHOT_OUT
ROM Auto Fan Control
Analog Interface
SMC PROPRIETARY 82077 COMPATIBLE VERTICAL FLOPPYDISK CONTROLLER CORE WDATA WCLOCK DIGITAL DATA SEPARATOR WITH WRITE PRECOMPENSATION
High-Speed 16550A UART PORT 2
TXD2*,RXD2* CTS2#*, RTS2#* DSR2#*, DTR2#* DCD2#*, RI2#*
SMBus Isolation Circuits
SCLK*, SDAT* SCLK_1*, SDAT_1*
Analog Block
Keyboard/Mouse 8042 controller
RCLOCK RDATA
KCLK, MCLK KDAT, MDAT, KBDRST#, A20M P12*,P16*,P17*
PECI VREF PECI IO PECI READY
PECI Interface
MRT0#, MRT1#*, TRK0#, INDEX#,WRTPRT#,WGATE#, HDSEL#,DRVDEN0*, DIR#, STEP#, DSKCHG#,DS0#, DS1#*
RDATA#, WDATA#
Note 1: This diagram does not show power and ground connections. Note 2: Functions with "*" are located on multifunctional pins. This diagram is designed to show the various functions available on the chip (not pin layout).
Figure 1 SCH5617 Block Diagram
Revision 0.5 (05-29-07)
PRODUCT PREVIEW
4
SMSC SCH5617
Package Outline
Revision 0.5 (05-29-07) 5 PRODUCT PREVIEW SMSC SCH5617
Desktop System Controller Hub with Advanced, 8051C-Based Auto Fan Control
REVISION HISTORY
REVISION
DESCRIPTION
SEE SPEC FRONT PAGE FOR REVISION HISTORY
DATE
-
RELEASED BY
-
D D1 3 R1
-
R2 0.25 e b 2 3 E1 D1/4 5 E L1 L4
GAUGE PLANE
0-7
DETAIL "A" (SCALE: 3/1)
E1/4
TOP VIEW
SEE DETAIL "A" A2 C A
SEATING PLANE
c
SIDE VIEW
ccc C A1
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS AND TOLERANCES ARE:
THIRD ANGLE PROJECTION 80 ARKAY DRIVE HAUPPAUGE, NY 11788 USA
3-D VIEW
NOTES: 1. ALL DIMENSIONS ARE IN MILLIMETER. 2. TOLERANCE OF THE TRUE POSITION OF THE LEADS IS 0.04mm MAXIMUM. 3. PACKAGE BODY DIMENSIONS "D1" AND "E1" DO NOT INCLUDE MOLD PROTRUSIONS. MAXIMUM MOLD PROTRUSION IS 0.25 mm. 4. DIMENSION "L" IS MEASURED AT THE GAUGE PLANE, 0.25mm ABOVE THE SEATING PLANE. 5. DETAILS ON PIN 1 IDENTIFIER ARE OPTIONAL BUT MUST BE LOCATED WITHIN THE ZONE INDICATED.
DECIMAL X.X 0.1 X.XX 0.05 X.XXX 0.025
ANGULAR 1
INTE RPRET DIM AND TOL PER ASME Y14.5M - 1994 MATERIAL
TITLE NAME DRAWN DATE
FINISH
S.K.ILIEV
CHECKED
11/30/04 11/30/04
PACKAGE OUTLINE 128 QFP-14x20x2.7mm BODY-3.9mm FOOTPRINT
DWG NUMBER REV
PRINT WITH "SCALE TO FIT" DO NOT SCALE DRAWING
S.K.ILIEV
APPROVED
MO-128 QFP-14x20-3.9FP
SCALE STD COMPLIANCE SHEET
C -
S.K.ILIEV
11/30/04
1:1
JEDEC: MO-112 (B) & MS-029 (A)
Figure 2 128-Pin QFP Package Outline (3.9mm footprint)


▲Up To Search▲   

 
Price & Availability of SCH5617-NS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X