Part Number Hot Search : 
MC9S12 EA1532A MC9S12 TIP12 80MHZ K50N60 00402 20N1T
Product Description
Full Text Search
 

To Download REL110-1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 11 0 Wa t t O p e n F rame Switching Power Supply with PFC
110 Watts Output Power
R E L 11 0
series
Universal 85-265VAC Input 1, 2, 3, and 4 Outputs Active Power Factor Correction 2.5VDC to 48VDC Outputs
5" x 3" x 1.32"
Model Number
SINGLE OUTPUT REL110-1001 REL110-1002 REL110-1003 REL110-1004 REL110-1005 REL110-1006 REL110-1007 REL110-1008 DUAL OUTPUT REL110-2001 REL110-2002 REL110-2003 REL110-2004 REL110-2005 TRIPLE OUTPUT REL110-3001 REL110-3002 QUAD OUTPUT REL110-4001 REL110-4002 REL110-4003 REL110-4004 REL110-4005 REL110-4006 REL110-4007
Output #1
Output #2
Output #3
Output #4 Medical Versions Available Contact Factory
2.5V/22A 3.3V/22A 5V/22A 12V/9.2A 15V/7.3A 24V/4.6A 28V/3.9A 48V/2.3A 3.3V/10A 5V/10A 5V/10A 12V/5A 15V/4A 5V/10A 5V/10A 3.3V/10A 5V/10A 5V/10A 5V/10A 5V/10A 5V/10A 5V/10A 5V/5.6A 12V/5A 24V/3A -12V4A -15V/3A 12V/3A 15V/2A 5V/6A 3.3V/6A 3.3V/6A -5V/6A -5V/6A 24V/2A 24V/2A 12V/2A 12V/2A 15V/2A 12V/2A 15V/2A 12V/2A 15V/2A
Order On-Line!
astrodyne.com
-12V/3A -15V/2A -12V/2A -12V/2A -15V/2A -12V/2A -15V/2A -12V/2A -15V/2A 300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
WWW.ASTRODYNE.COM
11 0 Wa t t O p e n F rame Switching Power Supply with PFC
INPUT SPECIFICATIONS
Input Voltage, Full Range: Active PFC Input Frequency Inrush Current Leakage Current 85-264 VAC >0.95@115VAC 47-63Hz. 30A @ 115VAC, typ 4 40A @ 230VAC, typ 4 <300uA @ 240VAC
R E L 11 0
0 to +60 C 4 10-95%, Description 4 -40 to +85 C 4 100KHrs MIL-Std 217F To MIL-Std 810E
series
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature Relative Humidity Storage Temperature MTBF Shock & Vibration
OUTPUT SPECIFICATIONS
Output Power Minimum Load Requirement Max Current (A, Peak) Initial Accuracy Voltage Adjust Load Regulation Cross Regulation Line Regulation Temperature Coefficient Ripple/Noise Overvoltage Protection Remote Sense (Singles Only) Hold Up/Start Up Times Short Circuit Protection Current Limit 80W, Conv/110W Forced Air 10% See Model Selection Chart 7 +/-1%, typ 5%, typ 1%, typ +/-5% 0.5%, typ 0.02%/C 100mV Pk-Pk, typ 110-150%, Type 2 & 3 250mV compensation 16mS/4Sec, typ Continuous 4 110-160% typ, Auto Recovery
PHYSICAL SPECIFICATIONS
Dimensions Material Flammability Construction Weight 5"x3"x1.32" to UL94V-0 Open Frame 0.8lb
SPECIFICATION NOTES
1) All specifications typical @ 25C, Nominal Line & Load, unless otherwise noted. 2) O/P noise measured directly at pins/terminals with 0.1uFbypass, pk-pk @ 20MHz bandwidth. 3) Ripple and Noise dependant upon output voltage as specified per particular model. 4) These are stress ratings. Exposure of the devices to any of these conditions may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed or implied. 5) Isolation for up to 1 minute duration. 6) No termination necessary with control pin to maintain constant "ON" operation (if applicable to this model) 7) Max load (peak) specified for 10mS max, 20% duty cycle, minimum load on all outputs
GENERAL SPECIFICATIONS
Input-Output Isolation Output-Ground Isolation Input-Ground Isolation Efficiency (@ Full Load) Safety EMC 3000VAC 5 500VAC 1500VAC 82%, typ (or See Chart/Curve) UL60950/EN60950 Approved EN55022/B, EN61000-3-2,3/A EN61000--4-2,3,4,5,6,8,11/Cr A
All specifications are typical at nominal input, full load, and 25DegC unless otherwise noted A Blue Number means see respective Specification
Astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
11 0 Wa t t O p e n F rame Switching Power Supply with PFC
MECHANICAL DIMENSIONS
OPEN FRAME
3
1
R E L 11 0
2 - Good 3 - Good
series
RECOMMENDED AIR FLOW DIRECTION
1 - Optimum 4 - Fair
P2
2
AC INPUT GND
L
4
P1
N 1
P2 1 (-) 2 (-) 3 (-) 4 (-) 5 (+) 6 (+) 7 (+) 8 (+)
OUTPUT OUTPUT OUTPUT OUTPUT OUTPUT OUTPUT OUTPUT OUTPUT
1 1 1 1 1 1 1 1
V1 ADJUST P3 1 (+) OUTPUT 1 2 (+) SENSE 3 (-) SENSE 4 (-) OUTPUT 1 5 (-) P.F. RTN 6 (+) P.F. SIG
.128 DIA MOUNTING HOLE (4 PLACES)
THERMAL PERFORMANCE
110 100 90
Maximum Output Power vs. Ambient Temperature
FORCED AIR COOLING CONVECTION COOLING
P3
SINGLE OUTPUT MODEL
1
Output Power (Watts)
5.00 (127.0) .15 (3.8) 4.70 (119.4)
80 70 60 50 40 30 20 10 0 0 10
1
2.70 (68.6)
P2
3.00 (76.2) AC INPUT GND
L
P2 1 (-) 2 (+) 3 (-) 4 (+) 5 (-) 6 (+) 7 (-) 8 (-) 9 (+) 10 (+)
OUTPUT OUTPUT OUTPUT OUTPUT OUTPUT OUTPUT OUTPUT OUTPUT OUTPUT OUTPUT
4 4 3 3 2 2 1 1 1 1
CONVECTION COOLING WITH CHASIS / COVER
N
P1
1
V1 ADJUST
P3
P3 1 (-) 2 (+)
P.F. RTN P.F. SIG
20
30
40
50
60
70
MULTIPLE OUTPUT MODEL
.91 (23.1) 3.21 (81.5)
Ambient Temperature, (C)
1.32(33.5) Max. 1.10 (27.9) .75 (19.1)
CONNECTOR SPECIFICATIONS
P1 AC Input
OPTIONAL CHASSIS/COVER
4.70 (119.4)
.156 friction lock header mates with Molex 09-50-3031 crimp terminal housing with Molex 2478 crimp terminal P2 DC Output (Single)
4-40 MOUNTING HOLES (4 PLACES)
.68 (17.2)
.156 friction lock header mates with Molex 09-50-3081 crimp terminal housing with Molex 2478 crimp terminal P2 DC Output (Multiple) .156 friction lock header mates with Molex 09-50-3101 crimp terminal
1.48 (37.6)
5.26 (133.6) 4.70 (119.4)
housing with Molex 2478 crimp terminal G
P2
3
Ground .187 quick disconnect terminal
3.12 (79.2)
P3 P.F Sense (Single)
4
2
2.70 (68.6)
L
.100 breakaway header mates with Molex 50-57-9002 crimp terminal housing with Molex 71851crimp terminal P3 Power Fail (Multiple) .100 breakaway header mates with Molex 50-57-9002 crimp terminal housing with Molex 71851 crimp terminal
AC INPUT GND
P1
N
P3
1
ALL DIMENSIONS IN INCHES (MM)
4-40 MOUNTING HOLE (4 PLACES)
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181


▲Up To Search▲   

 
Price & Availability of REL110-1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X