Part Number Hot Search : 
LTC3526L K1450A MR851G BD543B 30VSK6C B120N SEF206A 5KP20A
Product Description
Full Text Search
 

To Download OM7620SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OM7620SM
SURFACE MOUNT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
Three Terminal, Adjustable Voltage, 1.0 Amp Precision Positive Regulator In A Hermetic Surface Mount Package
FEATURES
* * * * * * Hermetic Surface Mount Package Adjustable Output Voltage Built-In Thermal Overload Protection Short Circuit Current Limiting Product Is Available Hi-Rel Screened Electrically Similar To Industry Standard Type LM117HV
DESCRIPTION
This three terminal positive regulator is supplied in a hermetically sealed surface mount package. All protective features are designed into the circuit, including thermal shutdown, current limiting and safe-area control. With heat sinking, they can deliver 1.0 amp of output current. This unit features output voltages that can be trimmed using external resistors, from 1.2 volts to 57 volts.
ABSOLUTE MAXIMUM RATINGS @ 25C Power Dissipation (Pd) (Internally Limited). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 W Input - Output Voltage Differential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 V Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . - 55C to + 150C Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 65C to + 150C Lead Temperature (Soldering 10 Seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 280C Thermal Resistance: Junction-to-Case . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12C/W MECHANICAL OUTLINE
.450 SQ. .02 x 45 .090 MAX. .035 4 PIN 1 PIN 28 1 26 TOP .05 X 45 MAX. 3 PLCS. SIDE .009 R. BOTTOM 28 PLCS. .300 4 PLCS. .050 24 PLCS. 12 .305 SQ. 18
Pin Connection
Pin 1, 15 thru 28: IN Pin 2, 3, 13, and 14: ADJ Pin 4 thru 12: OUT
3.5
4 11 R0
3.5 - 107
OM7620SM
ELECTRICAL CHARACTERISTICS
Parameter Reference Voltage Symbol VREF
-55C TA 125C, IL = 8mA (unless otherwise specified)
Min. 1.20 * * * * * * * * 1.20 1.20 1.20 -12 -25 -8 -12 -20 -20 -20 -20 -20 -16 * 66 100 * * * -10 * * * * * * * 0.3 0.05 -10 -10 -10 -10 -10 -10 100 100 100 10 10 10 10 10 10 10 10 10 10 10 1.0 0.40 A mA A A Max. 1.30 1.30 1.30 1.30 12 25 8 12 20 20 20 20 20 16 mV dB mV mV V Unit
Test Conditions VDIFF = 3.0V, TA = 25C VDIFF = 3.3V VDIFF = 40V VDIFF = 60V
Line Regulation (Note 1)
RLINE
3.0V VDIFF 40V, VOUT = Vref, TA = 25C 3.3V VDIFF 40V, VOUT = Vref 40V VDIFF 60V, VOUT = Vref, TA = 25C 40V VDIFF 60V, VOUT = Vref
Load Regulation (Note 1)
RLOAD
VDIFF = 3.0V, 10mA IL 1.0A, TA = 25C VDIFF = 3.3V, 10mA IL 1.0A VDIFF = 40V, 10mA IL 300mA, TA = 25C VDIFF = 40V, 10mA IL 195mA VDIFF = 60V, 10mA IL 30mA
Thermal Regulation Ripple Rejection (Note 2) Adjustment Pin Current
VRTH RN IAdj
VIN = 14.6V, IL = 1.0A Pd = 20 Watts, t = 20 ms, TA = 25C f = 120 Hz, VOUT = Vref CAdj = 10 F, IOUT = 100 mA VDIFF = 3.0V, TA = 25C VDIFF = 3.3V VDIFF = 40V VDIFF = 60V
Adjustment Pin Current Change
IAdj
VDIFF = 3.0V, 10mA IL 1.0A, TA = 25C VDIFF = 3.3V, 10mA IL 1.0A VDIFF = 40V, 10mA IL 300mA, TA = 25C VDIFF = 40V, 10mA IL 195mA 3.0V VDIFF 40V, TA = 25C 3.3V VDIFF 40V 3.3V VDIFF 60V
Miminum Load Current
ILmin
VDIFF = 3.0V, VOUT = 1.4V (forced) VDIFF = 3.3V, VOUT = 1.4V (forced) VDIFF = 40V, VOUT = 1.4V (forced) VDIFF = 60V, VOUT = 1.4V (forced)
Current Limit (Note 2)
ICL
VDIFF = 40V, TA = 25C VDIFF = 60V, TA = 25C
3.5
Notes: 1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used. Changes in output voltage due to heating effects must be taken into account separately. 2. If not tested, shall be guaranteed to the specified limits. 3. The * denotes the specifications which apply over the full operating temperature range.


▲Up To Search▲   

 
Price & Availability of OM7620SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X