Part Number Hot Search : 
PT3935 S32XR2 AT89C5 CLASS BUL147F S32XR2 T1630W 1010S
Product Description
Full Text Search
 

To Download NT0310152 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: NT03 10152
D
D
D
T
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Zero-Power Resistance @ 25C Resistance @ 0C/ Resistance @ 50C Resistance @ 25C/ Resistance @ 125C Beta Temp Coefficient of Resistance @ 25C Operating Temperature Range Maximum Permissible Power Dissipation Constant Thermal Time Constant Material Type Max Steady State Current up to 65C Resistance @ Max Steady State Current Max Instantaneous Energy 100.0 10% 5.60 1% 14.1 2% 3169 2% -3.42%/C -50C 150C 0.45 W 4.0mW/C 10 seconds "G" 0.250 A 12.00 3.0 J
Mechanical Specifications:
D T Lead Diameter S L Straight Leads 3.20 mm Max 3.20 mm Max 0.5 mm Nom 3.55 mm Nom 38.0 mm Min Standard
Revision Date: March 19, 2003
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com
DATA SHEET
Part Number: NT03 10152
Resistance Temperature Curve:
Temperature -40 -30 -20 -10 0 10 20 25 30 40 50 60 70 80 90 100 110 120 125 130 140 150 R@T/R@25C 15.45 9.358 5.875 3.798 2.517 1.711 1.191 1.000 0.840 0.608 0.449 0.3379 0.2568 0.1985 0.1552 0.1230 0.0977 0.0785 0.0709 0.0640 0.0529 0.0442
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of NT0310152

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X