Part Number Hot Search : 
MA2C774 RFR3806 SSD20 MD1123 VA25X BDR2G 0EP16 MC529
Product Description
Full Text Search
 

To Download NP40N055KHE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
NP40N055EHE, NP40N055KHE NP40N055CHE, NP40N055DHE, NP40N055MHE, NP40N055NHE
SWITCHING N-CHANNEL POWER MOS FET
DESCRIPTION
These products are N-channel MOS Field Effect Transistors designed for high current switching applications.
ORDERING INFORMATION
PART NUMBER NP40N055EHE-E1-AY NP40N055EHE-E2-AY NP40N055KHE-E1-AY NP40N055KHE-E2-AY
Note1, 2 Note1, 2 Note1 Note1 Note1, 2 Note1, 2 Note1 Note1
LEAD PLATING
PACKING
PACKAGE TO-263 (MP-25ZJ) typ. 1.4 g
Pure Sn (Tin)
Tape 800 p/reel TO-263 (MP-25ZK) typ. 1.5 g
NP40N055CHE-S12-AZ NP40N055DHE-S12-AY NP40N055MHE-S18-AY NP40N055NHE-S18-AY
Sn-Ag-Cu Tube 50 p/tube
TO-220 (MP-25) typ. 1.9 g TO-262 (MP-25 Fin Cut) typ. 1.8 g TO-220 (MP-25K) typ. 1.9 g TO-262 (MP-25SK) typ. 1.8 g
Pure Sn (Tin)
Notes 1. Pb-free (This product does not contain Pb in the external electrode.) 2. Not for new design
(TO-220)
FEATURES
* Channel temperature 175 degree rated * Super low on-state resistance RDS(on) = 23 m MAX. (VGS = 10 V, ID = 20 A) * Low input capacitance Ciss = 1070 pF TYP. * Built-in gate protection diode (TO-262)
(TO-263)
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information.
Document No. D14092EJ6V0DS00 (6th edition) Date Published October 2007 NS Printed in Japan
2002, 2007
The mark shows major revised points. The revised points can be easily searched by copying an "" in the PDF file and specifying it in the "Find what:" field.
NP40N055EHE, NP40N055KHE, NP40N055CHE, NP40N055DHE, NP40N055MHE, NP40N055NHE
ABSOLUTE MAXIMUM RATINGS (TA = 25C)
Drain to Source Voltage (VGS = 0 V) Gate to Source Voltage (VDS = 0 V) Drain Current (DC) (TC = 25C) Drain Current (Pulse)
Note1
VDSS VGSS ID(DC) ID(pulse) PT PT Tch Tstg
55 20 40 100 1.8 66 175 -55 to +175 29/21/7 0.8/44/49
V V A A W W C C A mJ
Total Power Dissipation (TA = 25C) Total Power Dissipation (TC = 25C) Channel Temperature Storage Temperature Single Avalanche Current Single Avalanche Energy
Note2 Note2
IAS EAS
Notes 1. PW 10 s, Duty cycle 1% 2. Starting Tch = 25C, VDD = 28 V, RG = 25 , VGS = 20 0 V (See Figure 4.)
THERMAL RESISTANCE
Channel to Case Thermal Resistance Channel to Ambient Thermal Resistance Rth(ch-C) Rth(ch-A) 2.27 83.3 C/W C/W
2
Data Sheet D14092EJ6V0DS
NP40N055EHE, NP40N055KHE, NP40N055CHE, NP40N055DHE, NP40N055MHE, NP40N055NHE
ELECTRICAL CHARACTERISTICS (TA = 25C)
CHARACTERISTICS Drain to Source On-state Resistance Gate to Source Threshold Voltage Forward Transfer Admittance Drain Leakage Current Gate to Source Leakage Current Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain Charge Body Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge SYMBOL RDS(on) VGS(th) | yfs | IDSS IGSS Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VF(S-D) trr Qrr TEST CONDITIONS VGS = 10 V, ID = 20 A VDS = VGS, ID = 250 A VDS = 10 V, ID = 20 A VDS = 55 V, VGS = 0 V VGS = 20 V, VDS = 0 V VDS = 25 V, VGS = 0 V, f = 1 MHz ID = 20 A, VGS = 10 V, VDD = 28 V, RG = 1 ID = 40 A, VDD = 44 V, VGS = 10 V IF = 40 A, VGS = 0 V IF = 40 A, VGS = 0 V, di/dt = 100 A/s 1070 190 95 16 9.2 29 9.2 23 6 9 1.0 38 46 2.0 7 MIN. TYP. 18 3.0 14 10 10 1610 280 180 35 23 57 23 35 MAX. 23 4.0 UNIT m V S
A A
pF pF pF ns ns ns ns nC nC nC V ns nC
TEST CIRCUIT 1 AVALANCHE CAPABILITY
D.U.T. RG = 25 PG. VGS = 20 0 V 50
TEST CIRCUIT 2 SWITCHING TIME
D.U.T.
L VDD PG. RG
VGS RL VDD VDS
90 % 90 % 10 % 10 %
VGS
Wave Form
0
10 %
VGS
90 %
BVDSS IAS ID VDD VDS
VGS 0 = 1 s Duty Cycle 1 %
VDS
VDS
Wave Form
0 td(on) ton
tr
td(off) toff
tf
Starting Tch
TEST CIRCUIT 3 GATE CHARGE
D.U.T. IG = 2 mA PG. 50
RL VDD
Data Sheet D14092EJ6V0DS
3
NP40N055EHE, NP40N055KHE, NP40N055CHE, NP40N055DHE, NP40N055MHE, NP40N055NHE
TYPICAL CHARACTERISTICS (TA = 25C)
Figure1. DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA 70
dT - Percentage of Rated Power - % PT - Total Power Dissipation - W
Figure2. TOTAL POWER DISSIPATION vs. CASE TEMPERATURE
100 80 60 40 20 0
60 50 40 30 20 10 0 0 25 50 75 100 125 150 175 200
0
25
50
75
100 125 150 175 200
TC - Case Temperature - C Figure.3 FORWARD BIAS SAFE OPERATING AREA 1000
Single Pulse Avalanche Energy - mJ
TC - Case Temperature - C Figure4. SINGLE AVALANCHE ENERGY DERATING FACTOR 60 50 40 30 20 10 0 25
0.8 mJ 49 mJ 44 mJ
ID - Drain Current - A
100
d ite im V) )L 0 1 (on S RDVGS = (
ID(pulse)
DC Po Lim wer ite Dis sip d ati
PW
ID(DC)
1m
on
10
=1
s
0
0 s
s
10
IAS = 7 A 21 A 29 A
1 TC = 25C Single Pulse 1 10 100 VDS - Drain to Source Voltage - V
0.1 0.1
50
75
100
125
150
175
Starting Tch - Starting Channel Temperature - C
Figure5. TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH 1000
rth(t) - Transient Thermal Resistance - C/W
100
Rth(ch-A) = 83.3C/W
10 Rth(ch-C) = 2.27C/W 1
0.1 Single Pulse 0.01 10 100 1m 10 m 100 m 1 10 100 1000
PW - Pulse Width - s
4
Data Sheet D14092EJ6V0DS
NP40N055EHE, NP40N055KHE, NP40N055CHE, NP40N055DHE, NP40N055MHE, NP40N055NHE
Figure6. FORWARD TRANSFER CHARACTERISTICS 1000 Pulsed 120 100
Figure7. DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE
ID - Drain Current - A
100
ID - Drain Current - A
80 60 40 20
VGS =10 V
10
TA = -55C 25C 75C 150C 175C
1 0.1 VDS = 10 V 6 7
2
3
4
5
0 0
Pulsed 1 2 3 4 5 VDS - Drain to Source Voltage - V
VGS - Gate to Source Voltage - V
RDS(on) - Drain to Source On-state Resistance - m
| yfs | - Forward Transfer Admittance - S
Figure8. FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT 100 Pulsed VDS = 10 V 10 TA = 175C 75C 25C -55C
Figure9. DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE 50 Pulsed 40
30 20 ID = 20 A
1
0.1
10 0 0
0.01 0.01
0.1
1
10
100
2
4
6
8
10
12
14
16
18
ID - Drain Current - A
VGS - Gate to Source Voltage - V Figure11. GATE TO SOURCE THRESHOLD VOLTAGE vs. CHANNEL TEMPERATURE 4.0 VDS = VGS ID = 250 A
RDS(on) - Drain to Source On-state Resistance - m
50
Pulsed
40
VGS(th) - Gate to Source Threshold Voltage - V
Figure10. DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT
3.0
30 20 VGS = 10 V
2.0
10
1.0
0 0.1
0
1
10
100
-50
0
50
100
150
ID - Drain Current - A
Tch - Channel Temperature - C
Data Sheet D14092EJ6V0DS
5
NP40N055EHE, NP40N055KHE, NP40N055CHE, NP40N055DHE, NP40N055MHE, NP40N055NHE
RDS(on) - Drain to source On-state Resistance - m
Figure12. DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE 50 Pulsed 1000
Figure13. SOURCE TO DRAIN DIODE FORWARD VOLTAGE Pulsed
40 30 VGS = 10 V 20
IF - Diode Forward Current - A
100 VGS = 10 V 10 0V
10 0 -50 0 50 100 ID = 20 A 150
1
0.1 0
0.5
1.0
1.5
Tch - Channel Temperature - C
VF(S-D) - Source to Drain Voltage - V
Ciss 1000
td(on), tr, td(off), tf - Switching Time - ns
Ciss, Coss, Crss - Capacitance - pF
Figure14. CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE 10000 VGS = 0 V f = 1 MHz
Figure15. SWITCHING CHARACTERISTICS 1000
100
tf td(off) td(on)
Coss 100 Crss
10
tr
10 0.1
1
10
100
VDD = 28 V VGS = 10 V 1 RG = 1 0.1
1
10
100
VDS - Drain to Source Voltage - V
ID - Drain Current - A
Figure16. REVERSE RECOVERY TIME vs. DIODE FORWARD CURRENT 1000
di/dt = 100 A/s VGS = 0 V
Figure17. DYNAMIC INPUT/OUTPUT CHARACTERISTICS 80 16 14 60 VDD = 44 V 28 V 11 V VGS 12 10 8 6 20 VDS 0 0 10 20 30 ID = 40 A 40 4 2
trr - Reverse Recovery Time - ns
VDS - Drain to Source Voltage - V
100
40
10
1 0.1
1
10
100
IF - Diode Forward Current - A
QG - Gate Charge - nC
6
Data Sheet D14092EJ6V0DS
VGS - Gate to Source Voltage - V
NP40N055EHE, NP40N055KHE, NP40N055CHE, NP40N055DHE, NP40N055MHE, NP40N055NHE

PACKAGE DRAWINGS (Unit: mm)
1)TO-263 (MP-25ZJ)
Note
2)TO-263 (MP-25ZK)
4.8 MAX. 1.3 0.2
No plating
10 TYP. 4
1.0 0.5 8.5 0.2
10.0 0.3 7.88 MIN. 4
1.35 0.3
4.45 0.2
1.3 0.2
8.0 TYP.
9.15 0.3
15.25 0.5
0.025 to 0.25
1
2
3
5.7 0.4
1.4 0.2 0.7 0.2 2.54 TYP.
0
.5R
TY
P.
TY P.
2.54 TYP.
R 0.8
0.5 0.2
2.54
0.75 0.2
0.5
0.2
8
0 to
2.8 0.2
1.Gate 2.Drain 3.Source 4.Fin (Drain)
0.25 1 2 3 1.Gate 2.Drain 3.Source
2.5
4.Fin (Drain)
3)TO-220 (MP-25)
3.0 0.3
Note
4)TO-262 (MP-25 Fin Cut)
4.8 MAX.
Note
10.6 MAX. 10.0 TYP.
1.0 0.5
3.6 0.2
5.9 MIN.
1.3 0.2
4.8 MAX. 1.3 0.2
10 TYP.
15.5 MAX.
4 1 1.3 0.2 2 3
4 123
6.0 MAX.
1.3 0.2
12.7 MIN.
12.7 MIN.
8.5 0.2
0.75 0.1 2.54 TYP.
0.5 0.2 2.54 TYP. 1.Gate 2.Drain 3.Source 4.Fin (Drain)
2.8 0.2
0.75 0.3 2.54 TYP.
0.5 0.2 2.54 TYP. 1.Gate 2.Drain 3.Source 4.Fin (Drain)
2.8 0.2
Note Not for new design
2.54 0.25
Data Sheet D14092EJ6V0DS
7
NP40N055EHE, NP40N055KHE, NP40N055CHE, NP40N055DHE, NP40N055MHE, NP40N055NHE
5)TO-220 (MP-25K)
6)TO-262 (MP-25SK)
2.8 0.3
1.2 0.3
10.0 0.2
3.8 0.2
4.45 0.2 1.3 0.2
10.0 0.2
4.45 0.2 1.3 0.2
10.1 0.3
15.9 MAX.
6.3 0.3
4
4
3.1 0.2
12
13.7 0.3
3
13.7 0.3
1.27 0.2 0.8 0.1
1.27 0.2 0.8 0.1
3.1 0.3
123
8.9 0.2
0.5 0.2
2.54 TYP. 2.54 TYP.
2.5 0.2
0.5 0.2 2.54 TYP. 2.54 TYP.
2.5 0.2
1.Gate 2.Drain 3.Source 4.Fin (Drain)
1.Gate 2.Drain 3.Source 4.Fin (Drain)
EQUIVALENT CIRCUIT
Drain
Gate
Body Diode
Gate Protection Diode
Source
Remark
The diode connected between the gate and source of the transistor serves as a protector against ESD. When this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device.
8
Data Sheet D14092EJ6V0DS
NP40N055EHE, NP40N055KHE, NP40N055CHE, NP40N055DHE, NP40N055MHE, NP40N055NHE

TAPE INFORMATION
There are two types (-E1, -E2) of taping depending on the direction of the device.
Draw-out side
Reel side

MARKING INFORMATION
NEC 40N055 HE
Pb-free plating marking Abbreviation of part number Lot code

RECOMMENDED SOLDERING CONDITIONS
These products should be soldered and mounted under the following recommended conditions. For soldering methods and conditions other than those recommended below, please contact an NEC Electronics sales representative. For technical information, see the following website. Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Soldering Method Infrared reflow MP-25ZJ, MP-25ZK
Soldering Conditions Maximum temperature (Package's surface temperature): 260C or below Time at maximum temperature: 10 seconds or less Time of temperature higher than 220C: 60 seconds or less Preheating time at 160 to 180C: 60 to 120 seconds Maximum number of reflow processes: 3 times Maximum chlorine content of rosin flux (percentage mass): 0.2% or less
Recommended Condition Symbol
IR60-00-3
Wave soldering MP-25, MP-25K, MP-25SK, MP-25 Fin Cut Partial heating MP-25ZJ, MP-25ZK, MP-25K, MP-25SK Partial heating MP-25, MP-25 Fin Cut
Maximum temperature (Solder temperature): 260C or below Time: 10 seconds or less Maximum chlorine content of rosin flux: 0.2% (wt.) or less Maximum temperature (Pin temperature): 350C or below Time (per side of the device): 3 seconds or less Maximum chlorine content of rosin flux: 0.2% (wt.) or less Maximum temperature (Pin temperature): 300C or below Time (per side of the device): 3 seconds or less Maximum chlorine content of rosin flux: 0.2% (wt.) or less P300 P350 THDWS
Caution Do not use different soldering methods together (except for partial heating).
Data Sheet D14092EJ6V0DS
9
NP40N055EHE, NP40N055KHE, NP40N055CHE, NP40N055DHE, NP40N055MHE, NP40N055NHE
* The information in this document is current as of October, 2007. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC Electronics data sheets or data books, etc., for the most up-to-date specifications of NEC Electronics products. Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Electronics. NEC Electronics assumes no responsibility for any errors that may appear in this document. * NEC Electronics does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC Electronics products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Electronics or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of a customer's equipment shall be done under the full responsibility of the customer. NEC Electronics assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC Electronics endeavors to enhance the quality, reliability and safety of NEC Electronics products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC Electronics products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment and anti-failure features. * NEC Electronics products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to NEC Electronics products developed based on a customerdesignated "quality assurance program" for a specific application. The recommended applications of an NEC Electronics product depend on its quality grade, as indicated below. Customers must check the quality grade of each NEC Electronics product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support). "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC Electronics products is "Standard" unless otherwise expressly specified in NEC Electronics data sheets or data books, etc. If customers wish to use NEC Electronics products in applications not intended by NEC Electronics, they must contact an NEC Electronics sales representative in advance to determine NEC Electronics' willingness to support a given application. (Note) (1) "NEC Electronics" as used in this statement means NEC Electronics Corporation and also includes its majority-owned subsidiaries. (2) "NEC Electronics products" means any product developed or manufactured by or for NEC Electronics (as defined above).
M8E 02. 11-1


▲Up To Search▲   

 
Price & Availability of NP40N055KHE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X