Part Number Hot Search : 
MJ160 UC3843N D112K SMC16C BZX55C15 74V1G02S 035CT 68HC00
Product Description
Full Text Search
 

To Download NP109N04PUG-E2-AY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
NP109N04PUG
SWITCHING N-CHANNEL POWER MOS FET
DESCRIPTION
The NP109N04PUG is N-channel MOS Field Effect Transistor designed for high current switching applications.
ORDERING INFORMATION
PART NUMBER NP109N04PUG-E1-AY NP109N04PUG-E2-AY
Note Note
LEAD PLATING Pure Sn (Tin)
PACKING Tape 800 p/reel
PACKAGE TO-263 (MP-25ZP) typ. 1.5 g
Note Pb-free (This product does not contain Pb in external electrode).
FEATURES
* Super low on-state resistance RDS(on) = 2.3 m MAX. (VGS = 10 V, ID = 55 A) * High current rating ID(DC) = 110 A (TO-263)
ABSOLUTE MAXIMUM RATINGS (TA = 25C)
Drain to Source Voltage (VGS = 0 V) Gate to Source Voltage (VDS = 0 V) Drain Current (DC) (TC = 25C) Drain Current (pulse)
Note1
VDSS VGSS ID(DC) ID(pulse) PT1 PT2 Tch Tstg
40 20 110 440 220 1.8 175 -55 to +175 60
V V A A W W C C A mJ
Total Power Dissipation (TC = 25C) Total Power Dissipation (TA = 25C) Channel Temperature Storage Temperature Repetitive Avalanche Current
Note2 Note2
IAR
Repetitive Avalanche Energy EAR 360 Notes 1. PW 10 s, Duty Cycle 1% 2. Tch 150C, VDD = 20 V, RG = 25 , VGS = 20 0 V
THERMAL RESISTANCE
Channel to Case Thermal Resistance Channel to Ambient Thermal Resistance Rth(ch-C) Rth(ch-A) 0.68 83.3 C/W C/W
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information.
Document No. D18590EJ2V0DS00 (2nd edition) Date Published December 2007 NS Printed in Japan
The mark shows major revised points. The revised points can be easily searched by copying an "" in the PDF file and specifying it in the "Find what:" field.
2007
NP109N04PUG
ELECTRICAL CHARACTERISTICS (TA = 25C)
CHARACTERISTICS Zero Gate Voltage Drain Current Gate Leakage Current Gate to Source Threshold Voltage Forward Transfer Admittance Drain to Source On-state Resistance SYMBOL IDSS IGSS VGS(th) | yfs | RDS(on) Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VF(S-D) trr Qrr VDD = 32 V, VGS = 10 V, ID = 110 A IF = 110 A, VGS = 0 V IF = 110 A, VGS = 0 V, di/dt = 100 A/s TEST CONDITIONS VDS = 40 V, VGS = 0 V VGS = 20 V, VDS = 0 V VDS = VGS, ID = 250 A VDS = 10 V, ID = 55 A VGS = 10 V, ID = 55 A VDS = 25 V, VGS = 0 V, f = 1 MHz VDD = 20 V, ID = 55 A, VGS = 10 V, RG = 0 2.0 31 3.0 63 1.7 2.3 MIN. TYP. MAX. 1 100 4.0 UNIT
A
nA V S m pF pF pF ns ns ns ns nC nC nC

Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain Charge Body Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
10500 15750 980 630 47 35 90 35 180 44 64 0.9 56 80 1.4 1470 1140 103 70 180 70 270
V ns nC
TEST CIRCUIT 1 AVALANCHE CAPABILITY
D.U.T. RG = 25 PG. VGS = 20 0 V 50
TEST CIRCUIT 2 SWITCHING TIME
D.U.T.
L VDD PG. RG
RL VDD
VGS VGS
Wave Form
0
10%
VGS
90%
VDS
90% 90% 10% 10%
BVDSS IAS ID VDD VDS
VGS 0 = 1 s Duty Cycle 1%
VDS VDS
Wave Form
0
td(on) ton
tr
td(off) toff
tf
Starting Tch
TEST CIRCUIT 3 GATE CHARGE
D.U.T. IG = 2 mA PG. 50
RL VDD
2
Data Sheet D18590EJ2V0DS
NP109N04PUG
TYPICAL CHARACTERISTICS (TA = 25C)
DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA TOTAL POWER DISSIPATION vs. CASE TEMPERATURE
250
120
dT - Percentage of Rated Power - %
100 80 60 40 20 0 0 25 50 75 100 125 150 175
TC - Case Temperature - C
PT - Total Power Dissipation - W
200 150 100 50 0 0 25 50 75 100 125 150 175
TC - Case Temperature - C
FORWARD BIAS SAFE OPERATING AREA
1000
ID(DC)
DC
ID(pulse)
PW
=1
i0
0
ID - Drain Current - A
100
s
s m d it e 1i 0 m Li n w s m do 1i ak re d B it e y m ar Li nd n co t io Se pa si is D er
RDS(on) Limited (VGS = 10 V)
i
w Po
i
10
1
TC = 25C Single pulse
0.1 0.1 1 10 100
VDS - Drain to Source Voltage - V TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
100
rth(t) - Transient Thermal Resistance - C/W
Rth(ch-A) = 83.3C/Wi 10
1 Rth(ch-C) = 0.68C/Wi 0.1
Single pulse 0.01 100
1m
10 m
100 m
1
10
100
1000
PW - Pulse Width - s
Data Sheet D18590EJ2V0DS
3
NP109N04PUG
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE
500 400
FORWARD TRANSFER CHARACTERISTICS
1000
ID - Drain Current - A
300 200 100 Pulsed 0 0 0.2 0.4 0.6 0.8 1 VGS = 10 V
ID - Drain Current - A
100
10
Tch = -55C 25C 75C 150C 175C
1 VDS = 10 V Pulsed 0.1 0 1 2 3 4 5 6
VGS - Gate to Source Voltage - V
VDS - Drain to Source Voltage - V
GATE TO SOURCE THRESHOLD VOLTAGE vs. CHANNEL TEMPERATURE VGS(th) - Gate to Source Threshold Voltage - V | yfs | - Forward Transfer Admittance - S
3.5 3 2.5 2 1.5 1 0.5 0 -100 VDS = VGS ID = 250 A -50 0 50 100 150 200 100
FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT
10
150C 175C Tch = -55C 25C 75C VDS = 10 V Pulsed
1
0.1 0.1 1 10 100
Tch - Channel Temperature - C
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT RDS(on) - Drain to Source On-state Resistance - m RDS(on) - Drain to Source On-state Resistance - m
4 Pulsed 3
DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE
10 ID = 55 A Pulsed
2
VGS = 10 V
5
1
0 1 10 100 1000
0 0 5 10 15 20
ID - Drain Current - A
VGS - Gate to Source Voltage - V
4
Data Sheet D18590EJ2V0DS
NP109N04PUG
DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE RDS(on) - Drain to Source On-state Resistance - m

CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
5 4 3 2 1 Pulsed 0 -100 -50 0 50 100 150 200
Ciss, Coss, Crss - Capacitance - pF
100000
VGS = 10 V ID = 55 A
Ciss 10000 Coss 1000 VGS = 0 V f = 1 MHz 0.1 1 10 100
Crss
100 0.01
Tch - Channel Temperature - C SWITCHING CHARACTERISTICS
1000
VDS - Drain to Source Voltage - V
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
40 12
td(on), tr, td(off), tf - Switching Time - ns
VDS - Drain to Source Voltage - V
35 30 25 20 15 10 5 0
100
td(off) td(on)
9
VGS
6
tr 10 VDD = 20 V VGS = 10 V RG = 0 1 0.1 1 10 100
VDS ID = 110 A 0 50 100 150
3
0 200
ID - Drain Current - A SOURCE TO DRAIN DIODE FORWARD VOLTAGE
QG - Gate Charge - nC REVERSE RECOVERY TIME vs. DIODE FORWARD CURRENT
100
1000
trr - Reverse Recovery Time - ns
IF - Diode Forward Current - A
100 VGS = 10 V 10 0V
1 Pulsed 0.1 0 0.5 1 1.5
VF(S-D) - Source to Drain Voltage - V
di/dt = 100 A/s VGS = 0 V 10 0.1 1 10 100 1000
IF - Diode Forward Current - A
Data Sheet D18590EJ2V0DS
5
VGS - Gate to Source Voltage - V
tf
VDD = 32 V 20 V 8V
NP109N04PUG
PACKAGE DRAWING (Unit: mm)
TO-263 (MP-25ZP)
1.35 0.3
No plating
10.0 0.3 7.88 MIN. 4
4.45 0.2 1.3 0.2
8.0 TYP.
9.15 0.3
15.25 0.5
0.5
0.025 to 0.25
0.6 0
2.54 12 3
2.5
1. Gate 2. Drain 3. Source 4. Fin (Drain)
EQUIVALENT CIRCUIT
Drain
Gate
Body Diode
Source
Remark Strong electric field, when exposed to this device, can cause destruction of the gate oxide and ultimately degrade the device operation. Steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it once, when it has occurred.
6
Data Sheet D18590EJ2V0DS
2.54 0.25
0.75 0.2
.2 0 to 8 0.25
NP109N04PUG
TAPE INFORMATION
There are two types (-E1, -E2) of taping depending on the direction of the device.
Draw-out side
Reel side
MARKING INFORMATION
NEC 109N04 UG
Pb-free plating marking Abbreviation of part number Lot code
RECOMMENDED SOLDERING CONDITIONS
The NP109N04PUG should be soldered and mounted under the following recommended conditions. For soldering methods and conditions other than those recommended below, please contact an NEC Electronics sales representative. For technical information, see the following website. Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Soldering Method Infrared reflow
Soldering Conditions Maximum temperature (Package's surface temperature): 260C or below Time at maximum temperature: 10 seconds or less Time of temperature higher than 220C: 60 seconds or less Preheating time at 160 to 180C: 60 to 120 seconds Maximum number of reflow processes: 3 times Maximum chlorine content of rosin flux (percentage mass): 0.2% or less
Recommended Condition Symbol IR60-00-3
Partial heating
Maximum temperature (Pin temperature): 350C or below Time (per side of the device): 3 seconds or less Maximum chlorine content of rosin flux: 0.2% (wt.) or less
P350
Caution Do not use different soldering methods together (except for partial heating).
Data Sheet D18590EJ2V0DS
7
NP109N04PUG
* The information in this document is current as of December, 2007. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC Electronics data sheets or data books, etc., for the most up-to-date specifications of NEC Electronics products. Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Electronics. NEC Electronics assumes no responsibility for any errors that may appear in this document. * NEC Electronics does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC Electronics products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Electronics or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of a customer's equipment shall be done under the full responsibility of the customer. NEC Electronics assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC Electronics endeavors to enhance the quality, reliability and safety of NEC Electronics products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC Electronics products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment and anti-failure features. * NEC Electronics products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to NEC Electronics products developed based on a customerdesignated "quality assurance program" for a specific application. The recommended applications of an NEC Electronics product depend on its quality grade, as indicated below. Customers must check the quality grade of each NEC Electronics product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support). "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC Electronics products is "Standard" unless otherwise expressly specified in NEC Electronics data sheets or data books, etc. If customers wish to use NEC Electronics products in applications not intended by NEC Electronics, they must contact an NEC Electronics sales representative in advance to determine NEC Electronics' willingness to support a given application. (Note) (1) "NEC Electronics" as used in this statement means NEC Electronics Corporation and also includes its majority-owned subsidiaries. (2) "NEC Electronics products" means any product developed or manufactured by or for NEC Electronics (as defined above).
M8E 02. 11-1


▲Up To Search▲   

 
Price & Availability of NP109N04PUG-E2-AY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X