Part Number Hot Search : 
MMSZ5226 3NBSP 3N120 MAZD039 B1426 4N32XX 7406PC S541A
Product Description
Full Text Search
 

To Download MSMA-0100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1 0 W M e d i c a l G r ade Ultraminiature Switching Power Supplies
MMA-10
series
Single / Dual / Triple Outputs Universal 85VAC to 265VAC Input 3.3VDC to 24VDC Outputs 4,000VAC Input to Output Isolation PCB and Chassis Mount Packages Full Safety Approvals
PCB 2.56"L x 1.77"W x 0.83"H Chassis 3.77"L x 2.16"W x 1.0"H
Model Number
Output Voltage
Output Amps
Output Watts
SINGLE OUTPUT - PCB Mount MSMA-0100 3.3 VDC MSMA-0101 5 VDC MSMA-0104 9 VDC MSMA-0102 12 VDC MSMA-0103 15 VDC MSMA-0105 24 VDC SINGLE OUTPUT - Chassis Mount MSMC-0100 3.3 VDC MSMC-0101 5 VDC MSMC-0104 9 VDC MSMC-0102 12 VDC MSMC-0103 15 VDC MSMC-0105 24 VDC SINGLE OUTPUT - DIN Rail Mount MSMC-0100/DRL 3.3 VDC MSMC-0101/DRL 5 VDC MSMC-0104/DRL 9 VDC MSMC-0102/DRL 12 VDC MSMC-0103/DRL 15 VDC MSMC-0105/DRL 24 VDC
Fully Approved UL/CSA22.2 2601 File# E167432 EN60601-1 File# B021022749033
2.5 2 1.1 0.85 0.67 0.42 2.5 2 1.1 0.85 0.67 0.42 2.5 2 1.1 0.85 0.67 0.42
8W 10W 10W 10W 10W 10W 8W 10W 10W 10W 10W 10W 8W 10W 10W 10W 10W 10W
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
1 0 W M e d i c a l G r ade Ultraminiature Switching Power Supplies
MMA-10
series
Single / Dual / Triple Outputs Universal 85VAC to 265VAC Input 3.3VDC to 24VDC Outputs 4,000VAC Input to Output Isolation PCB and Chassis Mount Packages Full Safety Approvals
PCB 2.56"L x 1.77"W x 0.83"H Chassis 3.77"L x 2.16"W x 1.0"H
Model Number
Output Voltage
Output Amps
Output Watts
DUAL OUTPUT - PCB Mount MDMA-0106 +/-12 VDC MDMA-0107 +/-15 VDC MDMA-0108 +5/12 VDC DUAL OUTPUT - Chassis Mount MDMC-0106 +/-12 VDC MDMC-0107 +/-15 VDC MDMC-0108 +5/12 VDC DUAL OUTPUT - DIN Rail Mount MDMC-0106/DRL +/-12 VDC MDMC-0107/DRL +/-15 VDC MDMC-0108/DRL +5/12 VDC TRIPLE OUTPUT - PCB Mount MTMA-0109 +5,+/-12 VDC MTMA-0111 +5,+/-15 VDC TRIPLE OUTPUT - Chassis Mount MTMC-0109 +5,+/-12 VDC MTMC-0111 +5,+/-15 VDC TRIPLE OUTPUT - DIN Rail Mount MTMC-0109/DRL +5,+/-12 VDC MTMC-0111/DRL +5,+/-15 VDC
Fully Approved UL/CSA22.2 2601 File# E167432 EN60601-1 File# B021022749033
+/-0.42 +/-0.34 1/0.42 +/-0.42 +/-0.34 1/0.42 +/-0.42 +/-0.34 1/0.42 1.5,0.1/0.1 1.4,0.1/0.1 1.5,0.1/0.1 1.4,0.1/0.1 1.5,0.1/0.1 1.4,0.1/0.1
10W 10W 10W 10W 10W 10W 10W 10W 10W 10W 10W 10W 10W 10W 10W
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
1 0 W M e d i c a l G r ade Ultraminiature Switching Power Supplies
INPUT SPECIFICATIONS
Input Voltage, Nominal Input Frequency Inrush Current 85-265VAC Nominal: 100-240VAC 47-440 Hz, 50-60Hz Nom. 20A @ 100VAC, typ 40A @ 200VAC, typ
MMA-10
Open Collector Logic "1"/Open=ON Logic "0"/GND=OFF 4000VAC 1000VAC 2500VAC 140 Khz, fixed 75 - 80%, typ
series
GENERAL SPECIFICATIONS
On/Off Control
OUTPUT SPECIFICATIONS
Output Voltage/Current Initial Accuracy Voltage Adjust Load Regulation Line Regulation Temperature Coefficient Ripple/Noise(20Mhz BW) Overvoltage Protection Hold Up Time Short Circuit Protection Current Limit See Specific Model +/-1%, adjustable +/-6%, typ +/-0.3%, typ +/-0.3%, typ +/-0.03%/C 150mV Pk-Pk, typ Clamp, 130-150% * 30mS, typ Continuous, self-recovering * 130% typ,Self-Reset Foldback
Input-Out Isolation Output-Ground Isolation Input-Ground Isolation Operating Frequency Efficiency (@ Full Load)
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature Relative Humidity Storage Temperature MTBF, Single/Multi Output 0 to +50C FL See Derate * (Free-air Convection) 0-95%, Non-Condensing -25 to +71C * 180,000 Hrs/110,000 Hrs Mil Std 217, 25C
PHYSICAL SPECIFICATIONS
Case Material Construction Weight Rynite, 94V-0 Rated Encapsulated, Soft Pot PCB / CHA 4.6 oz (128g) / 8.5 oz (238g)
All specifications are typical at nominal input, full load, and 25DegC unless otherwise noted
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed nor implied.
Astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
1 0 W M e d i c a l G r ade Ultraminiature Switching Power Supplies
MECHANICAL DIMENSIONS - PCB MOUNT
MMA-10
series
Adjustment Pot Power "Good" Indicator 0.040 [1.02] DIA. TYP.
Model Type / Pin# 1 2 3 4 5
2.56 [65.0] 0.20 [5.1]
Dual Single AC HI AC LO GND No Pin No Pin +Vout No Pin No Pin -Vout Ctrl Matched AC HI AC LO GND No Pin No Pin +Vout No Pin Out Com -Vout Ctrl
Dual 5/12V AC HI AC LO GND No Pin No Pin 12Vout No Pin +5Vout Ctrl Triple AC HI AC LO GND +Vout +/-Com No Pin -Vout +5Vout Ctrl
1.77 [45.0]
6 7 8
.XX 0.01 [0.25] .XXX 0.005 [0.13]
0.83 [21.0]
Tolerance:
9 10
Out Com 5V Ret
Dimensions shown in inch [mm] 0.22 [5.5] 2.126 [54.0]
PERFORMANCE CURVES
100 90 80 80 90
Output Current, %
60 50 40 30 20 10 0 -10 0 10 20 30 40 50 60 70
Typical Efficiency, %
70
70 60 50 40 10 25 50 75 100
Ambient Temp., DegC
% of Full Load
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
1 0 W M e d i c a l G r ade Ultraminiature Switching Power Supplies
MECHANICAL DIMENSIONS - CHASSIS MOUNT
ADJUSTMENT POT POWER "GOOD" INDICATOR
MMA-10
#3-48 SCREW (6 PLACES)
series
#3-48 SCREW (3 PLACES) 2.16 [54.9] 1.780 [45.21] 0.50 [12.7] TYP. (2 PLACES)
4 1 2 3 5 6 7 8 9 0.25 [6.4] TYP. (5 PLACES)
0.19 [4.8] 0.17 [4.3] TOLERANCE: .XX .XXX 0.01 [0.25] 0.005 [0.13] 3.430 [87.12] 3.77 [95.8] 0.130 [3.30] DIA. TYP. (2 PLACES) ACCEPTS #4 SCREW & NUT
DIMENSIONS SHOWN IN INCH [MM]
1.00 [25.4]
MECHANICAL DIMENSIONS - DIN RAIL
0.350 [8.89]
Model Type / Pin#
1 2 3 4 5 6 7 8 9
Single
AC LO GND AC HI Ctrl -Vout -Vout +Vout +Vout N/C
Match Dual
AC LO GND AC HI Ctrl -Vout Com Com +Vout N/C
Unmatch Dual
AC LO GND AC HI Ctrl Com Com +5Vout +12Vout N/C
Triple
AC LO GND AC HI Ctrl +5 Ret +5Vout -Vout +/- Com +Vout
DIN Rail mounting kit available for Chassis-mount modules, specify part # M-DRL-01. Kit includes mounting plate, DIN Rail cliip and assembly hardware.
0.100 [2.54]
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181


▲Up To Search▲   

 
Price & Availability of MSMA-0100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X