Part Number Hot Search : 
LTC35 MN1202 00850 ANTXV SKY650 G1005 206EFR 4AC16
Product Description
Full Text Search
 

To Download LP3991TL-08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LP3991 300mA Linear Voltage Regulator for Digital Applications
December 13, 2007
LP3991 300mA Linear Voltage Regulator for Digital Applications
General Description
Operating from a minimum input voltage of 1.65V, the LP3991 regulator has been designed to provide fixed stable output voltages for load currents up to 300mA. This device is suitable where accurate, low voltages are required from low input voltage sources and is therefore suitable for post regulation of switched mode regulators. In such applications, significant improvements in performance and EMI can be realized, with little reduction in overall efficiency. The LP3991 will provide fixed outputs as low as 1.2V from a wide input range of 1.65V to 4.0V Using the enable pin, the device may be controlled to provide a shutdown state, in which negligible supply current is drawn. The LP3991 is designed to be stable with space saving ceramic capacitors as small as 0402 case size. Performance is specified for a -40C to 125C junction temperature range. For output voltage options please contact your local NSC sales office.
Features

Operation from 1.65V to 4.0V Input 1% accuracy at room temperature Output Voltage from 1.2V to 2.8V 125mV Dropout at 300mA load 50A Quiescent Current at 1mA Load Inrush Current controlled to 600mA PSRR 65dB at 1kHz 100s Start-Up time for 1.5V VOUT Stable with Ceramic Capacitors as small as 0402 Thermal-Overload and Short-Circuit Protection
Package
4 pin micro SMD (0.963mm x 1.446mm)
For other package options contact your NSC sales office.
Applications
Post DC/DC Regulator Battery Operated Devices Hand-Held Information Appliances
Typical Application Circuit
20110002
(c) 2007 National Semiconductor Corporation
201100
www.national.com
LP3991
Pin Descriptions
Packages Pin No. B1 Symbol VOUT Name and Function Voltage output. A Low ESR Ceramic Capacitor should be connected from this pin to GND. (See Application Information) Connect this output to the load circuit. Common Ground. Connect to Pad. Disables the Regulator when 0.4V. Enable Input has an internal 1.2M pull-down resistor to GND. B2 VIN Voltage Supply Input. A 1.0F capacitor should be connected from this pin to GND. Enable Input; Enables the Regulator when 0.95V.
A1 A2
GND VEN
Connection Diagram
4 Bump Thin Micro SMD, Large Bump
20110006
See NS package number TLA04
Ordering Information (4-Bump Micro SMD)
Only available as Lead Free. Output Voltage (V) 0.8 1.2 1.3 1.5 1.8 2.0 2.5 2.8 3.0 Grade STD STD STD STD STD STD STD STD STD LP3991 Supplied as 1000 Units, Tape and Reel LP3991TL-0.8 LP3991TL-1.2 LP3991TL-1.3 LP3991TL-1.5 LP3991TL-1.8 LP3991TL-2.0 LP3991TL-2.5 LP3991TL-2.8 LP3991TL-3.0 LP3991 Supplied as 3000 Units, Tape and Reel LP3991TLX-0.8 LP3991TLX-1.2 LP3991TLX-1.3 LP3991TLX-1.5 LP3991TLX-1.8 LP3991TLX-2.0 LP3991TLX-2.5 LP3991TLX-2.8 LP3991TLX-3.0
www.national.com
2
LP3991
Absolute Maximum Ratings
(Notes 1, 2) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. VIN, VOUT, Pins: Voltage to GND -0.3 to 6.5V VEN Pin: Voltage to GND -0.3 to (VIN + 0.3V) to 6.5V (max) Junction Temperature 150C Lead/Pad Temp. (Note 3) Micro SMD 260C Storage Temperature -65 to 150C Continuous Power Dissipation Internally Limited (Note 4) ESD (Note 5) Human Body Model 2KV Machine Model 200V
Operating Ratings
(Note 1) 1.65 to 4.0V 300mA -40C to 125C -40C to 85C
Input Voltage Range Recommended Load Current Junction Temperature Ambient Temperature TARange (Note 6)
Thermal Properties
Junction To Ambient Thermal Resistance(Note 7) JA JEDEC Board (Note 8) JA 4 Layer Board
(Note 1)
88C/W 160C/W
Electrical Characteristics
Unless otherwise noted, VEN =950mV, VIN = VOUT + 0.5V, or 1.8V, whichever is higher. CIN = 1F, IOUT = 1.0mA, COUT =4.7F. Typical values and limits appearing in normal type apply for TA = 25C. Limits appearing in boldface type apply over the full junction temperature range for operation, -40 to +125C. (Note 9) Symbol VIN VOUT Parameter Input Voltage Output Voltage Tolerance (Note 10) (Note 16) VIN = VIN(NOM) to 3.6V ILOAD = 1 to 300mA Temperature (TJ)= -25C to +85C Line Regulation Error VIN = VOUT(NOM) +0.5V to 3.6V, IOUT = 1mA 0.8V VOUT 2.8V Load Regulation Error VDO Dropout Voltage(Note 11) 1.8 VOUT 2.5V VOUT > 2.5V ILOAD IQ Minimum Load Current Quiescent Current (Note 12) VEN = 950mV, IOUT = 0mA VEN = 950mV, IOUT = 300mA VEN = 0.4V ISC IOUT PSRR Short Circuit Current Limit Maximum Output Current Power Supply Rejection Ratio (Note 14) Output noise Voltage (Note 14) Thermal Shutdown f = 1kHz, IOUT = 1mA to 300mA BW = 10Hz to 100kHz, VIN = 4.2V, COUT = 4.7F Temperature Hysteresis 65 VIN = 3.6V (Note 13) 50 120 0.001 550 300 IOUT = 1mA to 300mA IOUT = 150mA IOUT = 300mA IOUT = 150mA IOUT = 300mA 0.05 10 55 110 40 75 0 100 225 1.0 900 mA mA dB VRMS C A -1.0 -3.0 -2.5 Conditions Typ Limit Min 1.65 Max 3.6 4.0 1.0 3.0 2.5 % Units V
1 60 90 180 80 160
%/V V/mA
mV
mA
en TSHUTDOWN
280 160 20
3
www.national.com
LP3991
Electrical Characteristics con't.
Unless otherwise noted, VEN =950mV, VIN = VOUT + 0.5V, or 1.8V, whichever is higher. CIN = 1F, IOUT = 1.0mA, COUT =4.7F. Typical values and limits appearing in normal type apply for TA = 25C. Limits appearing in boldface type apply over the full junction temperature range for operation, -40 to +125C. (Note 9) Symbol Parameter Conditions Typ Limit Min Max Units
Enable Control Characteristics IEN (Note 15) VIL VIH TON Maximum Input Current at VEN Input Low Input Threshold High Input Threshold Turn On Time (Note 14) VEN = 0V, VIN = 3.6V VEN = VIN = 3.6V VIN = 1.65V to 3.6V VIN = 1.65V to 3.6V To 95% Level VIN(MIN) to 3.6V VOUT 2.0V VOUT > 2.0V 100 140 6 140 110 80 110 80 60 100 70 50 0 600 2 1000 % mA mV 0.95 0.001 3 5.5 0.4 A V V
Timing Characteristics s mV (pk - pk)
Line Transient Response |VOUT| Trise = Tfall = 30s (Note 14) VIN = 600mV Transient Response Load Transient Response |VOUT| Trise = Tfall = 1s IOUT = 0 mA to 300mA (Note 14) IOUT = 1mA to 300mA IOUT = 300mA to 1mA IOUT = 0mA to 200mA IOUT = 1mA to 200mA IOUT = 200mA to 1mA IOUT = 0mA to 150mA IOUT = 1mA to 150mA IOUT = 150mA to 1mA Overshoot on Start-up IIR In-Rush Current (Note 14)
Note 1: Absolute Maximum Ratings are limits beyond which damage can occur. Operating Ratings are conditions under which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical Characteristics tables. Note 2: All Voltages are with respect to the potential at the GND pin. Note 3: For further information on these packages please refer to the following application notes,AN-1112 Micro SMD Wafer Level Chip Scale Package. Note 4: Internal thermal shutdown circuitry protects the device from permanent damage. Note 5: The human body model is 100pF discharged through a 1.5k resistor into each pin. The machine model is a 200pF capacitor discharged directly into each pin. Note 6: The maximum ambient temperature (TA(max)) is dependant on the maximum operating junction temperature (TJ(max-op) = 125C), the maximum power dissipation of the device in the application (PD(max)), and the junction to ambient thermal resistance of the part / package in the application (JA), as given by the following equation: TA(max) = TJ(max-op) - (JA x PD(max)). Note 7: Junction to ambient thermal resistance is dependant on the application and board layout. In applications where high maximum power dissipation is possible, special care must be paid to thermal dissipation issues in board design. Note 8: Full details can be found in JESD61-7 Note 9: All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production at TJ = 25C or correlated using Statistical Quality Control methods. Operation over the temperature specification is guaranteed by correlating the electrical characteristics to process and temperature variations and applying statistical process control. Note 10: VIN(MIN) = VOUT(NOM) + 0.5V or 1.65V, whichever is greater. (See post DC/DC convertor example in application information section). Note 11: Dropout voltage is voltage difference between input and output at which the output voltage drops to 100mV below its nominal value. This parameter is only specified for output voltages above 1.8V. Note 12: The device maintains the regulated output voltage without a load. Note 13: Short circuit current is measured with VOUT pulled to 0V. Note 14: This electrical specification is guaranteed by design. Note 15: Enable Pin has an internal 1.2M typical, resistor connected to GND. Note 16: The device will operate with input voltages up to 4.0V. However special care should be taken in relation to thermal dissipation and the need to derate the maximum allowable ambient temperature. See (Notes 6, 7)
www.national.com
4
LP3991
Output Capacitor, Recommended Specifications
Parameter COUT Output Capacitor Capacitance (Note 17) Conditions VOUT 1.5V VOUT < 1.5V (Note 18) Typ 4.7 2.2 Limit Min 2 1.6 5 500 F m Max Units
ESR
Note 17: The capacitor tolerance should be 30% or better over temperature. The full operating conditions for the application should be considered when selecting a suitable capacitor to ensure that the minimum value of capacitance is always met. Recommended capacitor type is X7R or X5R. (See capacitor section in Applications Hints) Note 18: On lower voltage options, 2.2F output capacitor may be used but some degradation in load transient (10 -15%) can be expected, compared to a 4.7F.
5
www.national.com
LP3991
Typical Performance Characteristics.
Output Voltage Change vs Temperature
Unless otherwise specified, CIN = 1.0F Ceramic, COUT = 4.7F Ceramic, VIN = VOUT(NOM) + 0.5V or 1.8V whichever is greater, TA = 25C, VOUT(NOM) = 1.5V , Shutdown pin is tied to VIN. Output Voltage vs Minimum Input Voltage
20110010
20110009
Ground Current vs Load Current
Ground Current vs VIN. ILOAD = 1mA
20110012
20110011
Dropout Voltage
Dropout Voltage vs Output Voltage
20110014
20110015
www.national.com
6
LP3991
Unless otherwise specified, CIN = 1.0F Ceramic, COUT = 4.7F Ceramic, VIN = VOUT(NOM) + 0.5V or 1.8V whichever is greater, TA = 25C, VOUT(NOM) = 1.5V , Shutdown pin is tied to VIN. Load Transient, VOUT = 1.5V Load Transient, VOUT = 1.2V
Typical Performance Characteristics con't.
20110018
20110021
Line Transient, ILOAD = 1mA
Line Transient, ILOAD = 300mA
20110019
20110020
Enable Characteristics
Short Circuit Current
20110023
20110022
7
www.national.com
LP3991
Unless otherwise specified, CIN = 1.0F Ceramic, COUT = 4.7F Ceramic, VIN = VOUT(NOM) + 0.5V or 1.8V whichever is greater, TA = 25C, VOUT(NOM) = 1.5V , Shutdown pin is tied to VIN. Power Supply Rejection Ratio Power Supply Rejection Ratio
Typical Performance Characteristics con't.
20110025
20110026
Noise Density
20110028
www.national.com
8
LP3991
Application Information
EXTERNAL CAPACITORS In common with most regulators, the LP3991 requires external capacitors for regulator stability. The LP3991 is specifically designed for portable applications requiring minimum board space and smallest components. These capacitors must be correctly selected for good performance. INPUT CAPACITOR An input capacitor is required for stability. It is recommended that a 1.0F capacitor be connected between the LP3991 input pin and ground (this capacitance value may be increased without limit). This capacitor must be located a distance of not more than 1cm from the input pin and returned to a clean analogue ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input. Important: Tantalum capacitors can suffer catastrophic failures due to surge current when connected to a lowimpedance source of power (like a battery or a very large capacitor). If a tantalum capacitor is used at the input, it must be guaranteed by the manufacturer to have a surge current rating sufficient for the application. There are no requirements for the ESR (Equivalent Series Resistance) on the input capacitor, but tolerance, temperature, and voltage coefficients must be considered when selecting the capacitor to ensure the capacitance will remain 1.0F over the entire operating temperature range. OUTPUT CAPACITOR Correct selection of the output capacitor is critical to ensure stable operation in the intended application. The output capacitor must meet all the requirements specified in the recommended capacitor table over all conditions in the application. these conditions include DC bias, frequency and temperature. Unstable operation will result if the capacitance drops below the minimum specified value. The LP3991 is designed specifically to work with very small ceramic output capacitors. For voltage options of 1.5V and higher, A 4.7F ceramic capacitor (dielectric type X7R or X5R) with an ESR between 5m to 500m, is suitable in the LP3991 application circuit. However, on lower VOUT options a 2.2F may be employed with only a small increase in load transient. Other ceramic types such as Y5V and Z5U are less suitable owing to their inferior temperature characteristics. (See section on Capacitor Characteristics). It is also recommended that the output capacitor is placed within 1cm of the output pin and returned to a clean, low impedance, ground connection. It is possible to use tantalum or film capacitors at the device output, VOUT, but these are not as attractive for reasons of size and cost (see the section Capacitor Characteristics). NO-LOAD STABILITY The LP3991 will remain stable and in regulation with no external load. This is an important consideration in some circuits, for example CMOS RAM keep-alive applications. CAPACITOR CHARACTERISTICS The LP3991 is designed to work with ceramic capacitors on the input and output to take advantage of the benefits they offer. For capacitance values around 4.7F, ceramic capaci-
tors give the circuit designer the best design options in terms of low cost and minimal area. For both input and output capacitors, careful interpretation of the capacitor specification is required to ensure correct device operation. The capacitor value can change greatly dependant on the conditions of operation and capacitor type. In particular, to ensure stability, the output capacitor selection should take account of all the capacitor parameters, to ensure that the specification is met within the application. Capacitance value can vary with DC bias conditions as well as temperature and frequency of operation. Capacitor values will also show some decrease over time due to aging. The capacitor parameters are also dependant on the particular case size with smaller sizes giving poorer performance figures in general.
20110040
FIGURE 1. Effect of DC bias on Capacitance Value. As an example Figure 1 shows a typical graph showing a comparison of capacitor case sizes in a Capacitance vs. DC Bias plot. As shown in the graph, as a result of the DC Bias condition, the capacitance value may drop below the minimum capacitance value given in the recommended capacitor table. Note that the graph shows the capacitance out of spec for the 0402 case size capacitor at higher bias voltages. It is therefore recommended that the capacitor manufacturers' specifications for the nominal value capacitor are consulted for all conditions as some capacitor sizes (e.g. 0402) may not be suitable in the actual application. Ceramic capacitors have the lowest ESR values, thus making them best for eliminating high frequency noise. The ESR of a typical 4.7F ceramic capacitor is in the range of 20m to 40m, which easily meets the ESR requirement for stability for the LP3991. The temperature performance of ceramic capacitors varies by type. Capacitor type X7R is specified with a tolerance of 15% over the temperature range -55C to +125C. The X5R has a similar tolerance over the reduced temperature range of -55 C to +85C. Some large value ceramic capacitors (4.7F) are manufactured with Z5U or Y5V temperature characteristics, which can result in the capacitance dropping by more than 50% as the temperature varies from 25C to 85C. Therefore X7R or X5R types are recommended in applications where the temperature will change significantly above or below 25 C. Tantalum capacitors are less desirable than ceramic for use as output capacitors because they are more expensive when comparing equivalent capacitance and voltage ratings in the
9 www.national.com
LP3991
1F to 4.7F range. Another important consideration is that tantalum capacitors have higher ESR values than equivalent size ceramics. This means that while it may be possible to find a tantalum capacitor with an ESR value within the stable range, it would have to be larger in capacitance (which means bigger and more costly) than a ceramic capacitor with the same ESR value. It should also be noted that the ESR of a typical tantalum will increase about 2:1 as the temperature goes from 25C down to -40C, so some guard band must be allowed. ENABLE CONTROL The LP3991 features an active high Enable pin, VEN, which turns the device on when pulled high. When not enabled the regulator output is off and the device typically consumes 2nA. If the application does not require the Enable switching feature, the VEN pin should be tied to VIN to keep the regulator output permanently on. To ensure proper operation, the signal source used to drive the VEN input must be able to swing above and below the specified turn-on/off voltage thresholds listed in the Electrical Characteristics section under VIL and VIH.
micro SMD MOUNTING The micro SMD package requires specific mounting techniques which are detailed in the National Semiconductor Application Note (AN-1112). Referring to the section Surface Mount Technology (SMT) Assenbly Considerations, it should be noted that the pad style which must be used with the 4 pin package is NSMD (non-solder mask defined) type. For best results during assembly, alignment ordinals on the PCB may be used to facilitate placement of the micro SMD device. micro SMD LIGHT SENSITIVITY Exposing the micro SMD device to direct sunlight may cause mis-operation of the device. Light sources such as halogen lamps can affect the electrical performance if brought near to the device. The wavelengths which have most detrimental effect are reds and infra-reds, which means that fluorescent lighting, used inside most buildings will have little effect on performance.
20110036
FIGURE 2. LP3991 Used as a Post DC/DC regulator POST-BUCK REGULATOR Linear Post-Regulation can be an effective way to reduce ripple and switching noise from DC/DC convertors while still maintaining a reasonably high overall efficiency. The LP3991 is particularly suitable for this role due to its low input voltage requirements. In addition, there is often no need for a separate input capacitor for the LP3991 as it can share the output cap of the DC/DC convertor. Care of PCB layouts involving switching regulators is paramount. In particular, the ground paths for the LDO should be routed separately from the switcher ground and star connected close to the battery. Routing of the switch pin of the DC/DC convertor must be kept short to minimize radiated EMI. A low pass filter such as a ferrite bead or common mode choke on the battery input leads can further reduce radiated EMI. Figure 2 shows a typical example using an LM3673, 350mA DC/DC buck regulator with a nominal output of 1.8V and a 1.5V LP3991. The overall efficiency will be greater than 70% over the full Li-Ion battery voltage range. Maximum efficiency is achieved by minimizing the difference between VIN and VOUT of the LP3991. The LP3991-1.5 will remain in regulation down to an input voltage of 1.65V, so, in this case, a 1.8V buck with 5% tolerance is adequate for all conditions of temperature and load. MAXIMUM SUPPLY VOLTAGE AND THERMAL CONSIDERATIONS Maximum recommended input voltage is 3.6V. The device may be operated at 4.0V VIN if proper care is given to the board design in regard to thermal dissipation. As a guide please refer to the following table for ambient temperature at 2 input voltages and 2 load currents for the example board types. JA 88C/W VIN 3.6V 4.0V 160C/W 3.6V 4.0V VOUT 2.8V 2.8V 2.8V 2.8V IOUT 160mA 250mA 160mA 250mA 160mA 250mA 160mA 250mA PD 0.130W 0.200W 0.190W 0.300W 0.130W 0.200W 0.190W 0.300W Ambient Temp. 113C 107C 108C 98C 104C 93C 94C 77C
www.national.com
10
LP3991
Physical Dimensions inches (millimeters) unless otherwise noted
4 Bump Thin micro SMD, Large Bump NS Package Number TLA04ZTA The Dimensions for X1, X2 and X3 as given as: X1 = 0.963mm 0.030mm X2 = 1.446mm 0.03mm X3 = 0.60mm 0.075mm
11
www.national.com
LP3991 300mA Linear Voltage Regulator for Digital Applications
Notes
For more National Semiconductor product information and proven design tools, visit the following Web sites at:
Products Amplifiers Audio Clock Conditioners Data Converters Displays Ethernet Interface LVDS Power Management Switching Regulators LDOs LED Lighting PowerWise Serial Digital Interface (SDI) Temperature Sensors Wireless (PLL/VCO) www.national.com/amplifiers www.national.com/audio www.national.com/timing www.national.com/adc www.national.com/displays www.national.com/ethernet www.national.com/interface www.national.com/lvds www.national.com/power www.national.com/switchers www.national.com/ldo www.national.com/led www.national.com/powerwise www.national.com/sdi www.national.com/tempsensors www.national.com/wireless WEBENCH Analog University App Notes Distributors Green Compliance Packaging
Design Support www.national.com/webench www.national.com/AU www.national.com/appnotes www.national.com/contacts www.national.com/quality/green www.national.com/packaging www.national.com/quality www.national.com/refdesigns www.national.com/feedback
Quality and Reliability Reference Designs Feedback
THE CONTENTS OF THIS DOCUMENT ARE PROVIDED IN CONNECTION WITH NATIONAL SEMICONDUCTOR CORPORATION ("NATIONAL") PRODUCTS. NATIONAL MAKES NO REPRESENTATIONS OR WARRANTIES WITH RESPECT TO THE ACCURACY OR COMPLETENESS OF THE CONTENTS OF THIS PUBLICATION AND RESERVES THE RIGHT TO MAKE CHANGES TO SPECIFICATIONS AND PRODUCT DESCRIPTIONS AT ANY TIME WITHOUT NOTICE. NO LICENSE, WHETHER EXPRESS, IMPLIED, ARISING BY ESTOPPEL OR OTHERWISE, TO ANY INTELLECTUAL PROPERTY RIGHTS IS GRANTED BY THIS DOCUMENT. TESTING AND OTHER QUALITY CONTROLS ARE USED TO THE EXTENT NATIONAL DEEMS NECESSARY TO SUPPORT NATIONAL'S PRODUCT WARRANTY. EXCEPT WHERE MANDATED BY GOVERNMENT REQUIREMENTS, TESTING OF ALL PARAMETERS OF EACH PRODUCT IS NOT NECESSARILY PERFORMED. NATIONAL ASSUMES NO LIABILITY FOR APPLICATIONS ASSISTANCE OR BUYER PRODUCT DESIGN. BUYERS ARE RESPONSIBLE FOR THEIR PRODUCTS AND APPLICATIONS USING NATIONAL COMPONENTS. PRIOR TO USING OR DISTRIBUTING ANY PRODUCTS THAT INCLUDE NATIONAL COMPONENTS, BUYERS SHOULD PROVIDE ADEQUATE DESIGN, TESTING AND OPERATING SAFEGUARDS. EXCEPT AS PROVIDED IN NATIONAL'S TERMS AND CONDITIONS OF SALE FOR SUCH PRODUCTS, NATIONAL ASSUMES NO LIABILITY WHATSOEVER, AND NATIONAL DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY RELATING TO THE SALE AND/OR USE OF NATIONAL PRODUCTS INCLUDING LIABILITY OR WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. LIFE SUPPORT POLICY NATIONAL'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS PRIOR WRITTEN APPROVAL OF THE CHIEF EXECUTIVE OFFICER AND GENERAL COUNSEL OF NATIONAL SEMICONDUCTOR CORPORATION. As used herein: Life support devices or systems are devices which (a) are intended for surgical implant into the body, or (b) support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in a significant injury to the user. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system or to affect its safety or effectiveness. National Semiconductor and the National Semiconductor logo are registered trademarks of National Semiconductor Corporation. All other brand or product names may be trademarks or registered trademarks of their respective holders.
Copyright(c) 2007 National Semiconductor Corporation
For the most current product information visit us at www.national.com
National Semiconductor Americas Customer Support Center Email: new.feedback@nsc.com Tel: 1-800-272-9959 National Semiconductor Europe Customer Support Center Fax: +49 (0) 180-530-85-86 Email: europe.support@nsc.com Deutsch Tel: +49 (0) 69 9508 6208 English Tel: +49 (0) 870 24 0 2171 Francais Tel: +33 (0) 1 41 91 8790 National Semiconductor Asia Pacific Customer Support Center Email: ap.support@nsc.com National Semiconductor Japan Customer Support Center Fax: 81-3-5639-7507 Email: jpn.feedback@nsc.com Tel: 81-3-5639-7560
www.national.com


▲Up To Search▲   

 
Price & Availability of LP3991TL-08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X