Part Number Hot Search : 
KTC320 0100A P4KE22 ADM488 BD201 ACTR4105 XN01601 2SA608
Product Description
Full Text Search
 

To Download LMH6611 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LMH6611/LMH6612 PowerWise Single Supply 345 MHz Rail-to-Rail Output Amplifiers
December 18, 2007
LMH6611/LMH6612 PowerWise(R) Single Supply 345 MHz Rail-to-Rail Output Amplifiers
General Description
The LMH6611 (single, with shutdown) and LMH6612 (dual) are 345 MHz rail-to-rail output amplifiers consuming just 3.2 mA of quiescent current per channel and designed to deliver high performance in power conscious single supply systems. The LMH6611 and LMH6612 have precision trimmed input offset voltages with low noise and low distortion performance as required for high accuracy video, test and measurement, and communication applications. The LMH6611 and LMH6612 are members of the PowerWise family and have an exceptional power-to-performance ratio. With a trimmed input offset voltage of 0.022 mV and a high open loop gain of 103 dB the LMH6611 and LMH6612 meet the requirements of DC sensitive high speed applications such as low pass filtering in baseband I and Q radio channels. These specifications combined with a 0.01% settling time of and better than 102 dBc 100 ns, a low noise of 10 nV/ SFDR at 100 kHz make these amplifiers particularly suited to driving 10, 12 and 14-bit high speed ADCs. The 45 MHz 0.1 dB bandwidth (AV = 2) driving 2 VPP into 150 allows the amplifiers to be used as output drivers in 1080i and 720p HDTV applications. The input common mode range extends from 200 mV below the negative supply rail up to 1.2V from the positive rail. On a single 5V supply with a ground terminated 150 load the output swings to within 55 mV of the ground, while a mid-rail terminated 1 k load will swing to 77 mV of either rail. The amplifiers will operate on a 2.7V to 11V single supply or 1.35V to 5.5V split supply. The LMH6611 single is available in 6-Pin TSOT23 and has an independent active low disable pin which reduces the supply current to 120 A. The LMH6612 is available in 8-Pin SOIC. Both the LMH6611 and LMH6612 are available in -40C to +125C extended industrial temperature grade.
Features
VS = 5V, RL = 1 k, TA = 25C and AV = +1, unless otherwise specified. 2.7V to 11V Operating voltage range 3.2 mA Supply current per channel 345 MHz Small signal bandwidth 103 dB Open loop gain 0.022 mV Input offset voltage 460 V/s Slew rate 45 MHz 0.1 dB bandwidth 67 ns Settling time to 0.1% 100 ns Settling time to 0.01% 102 dBc SFDR (f = 100 kHz, AV = 2, VOUT = 2 VPP) 10 nV/Hz Low voltage noise 100 mA Output current -0.2V to 3.8V CMVR Rail-to-Rail output -40C to +125C temperature range
Applications

ADC driver DAC buffer Active filters High speed sensor amplifier Current sense amplifier 1080i and 720p analog video amplifier STB, TV video amplifier Video switching and muxing
Typical Application
30033629
PowerWise(R) is a registered trademark of National Semiconductor. WEBENCH(R) is a registered trademark of National Semiconductor Corporation.
(c) 2007 National Semiconductor Corporation
300336
www.national.com
LMH6611/LMH6612
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. ESD Tolerance (Note 2) Human Body Model For input pins only For all other pins Machine Model Charge Device Model
Supply Voltage (VS = V+ - V-) Junction Temperature (Note 3)
12V 150C max (Note 1) 2.7V to 11V -40C to +125C 231C/W 160C/W
Operating Ratings
V+ V-)
Supply Voltage (VS = - Ambient Temperature Range (Note 3) 2000V 2000V 200V 1000V Package Thermal Resistance (JA) 6-Pin TSOT23 8-Pin SOIC
+3V Electrical Characteristics
Symbol Parameter
Unless otherwise specified, all limits are guaranteed for TJ = +25C, V+ = 3V, V- = 0V, VS = V+ - V-, DISABLE = 3V, VCM = VO = V+/2, AV = +1, RF = 0, when AV +1 then RF = 560, RL = 1 k. Boldface limits apply at temperature extremes. (Note 4) Condition Min (Note 8) Typ (Note 7) 305 115 115 135 90 85 1.0 33 65 MHz 47 0.03 0.06 % deg MHz dB MHz MHz Max (Note 8) Units
Frequency Domain Response SSBW -3 dB Bandwidth Small Signal AV = 1, RL = 1 k, VOUT = 0.2 VPP AV = 2, -1, RL = 1 k, VOUT = 0.2 VPP GBW LSBW Gain Bandwidth -3 dB Bandwidth Large Signal AV = 10, RF = 2 k, RG = 221, RL = 1 k, VOUT = 0.2 VPP AV = 1, RL = 1 k, VOUT = 1.5 VPP AV = -1, RL = 150, VOUT = 2 VPP Peak 0.1 dBBW Peaking 0.1 dB Bandwidth AV = 1 AV = 1, VOUT = 0.5 VPP, RL = 1 k AV = 2, VOUT = 0.5 VPP, RL = 1 k RF = RG = 560 AV = 2, VOUT = 1.5 VPP, RL = 150, RF = RG = 510 DG DP Differential Gain Differential Phase AV = 2, 4.43 MHz, 0.6V < VOUT < 2V, RL = 150 to V+/2 AV = 2, 4.43 MHz, 0.6V < VOUT < 2V, RL = 150 to V+/2 Time Domain Response tr/tf SR ts_0.1 ts_0.01 SFDR Rise & Fall Time Slew Rate 0.1% Settling Time 0.01% Settling Time Spurious Free Dynamic Range 1.5V Step, AV = 1 2V Step, AV = 1 2V Step, AV = -1 2V Step, AV = -1 fC = 100 kHz, AV = -1, VOUT= 2 VPP fC = 1 MHz, AV = -1, VOUT = 2 VPP fC = 5 MHz, AV = -1, VOUT = 2 VPP en in CT Input Voltage Noise Input Current Noise Crosstalk (LMH6612) Input Offset Voltage (LMH6611) Input Offset Voltage (LMH6612) f = 100 kHz f = 100 kHz f = 5 MHz, VIN = 2 VPP 2.8 330 74 116 109 97 80 10 2 71 nV/ pA/ dB dBc ns V/s ns
Noise and Distortion Performance
Input, DC Performance VOS VCM = 0.5V VCM = 0.5V 0.022 0.015 0.600 1.0 0.600 1.2
mV
www.national.com
2
LMH6611/LMH6612
Symbol TCVOS IB IO CIN RIN CMVR CMRR AOL
Parameter Input Offset Voltage Average Drift (Note 5) Input Bias Current Input Offset Current Input Capacitance Input Resistance Input Voltage Range Common Mode Rejection Ratio Open Loop Gain VCM = 0.5V
Condition
Min (Note 8)
Typ (Note 7) 0.1 -5.9 0.01 2.5 6
Max (Note 8) -10.1 -11.1 0.5 0.7
Units V/C A A pF M
DC, CMRR 76 dB VCM Stepped from -0.1V to 1.7V RL = 1 k, VOUT = 2.7V to 0.3V RL = 150, VOUT = 2.5V to 0.5V
-0.2 79 89 78 98 101 85 59 133 58 131 59 133 42 61 139 45 70 0.07 2.0 0.001
1.8
V dB dB
Output DC Characteristics VO Output Swing High (LMH6611) (Voltage from V+ Supply Rail) RL = 1 k to V+/2 RL =150 to V+/2 Output Swing High (LMH6612) (Voltage from V+ Supply Rail) RL = 1 k to V+/2 RL =150 to V+/2 Output Swing Low (LMH6611) (Voltage from V- Supply Rail) RL = 1 k to V+/2 RL =150 to V+/2 RL = 150 to V- Output Swing Low (LMH6612) (Voltage from V- Supply Rail) RL = 1 k to V+/2 RL =150 to V+/2 RL = 150 to V- IOUT RO Linear Output Current Output Resistance Enable High Voltage Threshold Enable Pin High Current Enable Low Voltage Threshold Enable Pin Low Current ton toff PSRR IS Turn-On Time Turn-Off Time Power Supply Rejection Ratio Supply Current (LMH6611) Supply Current (LMH6612) (per channel) ISD Disable Shutdown Current (LMH6611) DC, VCM = 0.5V, VS = 2.7V to 11V RL = RL = DISABLE = 0V 81 VOUT = V+/2 (Note 6) f = 1 MHz Enabled (Note 9) VDISABLE = 3V Disabled (Note 9) VDISABLE = 0V 0.8 18 50 96 3.0 2.95 101 3.4 3.8 3.45 3.9 132 72 76 169 182 68 73 157 172 74 80 171 188 52 56 71 79 168 187 mA V A 1.0 V A ns ns dB mV
Enable Pin Operation
Power Supply Performance
mA
A
3
www.national.com
LMH6611/LMH6612
+5V Electrical Characteristics
Symbol Parameter
Unless otherwise specified, all limits are guaranteed for TJ = +25C, V+ = 5V, V- = 0V, VS = V+ - V-, DISABLE = 5V, VCM = VO = V+/2, AV = +1, RF = 0, when AV +1 then RF = 560, RL = 1 k. Boldface limits apply at temperature extremes. Condition Min (Note 8) Typ (Note 7) 345 112 115 135 77 85 0.3 45 68 MHz 45 0.05 0.06 % deg MHz dB MHz MHz Max (Note 8) Units
Frequency Domain Response SSBW -3 dB Bandwidth Small Signal AV = 1, RL = 1 k, VOUT = 0.2 VPP AV = 2, -1, RL = 1 k, VOUT = 0.2 VPP GBW LSBW Gain Bandwidth -3 dB Bandwidth Large Signal AV = 10, RF = 2 k, RG = 221, RL = 1 k, VOUT = 0.2 VPP AV = 1, RL = 1 k, VOUT = 2 VPP AV = 2, RL = 150, VOUT = 2 VPP Peak 0.1 dBBW Peaking 0.1 dB Bandwidth AV = 1 AV = 1, VOUT = 0.5 VPP, RL = 1 k AV = 2, VOUT = 0.5 VPP, RL = 1 k RF = RG = 680 AV = 2, VOUT = 2 VPP, RL = 150, RF = RG = 665 DG DP Differential Gain Differential Phase AV = 2, 4.43 MHz, 0.6V < VOUT < 2V, RL = 150 to V+/2 AV = 2, 4.43 MHz, 0.6V < VOUT < 2V, RL = 150 to V+/2 Time Domain Response tr/tf SR ts_0.1 ts_0.01 SFDR Rise & Fall Time Slew Rate 0.1% Settling Time 0.01% Settling Time Spurious Free Dynamic Range 2V Step, AV = 1 2V Step, AV = 1 2V Step, AV = -1 2V Step, AV = -1 fC = 100 kHz, AV = 2, VOUT = 2 VPP fC = 1 MHz, AV = 2, VOUT = 2 VPP fC = 5 MHz, AV = 2, VO = 2 VPP en in CT Input Voltage Noise Input Current Noise Crosstalk (LMH6612) Input Offset Voltage (LMH6611) Input Offset Voltage (LMH6612) TCVOS IB IO CIN RIN CMVR CMRR Input Offset Voltage Average Drift Input Bias Current Input Offset Current Input Capacitance Input Resistance Input Voltage Range Common Mode Rejection Ratio DC, CMRR 78 dB VCM Stepped from -0.1V to 3.7V
4
3.6 460 67 100 102 96 82 10 2 71
ns V/s ns
Distortion and Noise Performance dBc
f = 100 kHz f = 100 kHz f = 5 MHz, VIN = 2 VPP
nV/ pA/ dB
Input, DC Performance VOS VCM = 0.5V VCM = 0.5V (Note 5) VCM = 0.5V 0.013 0.022 0.1 -6.3 0.01 2.5 6 -0.2 81 98 3.8 -10.1 -11.1 0.5 0.7 0.600 1.0 0.600 1.2
mV
V/C A A pF M V dB
www.national.com
LMH6611/LMH6612
Symbol AOL
Parameter Open Loop Gain
Condition RL = 1 k, VOUT = 4.6V to 0.4V RL = 150, VOUT = 4.4V to 0.6V
Min (Note 8) 92 80
Typ (Note 7) 103 86 76 195 75 195 74 193 48 77 202 55 100 0.07
Max (Note 8)
Units
dB
Output DC Characteristics VO Output Swing High (LMH6611) (Voltage from V+ Supply Rail) RL = 1 k to V+/2 RL =150 to V+/2 Output Swing High (LMH6612) (Voltage from V+ Supply Rail) RL = 1 k to V+/2 RL =150 to V+/2 Output Swing Low (LMH6611) (Voltage from V- Supply Rail) RL = 1 k to V+/2 RL =150 to V+/2 RL = 150 to V- Output Swing Low (LMH6612) (Voltage from V- Supply Rail) RL = 1 k to V+/2 RL =150 to V+/2 RL = 150 to V- IOUT RO Linear Output Current Output Resistance Enable High Voltage Threshold Enable Pin High Current Enable Low Voltage Threshold Enable Pin Low Current ton toff PSRR IS Turn-On Time Turn-Off Time Power Supply Rejection Ratio Supply Current (LMH6611) Supply Current (LMH6612) (per channel) ISD Disable Shutdown Current (LMH6611) DC, VCM = 0.5V, VS = 2.7V to 11V RL = RL = DISABLE = 0V 81 VOUT = V+/2 (Note 6) f = 1 MHz Enabled (Note 9) VDISABLE = 5V Disabled (Note 9) VDISABLE = 0V 2.8 20 60 96 3.2 3.2 120 3.6 4.0 3.7 4.25 162 3.0 1.2 2.0 90 93 239 256 86 91 223 241 92 98 243 265 60 64 88 98 234 261 mA V A V A ns ns dB mV
Enable Pin Operation
Power Supply Performance
mA
A
5V Electrical Characteristics
Symbol Parameter
Unless otherwise specified, all limits are guaranteed for TJ = +25C, V+ = 5V, V- = -5V, VS = V+ - V-, DISABLE = 5V, VCM = VO = 0V, AV = +1, RF = 0, when AV +1 then RF = 560, RL = 1 k. Boldface limits apply at temperature extremes. Condition Min (Note 8) Typ (Note 7) 365 110 115 135 MHz MHz Max (Note 8) Units
Frequency Domain Response SSBW -3 dB Bandwidth Small Signal AV = 1, RL = 1 k, VOUT = 0.2 VPP AV = 2, -1, RL = 1 k, VOUT = 0.2 VPP GBW Gain Bandwidth AV = 10, RF = 2 k, RG = 221, RL = 1 k, VOUT = 0.2 VPP
5
www.national.com
LMH6611/LMH6612
Symbol LSBW
Parameter -3 dB Bandwidth Large Signal
Condition AV = 1, RL = 1 k, VOUT = 2 VPP AV = 2, RL = 150, VOUT = 2 VPP AV = 1 AV = 1, VOUT = 0.5 VPP, RL = 1 k AV = 2, VOUT = 0.5 VPP, RL = 1 k RF = RG = 750 AV = 2, VOUT = 2 VPP, RL = 150, RF = RG = 680
Min (Note 8)
Typ (Note 7) 85 87 0.01 92 65
Max (Note 8)
Units
MHz dB
Peak 0.1 dBBW
Peaking 0.1 dB Bandwidth
MHz 45 0.05 0.05 % deg
DG DP
Differential Gain Differential Phase
AV = 2, 4.43 MHz, 0.6V < VOUT < 2V, RL = 150 to V+/2 AV = 2, 4.43 MHz, 0.6V < VOUT < 2V, RL = 150 to V+/2
Time Domain Response tr/tf SR ts_0.1 ts_0.01 SFDR Rise & Fall Time Slew Rate 0.1% Settling Time 0.01% Settling Time Spurious Free Dynamic Range 2V Step, AV = 1 2V Step, AV = 1 2V Step, AV = -1 2V Step, AV = -1 fC = 100 kHz, AV = 2, VOUT = 2 VPP fC = 1 MHz, AV = 2, VOUT = 2 VPP fC = 5 MHz, AV = 2, VOUT = 2 VPP en in CT Input Voltage Noise Input Current Noise Crosstalk (LMH6612) Input Offset Voltage (LMH6611) Input Offset Voltage (LMH6612) TCVOS IB IO CIN RIN CMVR CMRR AOL Input Offset Voltage Average Drift Input Bias Current Input Offset Current Input Capacitance Input Resistance Input Voltage Range Common Mode Rejection Ratio Open Loop Gain DC, CMRR 81 dB VCM Stepped from -5.1V to 3.7V RL = 1 k, VOUT = +4.6V to -4.6V RL = 150, VOUT = +4.3V to -4.3V -5.2 81 96 80 98 103 87 dB f = 100 kHz f = 100 kHz f = 5 MHz, VIN = 2 VPP 3.5 460 60 100 102 100 81 10 2 71 nV/ pA/ dB dBc ns V/s ns
Noise and Distortion Performance
Input DC Performance VOS VCM = -4.5V VCM = -4.5V (Note 5) VCM = -4.5V 0.074 0.095 0.4 -6.5 0.01 2.5 6 3.8 -10.1 -11.1 0.5 0.7 0.600 1.1 0.600 1.3
mV
V/C A A pF M V dB
www.national.com
6
LMH6611/LMH6612
Symbol
Parameter
Condition
Min (Note 8)
Typ (Note 7) 107 339 107 340 103 332 54 108 348 65 120 0.07
Max (Note 8) 125 130 402 433 118 125 375 407 123 132 404 445 70 74 120 135 389 434
Units
Output DC Characteristics VO Output Swing High (LMH6611) (Voltage from V+ Supply Rail) RL = 1 k to GND RL =150 to GND Output Swing High (LMH6612) (Voltage from V+ Supply Rail) RL = 1 k to GND RL =150 to GND Output Swing Low (LMH6611) (Voltage from V- Supply Rail) RL = 1 k to GND RL =150 to GND RL = 150 to V- Output Swing Low (LMH6612) (Voltage from V- Supply Rail) RL = 1 k to GND RL =150 to GND RL = 150 to V- IOUT RO Linear Output Current Output Resistance Enable High Voltage Threshold Enable Pin High Current Enable Low Voltage Threshold Enable Pin Low Current ton toff PSRR IS Turn-On Time Turn-Off Time Power Supply Rejection Ratio Supply Current (LMH6611) Supply Current (LMH6612) (per channel) ISD Disable Shutdown Current (LMH6611) DC, VCM = -4.5V, VS = 2.7V to 11V RL = RL = DISABLE = -5V 81 VOUT = GND (Note 6) f = 1 MHz Enabled (Note 9) VDISABLE = +5V Disabled (Note 9) VDISABLE = -5V 18.6 19 60 96 3.3 3.45 160 3.8 4.4 4.05 4.85 212 0.5 17.0 -0.5
mV
mA V A V A ns ns dB
Enable Pin Operation
Power Supply Performance
mA
A
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics. Note 2: Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of JEDEC) Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC). Note 3: The maximum power dissipation is a function of TJ(MAX), JA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(MAX)) - TA)/ JA. All numbers apply for packages soldered directly onto a PC Board. Note 4: Boldface limits apply to temperature range of -40C to 125C Note 5: Voltage average drift is determined by dividing the change in VOS by temperature change. Note 6: Do not short circuit the output. Continuous source or sink currents larger than the IOUT typical are not recommended as they may damage the part. Note 7: Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on shipped production material. Note 8: Limits are 100% production tested at 25C. Limits over the operating temperature range are guaranteed through correlations using the Statistical Quality Control (SQC) method. Note 9: This parameter is guaranteed by design and/or characterization and is not tested in production.
7
www.national.com
LMH6611/LMH6612
Connection Diagrams
6-Pin TSOT23 8-Pin SOIC
30033601
Top View
30033678
Top View
Ordering Information
Package 6-Pin TSOT23 Part Number LMH6611MK LMH6611MKE LMH6611MKX LMH6612MA 8-Pin SOIC LMH6612MAE LMH6612MAX LMH6612MA AX4A Package Marking Transport Media 1k Units Tape and Reel 250 Units Tape and Reel 3k Units Tape and Reel 95 Rail/Units 250 Units Tape and Reel 2.5k Units Tape and Reel M08A Preliminary MK06A Released NSC Drawing Status
www.national.com
8
LMH6611/LMH6612
AV +1, unless otherwise specified.
Typical Performance Characteristics
Closed Loop Frequency Response for Various Supplies
At TJ = 25C, AV = +1 (RF = 0), otherwise RF = 560 for
Closed Loop Frequency Response for Various Supplies
30033625
30033624
Closed Loop Frequency Response for Various Supplies
Closed Loop Frequency Response for Various Supplies (Gain = +2)
30033604
30033605
Closed Loop Gain vs. Frequency for Various Temperatures
Closed Loop Gain vs. Frequency for Various Temperatures
30033654
30033655
9
www.national.com
LMH6611/LMH6612
Closed Loop Gain vs. Frequency for Various Gains
Large Signal Frequency Response
30033630 30033623
Large Signal Frequency Response
0.1 dB Gain Flatness for Various Supplies
30033631
30033626
0.1 dB Gain Flatness for Various Supplies
0.1 dB Gain Flatness for Various Supplies
30033627
30033606
www.national.com
10
LMH6611/LMH6612
0.1 dB Gain Flatness for Various Supplies
0.1 dB Gain Flatness for Various Supplies (Gain = +2)
30033607
30033675
Small Signal Frequency Response with Various Capacitive Load
Small Signal Frequency Response with Capacitive Load and Various RISO
30033608
30033609
HD2 and HD3 vs. Frequency and Supply Voltage
HD2 and HD3 vs. Frequency and Load
30033653
30033650
11
www.national.com
LMH6611/LMH6612
HD2 and HD3 vs. Common Mode Voltage
HD2 and HD3 vs. Common Mode Voltage
30033677
30033681
HD2 vs. Frequency and Gain
HD3 vs. Frequency and Gain
30033651
30033652
Open Loop Gain and Phase
HD2 vs. Output Swing
30033676
30033682
www.national.com
12
LMH6611/LMH6612
HD3 vs. Output Swing
HD2 vs. Output Swing
30033683
30033693
HD2 vs. Output Swing
HD3 vs. Output Swing
30033694
30033684
HD3 vs. Output Swing
Settling Time vs. Input Step Amplitude
30033685
30033686
13
www.national.com
LMH6611/LMH6612
Settling Time vs. Input Step Amplitude
Input Noise vs. Frequency
30033687
30033674
VOS vs. VOUT
VOS vs. VOUT
30033661
30033668
VOS vs. VCM
VOS vs. VS
30033660
30033658
www.national.com
14
LMH6611/LMH6612
VOS vs. IOUT
VOS Distribution
30033669
30033672
IB vs. VS
IS vs. VS
30033659
30033657
VOUT vs. VS
VOUT vs. VS
30033690
30033691
15
www.national.com
LMH6611/LMH6612
VOUT vs. VS
Closed Loop Output Impedance vs. Frequency AV = +1
30033671
30033696
Circuit for Positive (+) PSRR Measurement
+PSRR vs. Frequency
30033688
30033633
Circuit for Negative (-) PSRR Measurement
-PSRR vs. Frequency
30033689
30033634
www.national.com
16
LMH6611/LMH6612
CMRR vs. Frequency
Crosstalk vs. Frequency
30033697
30033632
Small Signal Step Response
Small Signal Step Response
30033610
30033611
Small Signal Step Response
Small Signal Step Response
30033612
30033614
17
www.national.com
LMH6611/LMH6612
Small Signal Step Response
Small Signal Step Response
30033615
30033616
Small Signal Step Response
Small Signal Step Response
30033617
30033618
Small Signal Step Response
Large Signal Step Response
30033619
30033613
www.national.com
18
LMH6611/LMH6612
Large Signal Step Response
Overload Recovery Response
30033620
30033621
IS vs. VDISABLE
30033656
19
www.national.com
LMH6611/LMH6612
Application Information
The LMH6611 and LMH6612 are based on National Semiconductor's proprietary VIP10 dielectrically isolated bipolar process. This device family architecture features the following: * Complimentary bipolar devices with exceptionally high ft (8 GHz) even under low supply voltage (2.7V) and low bias current. * Common emitter push-push output stage. This architecture allows the output to reach within millivolts of either supply rail. * Consistent performance with little variation from any supply voltage (2.7V - 11V) for the most important specifications (e.g. BW, SR, IOUT.) * Significant power saving compared to competitive devices on the market with similar performance. With 3V supplies and a common mode input voltage range that extends beyond either supply rail, the LMH6611 is well suited to many low voltage/low power applications. Even with 3V supplies, the -3 dB BW (at AV = +1) is typically 305 MHz. The LMH6611 and LMH6612 are designed to avoid output phase reversal. With input overdrive, the output is kept near the supply rail (or as close to it as mandated by the closed loop gain setting and the input voltage). Figure 1 shows the input and output voltage when the input voltage significantly exceeds the supply voltages.
30033639
FIGURE 2. Input Equivalent Circuit During Shutdown When the LMH6611 is shutdown, there may be current flow through the internal diodes shown, caused by input potential, if present. This current may flow through the external feedback resistor and result in an apparent output signal. In most shutdown applications the presence of this output is inconsequential. However, if the output is "forced" by another device, the other device will need to conduct the current described in order to maintain the output potential. To keep the output at or near ground during shutdown when there is no other device to hold the output low, a switch using a transistor can be used to shunt the output to ground. SELECTION OF RF AND EFFECT ON STABILITY AND PEAKING The peaking of the LMH6611 depends on the value of the RF. From the graph shown in Figure 3, as the RF value increases, the peaking increases. For AV = 2, at RF = 1 k, the -3 dB bandwidth is 113 MHz and peaking is about 0.6 dB whereas at RF = 665, the -3 dB bandwidth is about 110 MHz and peaking is 0 dB. RF and the input capacitance form a pole in the amplifier's response. If the time constant is too big, it will cause peaking and ringing. Except for AV = 1 when RF should be 0, across all other gain settings it is recommended that RF remain between 500 and 1 k to ensure optimum performance.
30033622
FIGURE 1. Input and Output Shown with CMVR Exceeded If the input voltage range is exceeded by more than a diode drop beyond either rail, the internal ESD protection diodes will start to conduct. The current flow in these ESD diodes should be externally limited. SHUTDOWN CAPABILITY AND TURN ON/OFF BEHAVIOR The LMH6611 can be shutdown by connecting the DISABLE pin to a voltage 0.5V below the supply midpoint which will reduce the supply current to typically 120 A. The DISABLE pin is "active low" and can be connected through a resistor to V+ or left floating for normal operation. Shutdown is guaranteed when the DISABLE pin is 0.5V below the supply midpoint at any operating supply voltage and temperature. Typical turn on time is 20 ns and the turn off time is 60 ns. In the shutdown mode, essentially all internal device biasing is turned off in order to minimize supply current flow and the output goes into high impedance mode. During shutdown, the input stage has an equivalent circuit as shown in Figure 2.
www.national.com 20
30033692
FIGURE 3. Closed Loop Gain vs. Frequency and RF = RG
LMH6611/LMH6612
RF = RG 665 1000
f -3 dB (MHz) 110 113
Peaking (dB) 0 0.6
MINIMIZING NOISE and an input curWith a low input voltage noise of 10 nV/ rent noise of 2 pA the LMH6611 and LMH6612 are suitable for high accuracy applications. Still being able to reduce the frequency band of operation of the various noise sources (i.e. op amp noise voltage, resistor thermal noise, input noise current) can further improve the noise performance of a system. In a non-inverting amplifier configuration inserting a capacitor, CG, in series with the gain setting resistor, RG, will reduce the gain of the circuit below frequency, f = 1/2RGCG. This can be set to reduce the contribution of noise from the 1/f region. Alternatively applying a feedback capacitor, CF, in parallel with the feedback resistor, RF, will introduce a pole into your system at f = 1/2RFCF and create a low pass filter. This filter can be set to reduce high frequency noise and harmonics. Finally remember to keep resistor values as small as possible for a given application in order to reduce resistor thermal noise. POWER SUPPLY BYPASS Since the LMH6611 and LMH6612 are wide bandwidth amplifiers, proper power supply bypassing is critical for optimum performance. Improper power supply bypassing can result in large overshoot, ringing or oscillation. 0.1 F capacitors should be connected from the supply pins, V+ and V-, to ground, as close to the device as is practical. Additionally, a 10 F electrolytic capacitor should be connected from both supply pins to ground reasonably close to the device. Finally, near the device a 0.1 F ceramic capacitor between the supplies will provide the best harmonic distortion performance. INTERFACING HIGH PERFORMANCE OP AMPS WITH ADCs These amplifiers are designed for ease of use in a wide range of applications requiring high speed, low supply current, low noise, and the ability to drive complex ADC and video loads. The source that drives the modern high resolution analog-todigital converters (ADCs) sees a high frequency AC load and a DC load of a few hundred ohms or more. Thus, a high performance op amp with high input impedance of a few mega ohms and low output impedance would be an ideal choice as an input ADC driver. The LMH6611/LMH6612 have the low output impedance of 0.07 at f = 1 MHz. The ADC driver acts as a buffer and a low pass filter to reduce the overall system noise. To utilize the full dynamic range of the ADC, the ADC input has to be driven to full scale input voltage. As signals travel through the traces of a printed circuit board (PCB) and long cables, system noise accumulates in the signals and a differential ADC rejects any signals noise that appears as a common mode voltage. There are a couple of advantages to using differential signals rather than singleended signals. First, differential signals double the dynamic range of the ADC and second, they offer better harmonic distortion performance. There are several ways to produce differential signals from a dual op amp configuration. One method is to utilize the single-ended to differential conversion technique and the other is the differential to differential conversion technique. The first method requires a single input source and the second method requires differential input source. A real world input source can have non-ideal impedance thus the buffer amplifier, with very low output impedance, is re21
quired to drive the input of the ADC. To minimize the droop in the input voltage, external shunt capacitance (CL) should be about ten times larger than the internal input capacitance of the ADC and external series resistance (RL) should be large enough to maintain the phase delay at the output of the op amp and hence maintain the stability (See Figure 4) . Most applications benefit from the inclusion of a series isolation resistor connected between the op amp output and ADC input. This series resistor helps to limit the output current of the op amp. The value chosen for this series resistor is very important, as a higher value will increase the load impedance seen by the op amp and improve the total harmonic distortion (THD) performance of the op amp; however, the ADC prefers a low impedance source driving it. Thus, the optimum value for this series resistor must be found so that it will offer the best performance in terms of THD, SNR and SFDR of the combined op amp and ADC. Important Specifications of Op Amp and ADC When interfacing an ADC with an op amp it is imperative to understand the specifications that are important to get the expected performance results. Modern ADC AC specifications such as THD, SNR, settling time and SFDR are critical for filtering, test and measurement, video and reconstruction applications. The high performance op amp's settling time, THD, and noise performance must be better than that of the ADC it is driving to maintain the proper system accuracy with minimal or no error. Some system applications require low THD, low SFDR and wide dynamic range (SNR), whereas some system applications require high SNR and they may sacrifice THD and SFDR to focus on the noise performance. Noise is a very important specification for both the op amp and the ADC. There are three main sources of noise that contribute to the overall performance of the ADC: Quantization noise, noise generated by the ADC itself (particularly at higher frequencies) and the noise generated by the application circuit. The impedance of the input source affects the noise performance of the op amp. Theoretically, an ADC's signal to noise ratio (SNR) can be found from the equation: SNR (in dB) = 6.02*N+1.72 where N is the resolution of the ADC. For example, according to this equation a 12-bit ADC has an SNR of 74 dB. However, the practical SNR number would be about 72 dB. In order to achieve better SNR, the ADC driver noise should be as small as possible. The LMH6611/LMH6612 have the low voltage noise of only 10 nV/ . The combined settling time of the op amp and the ADC must be within 1 LSB. The 0.01% settling time of the LMH6611/ LMH6612 is 100 ns. The ADC driver's THD should be inherently lower than that of the ADC. The LMH6611/LMH6612 have an SFDR of 96 dBc at 2 VPP output and 1 MHz input frequency. Signal to Noise and Distortion (SINAD) is a parameter which is the combination of the SNR and THD specifications. SINAD is defined as the RMS value of the output signal to the RMS value of all of the other spectral components below half the clock frequency, including harmonics but excluding DC. It can be calculated from SNR and THD according to the equation:
www.national.com
LMH6611/LMH6612
Because SINAD compares all undesired frequency components with the input frequency, it is an overall measure of an ADC's dynamic performance. The following sections will discuss the three different ADC driver architectures in detail. SINGLE TO SINGLE ADC DRIVER This architecture has a single-ended input source connected to the input of the op amp and the single-ended output of the op amp is then fed to the single-ended input of the ADC. The low noise of only 10 nV/ and a wide bandwidth of 345 MHz make the LMH6611 an excellent choice for driving the 12-bit ADC121S101 500 KSPS to 1 MSPS ADC, which has a successive approximation architecture with internal sample and hold circuits. Figure 2 shows the schematic of the LMH6611 in a 2nd order multiple-feedback with gain of -1 (inverting) configuration, driving an ADC121S101. The inverting config-
uration is preferred over the non-inverting configuration, as it offers more linear output response. Table 1 shows the performance data of the LMH6611 combined with the ADC121S101. The ADC driver's cutoff frequency of 500 kHz is found from the equation:
The op amp's gain is set by the equation:
30033629
FIGURE 4. Single to Single ADC Driver
TABLE 1. Performance of the LMH6611 Combined with the ADC121S101 Amplifier Output/ADC Input 4 SINAD (dB) 70.2 SNR (dB) 71.6 THD (dB) -75.7 * * * * * SFDR (dBc) 77.6 11.4 ADC121S101 @ f = 200 kHz ENOB Notes
When the op amp and the ADC are using the same supply, it is important that both devices are well bypassed. A 0.1 F ceramic capacitor and a 10 F tantalum capacitor should be located as close as possible to each supply pin. A sample layout is shown in Figure 5. The 0.1 F capacitors (C13 and C6) and the 10 F capacitors (C11 and C5) are located very close to the supply pins of the LMH6611 and the ADC121S101. The following are recommendations for the design of PCB layout in order to obtain the optimum high frequency performance:
Place ADC and amplifier as close together as possible. Put the supply bypassing capacitors as close as possible to the device (<1"). Utilize surface mount instead of through-hole components and ground and power planes. Keep the traces short where possible. Use terminated transmission lines for long traces.
www.national.com
22
LMH6611/LMH6612
30033640
FIGURE 5. LMH6611 and ADC121S101 Layout SINGLE-ENDED TO DIFFERENTIAL ADC DRIVER The single-ended to differential ADC driver in Figure 3 utilizes an LMH6612 dual op amp to buffer a single-ended source to drive an ADC with differential inputs. One of the op amps is configured as a unity gain buffer that drives the inverting (IN-) input of the op amp U2 and non-inverting (IN+) input of the ADC121S625. U2 inverts the input signal and drives the inverting input of the ADC121S625. U2 is configured for a gain of +2 to reduce the noise without sacrificing THD performance. The common mode voltage of 2.5V is set up at the non-inverting inputs of both op amps U1 and U2. This configuration produces differential 2.5 VPP output signals, when the single-ended input signal of 0 to VREF is AC coupled into the non-inverting terminal of the op amp and each non-inverting terminal of the op amp is biased at the mid-scale of 2.5V. The two output RC anti-aliasing filters are used between both the outputs of U1 and U2 and the input of the ADC121S625 to minimize the effect of undesired high frequency noise coming from the input source. Each RC filter has the cutoff frequency of approximately 22 MHz.
30033680
FIGURE 6. Single-Ended to Differential ADC Driver
23
www.national.com
LMH6611/LMH6612
The performance of the LMH6612 with the ADC121S625 is shown in Table 2. TABLE 2. Performance of the LMH6612 Combined with the ADC121S625 Amplifier Output/ADC Input 2.5 SINAD (dB) 68.8 SNR (dB) 69 THD (dB) -81.5 SFDR (dBc) 75.1 11.2 ADC121S625 @ f = 20 kHz ENOB Notes
DIFFERENTIAL TO DIFFERENTIAL ADC DRIVER The LMH6612 dual op amp can be configured as a differential to differential ADC driver to buffer a differential source to a differential input ADC as shown in Figure 7. The differential to differential ADC driver can be formed using two single to
single ADC drivers. Each output from these drivers goes to a separate input of the differential ADC. Here, each single to single ADC driver uses the same components and is configured for a gain of -1 (inverting).
30033642
FIGURE 7. Differential to Differential ADC Driver
www.national.com
24
LMH6611/LMH6612
The following table summarizes the performance of the LMH6612 combined with the ADC121S625 at two different frequencies. In order to utilize the full dynamic range of the
ADC, the maximum input of 2.5 VPP is applied to the ADC input. Figure 8 shows the FFT plot of the LMH6612 and ADC121S625 combination tested at f = 20 kHz input frequency.
TABLE 3. Performance of the LMH6612 Combined with the ADC121S625 Amplifier Output/ADC Input 2.5 2.5 SINAD (dB) 72.2 72.2 SNR (dB) 72.3 72.2 THD (dB) -87.7 -87.8 SFDR (dBc) 92.1 90.8 11.7 11.7 ADC121S625 @ f = 20 kHz ADC121S625 @ f = 200 kHz ENOB Notes
30033673
FIGURE 8. The FFT Plot of Differential to Differential ADC Driver
25
www.national.com
LMH6611/LMH6612
DC LEVEL SHIFTING Often a signal must be both amplified and level shifted while using a single supply for the op amp. The circuit in Figure 9 can do both of these tasks. The procedure for specifying the resistor values is as follows. 1. Determine the input voltage. 2. Calculate the input voltage midpoint, VINMID = VINMIN + (VINMAX - VINMIN)/2. 3. Determine the output voltage needed. 4. Calculate the output voltage midpoint, VOUTMID = VOUTMIN + (VOUTMAX - VOUTMIN)/2. 5. Calculate the gain needed, gain = (VOUTMAX - VOUTMIN)/ (VINMAX - VINMIN) 6. Calculate the amount the voltage needs to be shifted from input to output, VOUT = VOUTMID - gain x VINMID. 7. Set the supply voltage to be used. 8. Calculate the noise gain, noise gain = gain + VOUT/VS. 9. Set RF. 10. Calculate R1, R1 = RF/gain. 11. Calculate R2, R2 = RF/(noise gain-gain). 12. Calculate RG, RG= RF/(noise gain - 1). Check that both the VIN and VOUT are within the voltage ranges of the LMH6611.
30033648
FIGURE 9. DC Level Shifting The following example is for a VIN of 0V to 1V with a VOUT of 2V to 4V. 1. VIN = 0V to 1V 2. VINMID = 0V + (1V - 0V)/2 = 0.5V 3. VOUT = 2V to 4V 4. VOUTMID = 2V + (4V - 2V)/2 = 3V 5. Gain = (4V - 2V)/(1V - 0V) = 2 6. VOUT = 3V - 2 x 0.5V = 2 7. For the example the supply voltage will be +5V. 8. Noise gain = 2 + 2/5V = 2.4 9. RF = 2 k 10. R1 = 2 k/2 = 1 k 11. R2 = 2 k/(2.4-2) = 5 k 12. RG = 2 k/(2.4 - 1) = 1.43 k of +1 and a -3 dB point of 1 MHz. Values can be determined by using the WEBENCH(R) Active Filter Designer found at www.amplifiers.national.com.
4th ORDER MULTIPLE FEEDBACK LOW-PASS FILTER Figure 10 shows the LMH6612 used as the amplifier in a multiple feedback low pass filter. This filter is set up to have a gain
30033628
FIGURE 10. 4th Order Multiple Feedback Low-Pass Filter
www.national.com
26
LMH6611/LMH6612
CURRENT SENSE AMPLIFIER AND OPTIMIZING ACCURACY IN PRECESION APPLICATIONS With it's rail-to-rail output capability, low VOS, and low IB the LMH6611 is an ideal choice for a current sense amplifier application. Figure 11 shows the schematic of the LMH6611 set up in a low-side sense configuration which provides a conversion gain of 2V/A. Voltage error due to VOS can be calculated to be VOS x (1 + RF/RG) or 0.6 mV x 21 = 12.6 mV. Voltage error due to IO is I O x R F or 0.5 A x 1 k = 0.5 mV. Hence worst case total voltage error is 12.6 mV + 0.5 mV or 13.1 mV which translates into a current error of 13.1 mV/(2 V/ A) = 6.55 mA. This circuit employs DC source resistance matching at the two input terminals in order to minimize the output DC error caused by input bias current. Another technique to reduce output offset in a non-inverting amplifier configuration is to introduce a DC offset current into the inverting input of the amplifier. To ensure minimal impact on frequency response be sure to inject the DC offset current through large resistors. Conversely if optimizing an inverting amplifier configuration simply apply offset adjustment to the non-inverting input.
current by using larger values of gain (RF). The total capacitance (CT) on the inverting terminal of the op amp includes the photodiode capacitance (C PD) and the input capacitance of the op amp (CIN). This total capacitance (CT) plays an important role in the stability of the circuit. The noise gain of this circuit determines the stability and is defined by:
(1)
(2)
30033665 30033641
FIGURE 11. Current Sense Amplifier TRANSIMPEDANCE AMPLIFIER By definition, a photodiode produces either a current or voltage output from exposure to a light source. A Transimpedance Amplifier (TIA) is utilized to convert this low-level current to a usable voltage signal. The TIA often will need to be compensated to insure proper operation.
FIGURE 13. Bode Plot of Noise Gain Intersecting with Op Amp Open Loop Gain Figure 13 shows the bode plot of the noise gain intersecting the op amp open loop gain. With larger values of gain, CT and RF create a zero in the transfer function. At higher frequencies the circuit can become unstable due to excess phase shift around the loop. A pole at fP in the noise gain function is created by placing a feedback capacitor (CF) across RF. The noise gain slope is flattened by choosing an appropriate value of CF for optimum performance. Theoretical expressions for calculating the optimum value of CF and the expected -3 dB bandwidth are:
(3)
(4) Equation 4 indicates that the -3 dB bandwidth of the TIA is inversely proportional to the feedback resistor. Therefore, if the bandwidth is important then the best approach would be to have a moderate transimpedance gain stage followed by a broadband voltage gain stage. Table 4 shows the measurement results of the LMH6611 with different photodiodes having various capacitances (CPD) and a feedback resistance (RF) of 1 k.
30033662
FIGURE 12. Photodiode Modeled with Capacitance Elements Figure 12 shows the LMH6611 modeled with photodiode and the internal op amp capacitances. The LMH6611 allows circuit operation of a low intensity light due to its low input bias
27
www.national.com
LMH6611/LMH6612
TABLE 4. TIA (Figure 1) Compensation and Performance Results CPD (pF) 22 47 100 222 330
Note: GBWP = 130 MHz CT = CPD + CIN CIN = 2 pF VS = 2.5V
CT (pF) 24 49 102 224 332
CF CAL (pF) 5.42 7.75 11.15 20.39 20.2
CF USED (pF) 5.6 8 12 18 22
f -3 dB CAL (MHz) 29.3 20.5 14.2 9.6 7.9
f -3 dB MEAS (MHz) 27.1 21 15.2 10.7 9
Peaking (dB) 0.5 0.5 0.5 0.5 0.8
Figure 14 shows the frequency response for the various photodiodes in Table 4.
When analyzing the noise at the output of the TIA, it is important to note that the various noise sources (i.e. op amp noise voltage, feedback resistor thermal noise, input noise current, photodiode noise current) do not all operate over the same frequency band. Therefore, when the noise at the output is calculated, this should be taken into account. The op amp noise voltage will be gained up in the region between the noise gain's zero and pole (fZ and fP in Figure 13). The higher the values of RF and CT, the sooner the noise gain peaking starts and therefore its contribution to the total output noise will be larger. It is advantageous to minimize CIN by proper choice of op amp or by applying a reverse bias across the diode but this will be at the expense of excess dark current and noise.
30033635
FIGURE 14. Frequency Response for Various Photodiode and Feedback Capacitors
www.national.com
28
LMH6611/LMH6612
Physical Dimensions inches (millimeters) unless otherwise noted
6-Pin TSOT23 NS Package Number MK06A
8-Pin SOIC NS Package Number M08A
29
www.national.com
LMH6611/LMH6612 PowerWise Single Supply 345 MHz Rail-to-Rail Output Amplifiers
For more National Semiconductor product information and proven design tools, visit the following Web sites at:
Products Amplifiers Audio Clock Conditioners Data Converters Displays Ethernet Interface LVDS Power Management Switching Regulators LDOs LED Lighting PowerWise Serial Digital Interface (SDI) Temperature Sensors Wireless (PLL/VCO) www.national.com/amplifiers www.national.com/audio www.national.com/timing www.national.com/adc www.national.com/displays www.national.com/ethernet www.national.com/interface www.national.com/lvds www.national.com/power www.national.com/switchers www.national.com/ldo www.national.com/led www.national.com/powerwise www.national.com/sdi www.national.com/tempsensors www.national.com/wireless WEBENCH Analog University App Notes Distributors Green Compliance Packaging
Design Support www.national.com/webench www.national.com/AU www.national.com/appnotes www.national.com/contacts www.national.com/quality/green www.national.com/packaging www.national.com/quality www.national.com/refdesigns www.national.com/feedback
Quality and Reliability Reference Designs Feedback
THE CONTENTS OF THIS DOCUMENT ARE PROVIDED IN CONNECTION WITH NATIONAL SEMICONDUCTOR CORPORATION ("NATIONAL") PRODUCTS. NATIONAL MAKES NO REPRESENTATIONS OR WARRANTIES WITH RESPECT TO THE ACCURACY OR COMPLETENESS OF THE CONTENTS OF THIS PUBLICATION AND RESERVES THE RIGHT TO MAKE CHANGES TO SPECIFICATIONS AND PRODUCT DESCRIPTIONS AT ANY TIME WITHOUT NOTICE. NO LICENSE, WHETHER EXPRESS, IMPLIED, ARISING BY ESTOPPEL OR OTHERWISE, TO ANY INTELLECTUAL PROPERTY RIGHTS IS GRANTED BY THIS DOCUMENT. TESTING AND OTHER QUALITY CONTROLS ARE USED TO THE EXTENT NATIONAL DEEMS NECESSARY TO SUPPORT NATIONAL'S PRODUCT WARRANTY. EXCEPT WHERE MANDATED BY GOVERNMENT REQUIREMENTS, TESTING OF ALL PARAMETERS OF EACH PRODUCT IS NOT NECESSARILY PERFORMED. NATIONAL ASSUMES NO LIABILITY FOR APPLICATIONS ASSISTANCE OR BUYER PRODUCT DESIGN. BUYERS ARE RESPONSIBLE FOR THEIR PRODUCTS AND APPLICATIONS USING NATIONAL COMPONENTS. PRIOR TO USING OR DISTRIBUTING ANY PRODUCTS THAT INCLUDE NATIONAL COMPONENTS, BUYERS SHOULD PROVIDE ADEQUATE DESIGN, TESTING AND OPERATING SAFEGUARDS. EXCEPT AS PROVIDED IN NATIONAL'S TERMS AND CONDITIONS OF SALE FOR SUCH PRODUCTS, NATIONAL ASSUMES NO LIABILITY WHATSOEVER, AND NATIONAL DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY RELATING TO THE SALE AND/OR USE OF NATIONAL PRODUCTS INCLUDING LIABILITY OR WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. LIFE SUPPORT POLICY NATIONAL'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS PRIOR WRITTEN APPROVAL OF THE CHIEF EXECUTIVE OFFICER AND GENERAL COUNSEL OF NATIONAL SEMICONDUCTOR CORPORATION. As used herein: Life support devices or systems are devices which (a) are intended for surgical implant into the body, or (b) support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in a significant injury to the user. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system or to affect its safety or effectiveness. National Semiconductor and the National Semiconductor logo are registered trademarks of National Semiconductor Corporation. All other brand or product names may be trademarks or registered trademarks of their respective holders.
Copyright(c) 2007 National Semiconductor Corporation
For the most current product information visit us at www.national.com
National Semiconductor Americas Customer Support Center Email: new.feedback@nsc.com Tel: 1-800-272-9959 National Semiconductor Europe Customer Support Center Fax: +49 (0) 180-530-85-86 Email: europe.support@nsc.com Deutsch Tel: +49 (0) 69 9508 6208 English Tel: +49 (0) 870 24 0 2171 Francais Tel: +33 (0) 1 41 91 8790 National Semiconductor Asia Pacific Customer Support Center Email: ap.support@nsc.com National Semiconductor Japan Customer Support Center Fax: 81-3-5639-7507 Email: jpn.feedback@nsc.com Tel: 81-3-5639-7560
www.national.com


▲Up To Search▲   

 
Price & Availability of LMH6611

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X