Part Number Hot Search : 
2SC36 L63ID HC123 ST441 2SC36 TDA381 LVC540B L63ID
Product Description
Full Text Search
 

To Download LMH0074SQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LMH0074 SMPTE 259M / 344M Adaptive Cable Equalizer
December 5, 2007
LMH0074 SMPTE 259M / 344M Adaptive Cable Equalizer
General Description
The LMH0074 SMPTE 259M / 344M Adaptive Cable Equalizer is designed to equalize data transmitted over cable (or any media with similar dispersive loss characteristics). The equalizer operates over a wide range of data rates from 143 Mbps to 540 Mbps and supports SMPTE 259M and SMPTE 344M. The LMH0074 implements DC restoration to correctly handle pathological data conditions. The equalizer may be driven in either a single ended or differential configuration. Additional features include separate carrier detect and output mute pins which may be tied together to mute the output when no signal is present. A programmable mute reference is provided to mute the output at a selectable level of signal degradation.
Features

SMPTE 259M and SMPTE 344M compliant Supports DVB-ASI at 270 Mbps High data rates: 143 Mbps to 540 Mbps Equalizes up to 400 meters of Belden 1694A at 270 Mbps Manual bypass and output mute with a programmable threshold Single-ended or differential input 50 differential outputs Single 3.3V supply operation Industrial temperature range: -40C to +85C 208mW typical power consumption with 3.3V supply Footprint compatible with the LMH0044 and the GS9074A
Applications
SMPTE 259M and SMPTE 344M serial digital interfaces Serial digital data equalization and reception Data recovery equalization
Typical Application
30027501
(c) 2007 National Semiconductor Corporation
300275
www.national.com
LMH0074
Absolute Maximum Ratings (Note 1)
Supply Voltage Input Voltage (all inputs) Storage Temperature Range Junction Temperature Lead Temperature (Soldering 4 Sec) Package Thermal Resistance JA 16-pin LLP JC 16-pin LLP ESD Rating (HBM) ESD Rating (MM) -0.5V to 3.6V -0.3V to VCC+0.3V -65C to +150C +150C +260C +43C/W +9C/W 8kV 250V
Recommended Operating Conditions
Supply Voltage (VCC - VEE) Input Coupling Capacitance AEC Capacitor (Connected between AEC+ and AEC-) Operating Free Air Temperature (TA) 3.3V 5% 1.0 F 1.0 F -40C to +85C
DC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Notes 2, 3). Symbol Parameter VCMIN VSDI VCMOUT VSDO Input Common Mode Voltage Input Voltage Swing Output Common Mode Voltage Output Voltage Swing MUTEREF DC Voltage (floating) MUTEREF Range CD Output Voltage MUTE Input Voltage ICC Supply Current Carrier not present Carrier present Min to mute outputs Max to force outputs active (Note 7) 63 MUTE 3.0 0.8 77 CD 2.6 0.4 50 load, differential MUTEREF At LMH0074 input, (Notes 4, 6) SDO, SDO Conditions Reference SDI, SDI 720 Min Typ 1.9 800 VCC - VSDO/2 750 1.3 0.7 950 Max Units V mVP-P V mVP-P V V V V V V mA
www.national.com
2
LMH0074
AC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Note 3). Symbol Parameter BRSDI Input Data Rate Jitter for various Cable Lengths (with equalizer pathological) 270 Mbps, Belden 1694A, 400 meters (Note 4) 270 Mbps, Belden 8281, 280 meters (Note 4) tr,tf tOS ROUT RLIN RIN CIN Output Rise Time, Fall Time Mismatch in Rise/Fall Time Output Overshoot Output Resistance Input Return Loss Input Resistance Input Capacitance 20% - 80%, (Note 4) (Note 4) (Note 4) single-ended, (Note 5) (Note 8) single-ended single-ended, (Note 5) SDI, SDI 15 SDO, SDO Conditions Reference SDI, SDI Min 143 0.2 0.2 100 2 1 50 18-20 1.3 1 220 15 5 Typ Max 540 Units Mbps UI UI ps ps % dB k pF
Note 1: "Absolute Maximum Ratings" are those parameter values beyond which the life and operation of the device cannot be guaranteed. The stating herein of these maximums shall not be construed to imply that the device can or should be operated at or beyond these values. The table of "Electrical Characteristics" specifies acceptable device operating conditions. Note 2: Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are stated referenced to VEE = 0 Volts. Note 3: Typical values are stated for VCC = +3.3V and TA = +25C. Note 4: Specification is guaranteed by characterization. Note 5: Specification is guaranteed by design. Note 6: The maximum input voltage swing assumes a nonstressing, DC-balance signal; specifically, the SMPTE-recommended color bar test signal. Pathological or other stressing signals may not be used. This specification is for 0m cable only. Note 7: Supply current depends on the amount of cable being equalized. The current is highest for short cable and decreases as the cable length is increased. Refer to Figure 1. Note 8: Input return loss is dependent on board design. The LMH0074 meets this specification on the SD074 evaluation board from 5MHz to 1.5GHz.
3
www.national.com
LMH0074
Connection Diagram
30027503
16-Pin LLP Order Number LMH0074SQ See NS Package Number SQB16A
Pin Descriptions
Pin # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 VEE SDI SDI VEE AEC+ AECBYPASS MUTEREF VEE SDO SDO VEE VCC MUTE Name Description Negative power supply (ground). Serial data true input. Serial data complement input. Negative power supply (ground). AEC loop filter external capacitor (1F) positive connection. AEC loop filter external capacitor (1F) negative connection. Bypasses equalization and DC restoration when high. No equalization occurs in this mode. Mute reference. Sets the threshold for CD and (with CD tied to MUTE) determines the maximum cable to be equalized before muting. MUTEREF may be unconnected for maximum equalization. Negative power supply (ground). Serial data complement output. Serial data true output. Negative power supply (ground). Positive power supply (+3.3V). Output mute. To disable the mute function and enable the output, MUTE must be tied to GND or a low level signal. To force the outputs to a muted state, tie to VCC. CD may be tied to this pin to inhibit the output when no input signal is present. MUTE has no function in BYPASS mode. Carrier detect. CD is high when no signal is present. CD has no function in BYPASS mode. Positive power supply (+3.3V).
15 16
CD VCC
www.national.com
4
LMH0074
Block Diagram
30027502
Device Operation
BLOCK DESCRIPTION The Equalizer Filter block is a multi-stage adaptive filter. If Bypass is high, the equalizer filter is disabled. The DC Restoration / Level Control block receives the differential signals from the equalizer filter block. This block incorporates a self-biasing DC restoration circuit to fully DC restore the signals. If Bypass is high, this function is disabled. The signals before and after the DC Restoration / Level Control block are used to generate the Automatic Equalization Control (AEC) signal. This control signal sets the gain and bandwidth of the equalizer filter. The loop response in the AEC block is controlled by an external 1F capacitor placed across the AEC+ and AEC- pins. The Carrier Detect / Mute block generates the carrier detect signal and controls the mute function of the output. This block utilizes the CD and MUTE signals along with Mute Reference (MUTEREF). The Output Driver produces SDO and SDO. MUTE REFERENCE (MUTEREF) The mute reference sets the threshold for CD and (with CD tied to MUTE) determines the amount of cable to equalize before automatically muting the outputs. This is set by applying a voltage inversely proportional to the length of cable to equalize. As the applied MUTEREF voltage is increased, the amount of cable that can be equalized before carrier detect is
de-asserted and the outputs are muted is decreased. MUTEREF may be left unconnected for maximum equalization before muting. CARRIER DETECT (CD) AND MUTE Carrier detect CD indicates if a valid signal is present at the LMH0074 input. If MUTEREF is used, the carrier detect threshold will be altered accordingly. CD provides a high voltage when no signal is present at the LMH0074 input. CD is low when a valid input signal is detected. MUTE can be used to manually mute or enable SDO and SDO. Applying a high input to MUTE will mute the LMH0074 outputs. Applying a low input will force the outputs to be active. CD and MUTE may be tied together to automatically mute the output when no input signal is present. INPUT INTERFACING The LMH0074 accepts either differential or single-ended input. The input must be AC coupled. Transformer coupling is not supported. The LMH0074 correctly handles equalizer pathological signals for standard definition serial digital video, as described in SMPTE RP 178. OUTPUT INTERFACING The SDO and SDO outputs are internally loaded with 50. They produce a 750 mVP-P differential output, or a 375 mVP-P single-ended output.
5
www.national.com
LMH0074
Application Information
PCB LAYOUT RECOMMENDATIONS Please refer to the following Application Note on National's website: AN-1372, "LMH0034 PCB Layout Techniques." The PCB layout techniques in the application note apply to the LMH0074 as well. SUPPLY CURRENT VS. CABLE LENGTH The supply current (ICC) depends on the amount of cable being equalized. The current is highest for short cable and decreases as the cable length is increased. Figure 1 shows supply current vs. Belden 1694A cable length for 270 Mbps data.
30027515
FIGURE 1. Supply Current vs. Belden 1694A Cable Length, 270 Mbps
www.national.com
6
LMH0074
Physical Dimensions inches (millimeters) unless otherwise noted
16-Pin LLP Order Number LMH0074SQ NS Package Number SQB16A
7
www.national.com
LMH0074 SMPTE 259M / 344M Adaptive Cable Equalizer
Notes
For more National Semiconductor product information and proven design tools, visit the following Web sites at:
Products Amplifiers Audio Clock Conditioners Data Converters Displays Ethernet Interface LVDS Power Management Switching Regulators LDOs LED Lighting PowerWise Serial Digital Interface (SDI) Temperature Sensors Wireless (PLL/VCO) www.national.com/amplifiers www.national.com/audio www.national.com/timing www.national.com/adc www.national.com/displays www.national.com/ethernet www.national.com/interface www.national.com/lvds www.national.com/power www.national.com/switchers www.national.com/ldo www.national.com/led www.national.com/powerwise www.national.com/sdi www.national.com/tempsensors www.national.com/wireless WEBENCH Analog University App Notes Distributors Green Compliance Packaging
Design Support www.national.com/webench www.national.com/AU www.national.com/appnotes www.national.com/contacts www.national.com/quality/green www.national.com/packaging www.national.com/quality www.national.com/refdesigns www.national.com/feedback
Quality and Reliability Reference Designs Feedback
THE CONTENTS OF THIS DOCUMENT ARE PROVIDED IN CONNECTION WITH NATIONAL SEMICONDUCTOR CORPORATION ("NATIONAL") PRODUCTS. NATIONAL MAKES NO REPRESENTATIONS OR WARRANTIES WITH RESPECT TO THE ACCURACY OR COMPLETENESS OF THE CONTENTS OF THIS PUBLICATION AND RESERVES THE RIGHT TO MAKE CHANGES TO SPECIFICATIONS AND PRODUCT DESCRIPTIONS AT ANY TIME WITHOUT NOTICE. NO LICENSE, WHETHER EXPRESS, IMPLIED, ARISING BY ESTOPPEL OR OTHERWISE, TO ANY INTELLECTUAL PROPERTY RIGHTS IS GRANTED BY THIS DOCUMENT. TESTING AND OTHER QUALITY CONTROLS ARE USED TO THE EXTENT NATIONAL DEEMS NECESSARY TO SUPPORT NATIONAL'S PRODUCT WARRANTY. EXCEPT WHERE MANDATED BY GOVERNMENT REQUIREMENTS, TESTING OF ALL PARAMETERS OF EACH PRODUCT IS NOT NECESSARILY PERFORMED. NATIONAL ASSUMES NO LIABILITY FOR APPLICATIONS ASSISTANCE OR BUYER PRODUCT DESIGN. BUYERS ARE RESPONSIBLE FOR THEIR PRODUCTS AND APPLICATIONS USING NATIONAL COMPONENTS. PRIOR TO USING OR DISTRIBUTING ANY PRODUCTS THAT INCLUDE NATIONAL COMPONENTS, BUYERS SHOULD PROVIDE ADEQUATE DESIGN, TESTING AND OPERATING SAFEGUARDS. EXCEPT AS PROVIDED IN NATIONAL'S TERMS AND CONDITIONS OF SALE FOR SUCH PRODUCTS, NATIONAL ASSUMES NO LIABILITY WHATSOEVER, AND NATIONAL DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY RELATING TO THE SALE AND/OR USE OF NATIONAL PRODUCTS INCLUDING LIABILITY OR WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. LIFE SUPPORT POLICY NATIONAL'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS PRIOR WRITTEN APPROVAL OF THE CHIEF EXECUTIVE OFFICER AND GENERAL COUNSEL OF NATIONAL SEMICONDUCTOR CORPORATION. As used herein: Life support devices or systems are devices which (a) are intended for surgical implant into the body, or (b) support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in a significant injury to the user. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system or to affect its safety or effectiveness. National Semiconductor and the National Semiconductor logo are registered trademarks of National Semiconductor Corporation. All other brand or product names may be trademarks or registered trademarks of their respective holders.
Copyright(c) 2007 National Semiconductor Corporation
For the most current product information visit us at www.national.com
National Semiconductor Americas Customer Support Center Email: new.feedback@nsc.com Tel: 1-800-272-9959 National Semiconductor Europe Customer Support Center Fax: +49 (0) 180-530-85-86 Email: europe.support@nsc.com Deutsch Tel: +49 (0) 69 9508 6208 English Tel: +49 (0) 870 24 0 2171 Francais Tel: +33 (0) 1 41 91 8790 National Semiconductor Asia Pacific Customer Support Center Email: ap.support@nsc.com National Semiconductor Japan Customer Support Center Fax: 81-3-5639-7507 Email: jpn.feedback@nsc.com Tel: 81-3-5639-7560
www.national.com


▲Up To Search▲   

 
Price & Availability of LMH0074SQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X