Part Number Hot Search : 
M8400 TCS3414 6006A 7S471K 0724157 50020 DSP563 ESDAVLC
Product Description
Full Text Search
 

To Download ISL12030IBZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL12030
Real Time Clock with 50/60 Hz Clock and Alarms
Data Sheet December 14, 2007 FN6617.0
Low Power RTC with 50/60 Cycle AC Input, Alarms and Daylight Savings Correction
The ISL12030 device is a low power real time clock with 50/60 AC input for timing synchronization, clock/calendar registers, single periodic or polled alarms. There are 128 bytes of user SRAM. The oscillator uses a 50/60 cycle sine wave input. The real time clock tracks time with separate registers for hours, minutes, and seconds. The calendar registers contain the date, month, year, and day of the week. The calendar is accurate through year 2100, with automatic leap year correction and auto daylight savings correction.
Features
* 50/60 Cycle AC as a Primary Clock Input for RTC Timing * Real Time Clock/Calendar - Tracks Time in Hours, Minutes, Seconds and tenths of a Second - Day of the Week, Day, Month and Year * Auto Daylight Saving Time Correction - Programmable Forward and Backward Dates * Dual Alarms with Hardware and Register Indicators - Hardware Single Event or Pulse Interrupt Mode * 128 Bytes of User SRAM * I2C Interface - 400kHz Data Transfer Rate * Pb-free (RoHS compliant)
Pinout
ISL12030 (8 LD SOIC) TOP VIEW
NC GND AC NC 1 2 3 4 8 7 6 5 VDD IRQ SCL SDA
Applications
* Utility Meters * Control Applications * Vending Machines * White Goods * Consumer Electronics
Ordering Information
PART NUMBER (Note) ISL12030IBZ* PART MARKING 12030 IBZ VDD RANGE 2.7V to 5.5V TEMP RANGE (C) -40 to +85 PACKAGE (Pb-free) 8 Ld SOIC PKG DWG # M8.15
*Add "-T" suffix for tape and reel. Please refer to TB347 for details on reel specifications. NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2007. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL12030 Block Diagram
SDA SCL SDA BUFFER SCL BUFFER I2C INTERFACE SECONDS CONTROL LOGIC REGISTERS MINUTES HOURS DAY OF WEEK RTC DIVIDER VDD INTERNAL SUPPLY DATE MONTH YEAR ALARM CONTROL REGISTERS USER SRAM IRQ
AC
AC INPUT BUFFER
GND
Functional Pin Descriptions
PIN NUMBER 2 3 5 6 7 8 1, 4 SYMBOL GND AC SDA SCL IRQ VDD NC Ground. AC Input. The AC input pin accepts either 50Hz of 60Hz AC 2.5VP-P sine wave signal. Serial Data. SDA is a bi-directional pin used to transfer serial data into and out of the device. It has an open drain output and may be wire OR'ed with other open drain or open collector outputs. Serial Clock. The SCL input is used to clock all serial data into and out of the device. Interrupt Output. Open Drain active low output. Interrupt output pin to indicate alarm is triggered. Power supply. No Connection. Do not connect to any electrical circuit, power or ground. DESCRIPTION
2
FN6617.0 December 14, 2007
ISL12030
Absolute Maximum Ratings
Voltage on VDD, SCL, SDA, AC, IRQ pins (respect to ground) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V ESD Rating Human Body Model (Per MIL-STD-883 Method 3014) . . . . .>2kV Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>200V
Thermal Information
Thermal Resistance (Typical, Note 1) JA (C/W) 8 Ld SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120 Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65C to +150C Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40C to +85C Supply Voltage (VDD) . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty.
NOTE: 1. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Operating Specifications Specifications apply for: VDD = 2.7V to 5.5V, TA = -40C to +85C, unless otherwise stated.
SYMBOL VDD IDD1 PARAMETER Main Power Supply Supply Current VDD = 5V, SCL, SDA = VDD VDD = 3V, SCL, SDA = VDD IDD2 IDD3 ILI ILO Supply Current (I2C communications active) Supply Current for Timekeeping at AC Input Input Leakage Current on SCL I/O Leakage Current on SDA VDD = 5.5V at TA = +25C 9.0 18.0 1 1 A A A 2, 4 VDD = 5V CONDITIONS MIN (Note 8) 2.7 27 16 43 TYP (Note 3) MAX (Note 8) 5.5 60 45 75 UNITS V A A A 4 4 2, 4 NOTES
IRQ (OPEN DRAIN OUTPUT) VOL Output Low Voltage VDD = 5V, IOL = 3mA VDD = 2.7V, IOL = 1mA 0.4 0.4 V V
Power-Down Timing Specifications apply for: VDD = 2.7 to 5.5V, TA = -40C to +85C, unless otherwise stated.
SYMBOL VDD SRPARAMETER VDD Negative Slew Rate CONDITIONS MIN (Note 8) TYP (Note 3) MAX (Note 8) 10 UNITS V/ms NOTES 6
I2C Interface Specifications Specifications apply for: VDD = 2.7 to 5.5V, TA = -40C to +85C,
unless otherwise stated. SYMBOL VIL VIH Hysteresis PARAMETER SDA and SCL Input Buffer LOW Voltage SDA and SCL Input Buffer HIGH Voltage SDA and SCL Input Buffer Hysteresis SDA Output Buffer LOW Voltage, Sinking 3mA VDD = 5V, IOL = 3mA TEST CONDITIONS MIN (Note 8) -0.3 TYP (Note 3) MAX (Note 8) 0.3 x VDD VDD + 0.3 UNITS V NOTES
0.7 x VDD 0.05 x VDD
V
V
VOL
0.4
V
3
FN6617.0 December 14, 2007
ISL12030
I2C Interface Specifications Specifications apply for: VDD = 2.7 to 5.5V, TA = -40C to +85C,
unless otherwise stated. (Continued) SYMBOL CPIN PARAMETER SDA and SCL Pin Capacitance TEST CONDITIONS TA = +25C, f = 1MHz, VDD = 5V, VIN = 0V, VOUT = 0V MIN (Note 8) TYP (Note 3) 10 MAX (Note 8) UNITS pF NOTES
fSCL tIN tAA
SCL Frequency Pulse Width Suppression Time at SDA and SCL Inputs SCL Falling Edge to SDA Output Data Valid Any pulse narrower than the max spec is suppressed. SCL falling edge crossing 30% of VDD, until SDA exits the 30% to 70% of VDD window. 1300
400 50
kHz ns
900
ns
tBUF
Time the Bus Must be Free Before SDA crossing 70% of VDD the Start of a New Transmission during a STOP condition, to SDA crossing 70% of VDD during the following START condition. Clock LOW Time Measured at the 30% of VDD crossing. Measured at the 70% of VDD crossing. SCL rising edge to SDA falling edge. Both crossing 70% of VDD. From SDA falling edge crossing 30% of VDD to SCL falling edge crossing 70% of VDD. From SDA exiting the 30% to 70% of VDD window, to SCL rising edge crossing 30% of VDD. From SCL falling edge crossing 30% of VDD to SDA entering the 30% to 70% of VDD window. From SCL rising edge crossing 70% of VDD, to SDA rising edge crossing 30% of VDD. From SDA rising edge to SCL falling edge. Both crossing 70% of VDD. From SCL falling edge crossing 30% of VDD, until SDA enters the 30% to 70% of VDD window. From 30% to 70% of VDD. From 70% to 30% of VDD. Total on-chip and off-chip
ns
tLOW tHIGH tSU:STA
1300
ns
Clock HIGH Time
600
ns
START Condition Setup Time
600
ns
tHD:STA
START Condition Hold Time
600
ns
tSU:DAT
Input Data Setup Time
100
ns
tHD:DAT
Input Data Hold Time
0
900
ns
tSU:STO
STOP Condition Setup Time
600
ns
tHD:STO
STOP Condition Hold Time
600
ns
tDH
Output Data Hold Time
0
ns
tR tF Cb
SDA and SCL Rise Time SDA and SCL Fall Time Capacitive loading of SDA or SCL
20 + 0.1 x Cb 20 + 0.1 x Cb 10
300 300 400
ns ns pF
7 7 7
4
FN6617.0 December 14, 2007
ISL12030
I2C Interface Specifications Specifications apply for: VDD = 2.7 to 5.5V, TA = -40C to +85C,
unless otherwise stated. (Continued) SYMBOL RPU PARAMETER TEST CONDITIONS MIN (Note 8) 1 TYP (Note 3) MAX (Note 8) UNITS k NOTES 7
SDA and SCL Bus Pull-up Resistor Maximum is determined by Off-chip tR and tF. For Cb = 400pF, max is about 2k. For Cb = 40pF, max is about 15k
NOTES: 2. IRQ Inactive. 3. Specified at TA =+25C. 4. FSCL = 400kHz. 5. In order to ensure proper timekeeping, the VDD SR- specification must be followed. 6. Parameter is not 100% tested. 7. These are I2C specific parameters and are not tested, however, they are used to set conditions for testing devices to validate specification. 8. Parts are 100% tested at +25C. Over-temperature limits established by characterization and are not production tested.
5
FN6617.0 December 14, 2007
ISL12030 SDA vs SCL Timing
tF tHIGH tLOW tR
SCL tSU:STA tHD:STA SDA (INPUT TIMING)
tSU:DAT tHD:DAT tSU:STO
tAA SDA (OUTPUT TIMING)
tDH
tBUF
Symbol Table
WAVEFORM INPUTS Must be steady OUTPUTS Will be steady
May change from LOW to HIGH May change from HIGH to LOW Don't Care: Changes Allowed N/A
Will change from LOW to HIGH Will change from HIGH to LOW Changing: State Not Known Center Line is High Impedance
EQUIVALENT AC OUTPUT LOAD CIRCUIT FOR VDD = 5V 5.0V 1533 SDA AND IRQ 100pF FOR VOL= 0.4V AND IOL = 3mA
FIGURE 1. STANDARD OUTPUT LOAD FOR TESTING THE DEVICE WITH VDD = 5.0V
6
FN6617.0 December 14, 2007
ISL12030 General Description
The ISL12030 device is a low power real time clock with 50/60 AC input for timing synchronization, clock/calendar registers, single periodic or polled alarms. There are 128 bytes of user SRAM. The oscillator uses a 50/60 cycle sine wave input. The real time clock tracks time with separate registers for hours, minutes and seconds. The calendar registers contain the date, month, year and day of the week. The calendar is accurate through year 2100, with automatic leap year correction and auto daylight savings correction. The ISL12030's alarm can be set to any clock/calendar value for a match. Each alarm's status is available by checking the Status Register. The device also can be configured to provide a hardware interrupt via the IRQ pin. There is a repeat mode for the alarms allowing a periodic interrupt every minute, every hour, every day, etc. The ISL12030 devices are specified for VDD = 2.7V to 5.5V
Functional Description
Power Supply Operation
The ISL12030 will function with inputs from VDD = 2.7V to 5.5VDC. If the VDD supply should drop below this, operation to the specifications may be compromised, although the SRAM memory will hold its values until VDD = 1.8V. Below that, the entire device is not guaranteed to operate or retain SRAM memory.
Power Failure Detection
The ISL12030 provides a Real Time Clock Failure Bit (RTCF) to detect total power failure. It allows users to determine if the device has powered up after having lost all power to the device (VDD very near 0.0VDC).
Real Time Clock Operation
The Real Time Clock (RTC) maintains an accurate internal representation of tenths of a second, second, minute, hour, day of week, date, month and year. The RTC also has leap-year correction. The clock also corrects for months having fewer than 31 days and has a bit that controls 24 hour or AM/PM format. When the ISL12030 powers up after the loss of VDD, the clock will not begin incrementing until at least one byte is written to the clock register.
Pin Descriptions
AC (AC Input)
The AC input is the main clock input for the real time clock. It can be either 50Hz or 60Hz, sine wave. The preferred amplitude is 2.5VP-P, although amplitudes >0.2 x VDD are acceptable. An AC coupled (series capacitor) sine wave clock waveform is desired as the AC clock input provides DC biasing.
Alarm Operation
The alarm mode is enabled via the MSB bit. Single event or interrupt alarm mode is selected via the IM bit. The standard alarm allows for alarms of time, date, day of the week, month and year. When a time alarm occurs in single event mode, the IRQ pin will be pulled low and the corresponding alarm status bit (ALM0 or ALM1) will be set to "1". The status bits can be written with a "0" to clear, or if the ARST bit is set, a single read of the SRDC status register will clear them. The pulsed interrupt mode (setting the IM bit to "1") activates a repetitive or recurring alarm. Hence, once the alarm is set, the device will continue to output a pulse for each occurring match of the alarm and present time. The Alarm pulse will occur as often as every minute (if only the nth second is set) or as infrequently as once a year (if at least the nth month is set). During pulsed interrupt mode, the IRQ pin will be pulled LOW for 250ms and the alarm status bit (ALM0 or ALM1) will be set to "1".
IRQ (Interrupt Output)
This pin provides an interrupt signal output. This signal notifies a host processor that an alarm has occurred and requests action. It is an open drain active LOW output.
Serial Clock (SCL)
The SCL input is used to clock all serial data into and out of the device. The input buffer on this pin is always active (not gated). It is disabled when the VDD supply drops below 2.7V.
Serial Data (SDA)
SDA is a bi-directional pin used to transfer data into and out of the device. It has an open drain output and may be OR'ed with other open drain or open collector outputs. The input buffer is always active (not gated) in normal mode. An open drain output requires the use of a pull-up resistor. The output circuitry controls the fall time of the output signal with the use of a slope controlled pull-down. The circuit is designed for 400kHz I2C interface speeds.
General Purpose User SRAM
The ISL12030 provides 128 bytes of user SRAM. The SRAM is volatile and will be lost or corrupted if VDD drops below 1.8V.
VDD, GND
Chip power supply and ground pins. The device will operate with a power supply from VDD = 2.7V to 5.5VDC. A 0.1F capacitor is recommended on the VDD pin to ground.
I2C Serial Interface
The ISL12030 has an I2C serial bus interface that provides access to the control and status registers and the user SRAM. The I2C serial interface is compatible with other
7
FN6617.0 December 14, 2007
ISL12030
industry I2C serial bus protocols using a bi-directional data signal (SDA) and a clock signal (SCL). Write capability is allowable into the RTC registers (00h to 07h) only when the WRTC bit (bit 6 of address 0Ch) is set to "1". A multi-byte read or write operation is limited to one section per operation. Access to another section requires a new operation. A read or write can begin at any address within the section. A register can be read by performing a random read at any address at any time. This returns the contents of that register's location. Additional registers are read by performing a sequential read. For the RTC and Alarm registers, the read instruction latches all clock registers into a buffer, so an update of the clock does not change the time being read. At the end of a read, the master supplies a stop condition to end the operation and free the bus. After a read, the address remains at the previous address +1 so the user can execute a current address read and continue reading the next register. It is only necessary to set the WRTC bit prior to writing into the RTC registers. All other registers are completely accessible without setting the WRTC bit.
Register Descriptions
The registers are accessible following an I2C slave byte of "1101 111x" and reads or writes to addresses [00h:47h]. The defined addresses and default values are described in the Table 1. The general purpose SRAM has a different slave address (1010 111x), so it is not possible to read/write that section of memory while accessing the registers. REGISTER ACCESS The contents of the registers can be modified by performing a byte or a page write operation directly to any register address. The registers are divided into 5 sections. They are: 1. Real Time Clock (8 bytes): Address 00h to 07h. 2. Status (1 bytes): Address 08h. 3. Control (2 bytes): 0Ch and 13h. 4. Day Light Saving Time (8 bytes): 15h to 1Ch 5. Alarm 0/1 (12 bytes):1Dh to 28h
TABLE 1. REGISTER MEMORY MAP (X indicates writes to these bits have no effect on the device) REG NAME SC MN HR RTC DT MO YR DW SS Status Control SRDC INT AC DstMoFd DstDwFd DstDtFd DSTCR DstHrFd DstMoRv DstDwRv DstDtRv DstHrRv SCA0 MNA0 Alarm0 HRA0 DTA0 MOA0 DWA0 BIT 7 0 0 MIL 0 0 YR23 0 0 0 ARST AC5060 DSTE 0 0 HrFdMIL 0 0 0 HrRvMIL ESCA0 EMNA0 EHRA0 EDTA0 EMOA0 EDWA0 6 SC22 MN22 0 0 0 YR22 0 0 DSTADJ WRTC ACENB 0 DwFdE 0 0 0 DwRvE 0 0 SCA022 MNA021 0 0 0 0 5 SC21 MN21 HR21 DT21 0 YR21 0 0 ALM1 IM X 0 WkFd12 DtFd21 HrFd21 0 WkRv12 DtRv21 HrRv21 SCA021 MNA020 HRA021 DTA021 0 0 4 SC20 MN20 HR20 DT20 MO20 YR20 0 0 ALM0 X X MoFd20 WkFd11 DtFd20 HrFd20 MoRv20 WkRv11 DtRv20 HrRv20 SCA020 MNA013 HRA020 DTA020 MOA020 0 3 SC13 MN13 HR13 DT13 MO13 YR13 0 SS3 0 X X MoFd13 WkFd10 DtFd13 HrFd13 MoRv13 WkRv10 DtRv13 HrRv13 SCA013 MNA012 HRA013 DTA013 MOA013 0 2 SC12 MN12 HR12 DT12 MO12 YR12 DW2 SS2 0 X X MoFd12 DwFd12 DtFd12 HrFd12 MoRv12 DwRv12 DtRv12 HrRv12 SCA012 MNA011 HRA012 DTA012 MOA012 DWA02 1 SC11 MN11 HR11 DT11 MO11 YR11 DW1 SS1 0 ALE1 X MoFd11 DwFd11 DtFd11 HrFd11 MoRv11 DwRv11 DtRv11 HrRv11 SCA011 MNA011 HRA011 DTA011 MOA011 DWA01 0 SC10 MN10 HR10 DT10 MO10 YR10 DW0 SS0 RTCF ALE0 X MoFd10 DwFd10 DtFd10 HrFd10 MoRv10 DwRv10 DtRv10 HrRv10 SCA010 MNA010 HRA010 DTA010 MOA010 DWA00 RANGE 0 to 59 0 to 59 0 to 23 1 to 31 1 to 12 0 to 99 0 to 6 0 to 9 N/A N/A N/A 1 to 12 0 to 6 1 to 31 0 to 23 1 to 12 0 to 6 1 to 31 0 to 23 0 to 59 0 to 59 0 to 23 1 to 31 1 to 12 0 to 6 DEFAULT 00h 00h 00h 01h 01h 00h 00h 00h 01h 01h 00h 04h 00h 01h 02h 10h 00h 01h 02h 00h 00h 00h 01h 01h 00h
ADDR SECTION 00h 01h 02h 03h 04h 05h 06h 07h 08h 0Ch 13h 15h 16h 17h 18h 19h 1Ah 1Bh 1Ch 1Dh 1Eh 1Fh 20h 21h 22h
8
FN6617.0 December 14, 2007
ISL12030
TABLE 1. REGISTER MEMORY MAP (X indicates writes to these bits have no effect on the device) (Continued) REG NAME SCA1 MNA1 Alarm1 HRA1 DTA1 MOA1 DWA1 BIT 7 ESCA1 EMNA1 EHRA1 EDTA1 EMOA1 EDWA1 6 SCA122 MNA122 0 0 0 0 5 SCA121 MNA121 HRA121 DTA121 0 0 4 SCA120 MNA120 HRA120 DTA120 MOA120 0 3 SCA113 MNA113 HRA113 DTA113 MOA113 0 2 SCA112 MNA112 HRA112 DTA112 MOA112 DWA12 1 SCA111 MNA111 HRA111 DTA111 MOA111 DWA11 0 SCA110 MNA110 HRA110 DTA110 MOA110 DWA10 RANGE 0 to 59 0 to 59 0 to 23 1 to 31 1 to12 0 to 6 DEFAULT 00h 00h 00h 01h 01h 00h
ADDR SECTION 23h 24h 25h 26h 27h 28h
9
FN6617.0 December 14, 2007
ISL12030 Real Time Clock Registers
Addresses [00h to 07h]
RTC REGISTERS (SC, MN, HR, DT, MO, YR, DW, SS) These registers depict BCD representations of the time. As such, SC (Seconds) and MN (Minutes) range from 0 to 59, HR (Hour) can be either 12-hour or 24-hour mode, DT (Date) is 1 to 31, MO (Month) is 1 to 12, YR (Year) is 0 to 99, DW (Day of the Week) is 0 to 6, and SS (Sub-Second) is 0 to 9. The Sub-Second register is read-only and will clear to "0" count each time there is a write to a register in the RTC section. The DW register provides a Day of the Week status and uses three bits DW2 to DW0 to represent the seven days of the week. The counter advances in the cycle 0-1-2-3-4-5-6-0-12.... The assignment of a numerical value to a specific day of the week is arbitrary and may be decided by the system software designer. The default value is defined as "0". 24 HOUR TIME If the MIL bit of the HR register is "1", the RTC uses a 24-hour format. If the MIL bit is "0", the RTC uses a 12-hour format and HR21 bit functions as an AM/PM indicator with a "1" representing PM. The clock defaults to 12-hour format time with HR21 = "0". LEAP YEARS Leap years add the day February 29 and are defined as those years that are divisible by 4. Years divisible by 100 are not leap years, unless they are also divisible by 400. This means that the year 2000 is a leap year and the year 2100 is not. The ISL12030 does not correct for the leap year in the year 2100. can be forced to "1" with a write to the Status Register. The default value for DSTADJ is "0". ALARM BITS (ALM0 AND ALM1) These bits announce if an alarm matches the real time clock. If there is a match, the respective bit is set to "1". This bit can be manually reset to "0" by the user or automatically reset by enabling the auto-reset bit (see ARST bit). A write to this bit in the SR can only set it to "0", not "1". An alarm bit that is set by an alarm occurring during an SR read operation will remain set after the read operation is complete. REAL TIME CLOCK FAIL BIT (RTCF) This bit is set to a "1" after a total power failure. This is a read only bit that is set by hardware (internally) when the device powers up after having lost all power (defined as VDD = 0V). The bit is set as soon as VDD is applied to the device. The first valid write to the RTC section after a complete power failure resets the RTCF bit to "0" (writing one byte is sufficient).
Control Registers
Addresses [0Ch to 13h]
The control registers (INT, AC) contain all the bits necessary to control the parametric functions on the ISL12030.
Interrupt Control Register (INT)
TABLE 3. INTERRUPT CONTROL REGISTER (INT) ADDR 0Ch 7 ARST 6 WRTC 5 IM 4 X 3 X 2 X 1 0
ALE1 ALE0
AUTOMATIC RESET BIT (ARST)
Status Register (SR)
Address [08h]
The Status Registers consist of the DC and AC status registers (see Tables 2 and 3).
Status Register DC (SRDC)
The Status Register DC is located in the memory map at address 08h. This is a volatile register that provides status of RTC failure (RTCF), Alarm0 or Alarm1 trigger, and Daylight Saving Time adjustment.
TABLE 2. STATUS REGISTER DC (SRDC) ADDR
08h
This bit enables/disables the automatic reset of the ALM0 and ALM1 status bits only. When ARST bit is set to "1", these status bits are reset to "0" after a valid read of the SRDC Register (with a valid STOP condition). When the ARST is cleared to "0", the user must manually reset the ALM0 and ALM1 bits. WRITE RTC ENABLE BIT (WRTC) The WRTC bit enables or disables write capability into the RTC Register section. The factory default setting of this bit is "0". Upon initialization or power-up, the WRTC must be set to "1" to enable the RTC. Upon the completion of a valid write (STOP), the RTC starts counting. The RTC internal 1Hz signal is synchronized to the STOP condition during a valid write cycle. This bit will remain set until reset to "0" or a complete power-down occurs (VDD = 0.0V). ALARM INTERRUPT MODE BIT (IM) This bit enables/disables the interrupt mode of the alarm function. When the IM bit is set to "1", the alarms will operate in the interrupt mode, where an active low pulse width of 250ms will appear at the IRQ pin when the RTC is triggered by either alarm as defined by the Alarm0 section (1Dh to 22h) or the Alarm1 section (23h to 28h). When the IM bit is
FN6617.0 December 14, 2007
7
X
6
5
4
3
X
2
X
1
X
0
RTCF
DSTADJ ALM1 ALM0
DAYLIGHT SAVING TIME ADJUSTMENT BIT (DSTADJ) DSTADJ is the Daylight Saving Time Adjustment Bit. It indicates that daylight saving time adjustment has happened. The bit will be set to "1" when the Forward DST event has occurred. The bit will stay set until the Reverse DST event has happened. The bit will also reset to "0" when the DSTE bit is set to "0" (DST function disabled). The bit
10
ISL12030
cleared to "0", the alarm will operate in standard mode, where the IRQ pin will be set LOW until both the ALM0/ALM1 status bits are cleared to "0". ALARM 1 (ALE 1) This bit enables the Alarm1 function. When ALE1 = "1", a match of the RTC section with the Alarm1 section will result is setting the ALM1 status bit to "1" and the IRQ output LOW. When set to "0", the Alarm1 function is disabled. ALARM 0 (ALE 0) This bit enables the Alarm0 function. When ALE0 = 1, a match of the RTC section with the Alarm1 section will result is setting the ALM0 status bit to "1" and the IRQ output LOW. When set to "0", the Alarm0 function is disabled. WkFd controls the week of the month that the DST starts. When the day of week option is selected, the WkFd entry set the week in the month and the DwFd selects the day of the week. The range for WdFd is 1 to 5 and 7 with 7 being the last week. Default is 0 (OFF). DstDtfd controls which Date DST begins. The default value for DST forward date is on the first date of the month (01h). DstDtFd is only effective if DwFdE = 0. DstHrFd controls the hour that DST begins. It includes the MIL bit, which is in the corresponding RTC register. The RTC hour and DstHrFd registers need to match formats (Military or AM/PM) in order for the DST function to work. The default value for DST hour is 2:00AM (02h). The time is advanced from 2:00:00AM to 3:00:00AM for this setting. DST REVERSE REGISTERS (19H TO 1CH) DST end (reverse) is controlled by the following DST Registers:
1 X 0 X
AC Register (AC) Address [13h]
This register sets the parameters for the AC input.
TABLE 4. AC REGISTER ADDR 13h 7 AC5060 6 X 5 X 4 X 3 X 2 X
DstMoRv sets the Month that DST ends. The default value for the DST end month is October (10h). DstDwRv controls the Week and the Day of the Week that DST should end. The DwRvE bit sets the priority of the Day of the Week over the Date. For DwRvE = 1, Day of the week is the priority. Note that Day of the week counts from 0 to 6, like the RTC registers. The default for DST DwRv end is Sunday (00h). WkRv controls the week of the month that the DST starts. When the day of week option is selected, the WkRv entry set the week in the month and the DwRv selects the day of the week. The range for WdRv is 1 to 5 and 7 with 7 being the last week. Default is 0 (OFF) DstDtRv controls which Date DST ends. The default value for DST Date Reverse is on the first date of the month. The DstDtRv is only effective if the DwRvE = 0. DstHrRv controls the hour that DST ends. It includes the MIL bit, which is in the corresponding RTC register. The RTC hour and DstHrRv registers need to match formats (Military or AM/PM) in order for the DST function to work. The default value sets the DST end at 2:00AM. The time is set back from 2:00:00AM to 1:00:00AM for this setting.
AC 50/60HZ INPUT SELECT (AC5060) This bit selects either 50Hz or 60Hz powerline AC clock input frequency. Setting this bit to "0" selects a 60Hz input (default). Setting this bit to "1" selects a 50Hz input.
DST Control Registers (DSTCR) Address [15h to 1Ch]
8 bytes of control registers have been assigned for the Daylight Savings Time (DST) functions. DST beginning (set Forward) time is controlled by the registers DstMoFd, DstDwFd, DstDtFd, and DstHrFd. DST ending time (set Backward or Reverse) is controlled by DstMoRv, DstDwRv, DstDtRv and DstHrRv. Tables 5 and 6 describe the structure and functions of the DSTCR. DST FORWARD REGISTERS (15H TO 18H) DSTE is the DST Enabling Bit located in bit 7 of register 15h (DstMoFdxx). Set DSTE = 1 will enable the DSTE function. Upon powering up for the first time, the DSTE bit defaults to "0". DST forward is controlled by the following DST Registers: DstMoFd sets the Month that DST starts. The default value for the DST begin month is April (04h). DstDwFd sets the Week and the Day of the Week that DST starts. DstDwFdE sets the priority of the Day of the Week over the Date. For DstDwFdE=1, Day of the week is the priority. Note that Day of the week counts from 0 to 6, like the RTC registers. The default for the DST Forward Day of the Week is Sunday (00h).
11
FN6617.0 December 14, 2007
ISL12030
TABLE 5. DST FORWARD REGISTERS ADDRESS 15h 16h 17h 18h FUNCTION Month Forward Day Forward Date Forward Hour Forward 7 DSTE 0 0 HrFdMIL 6 0 DwFdE 0 0 5 0 WkFd12 DtFd21 HrFd21 4 MoFd20 WkFd11 DtFd20 HrFd20 3 MoFd13 WkFd10 DtFd13 HrFd13 2 MoFd12 DwFd12 DtFd12 HrFd12 1 MoFd11 DwFd11 DtFd11 HrFd11 0 MoFd10 DwFd10 DtFd10 HrFd10
TABLE 6. DST REVERSE REGISTERS ADDRESS 19h 1Ah 1Bh 1Ch NAME Month Reverse Day Reverse Date Reverse Hour Reverse 7 0 0 0 HrRvMIL 6 0 DwRvE 0 0 5 0 WkRv12 DtRv21 HrRv21 4 MoRv20 WkRv11 DtRv20 HrRv20 3 MoRv13 WkRv10 DtRv13 HrRv13 2 MoRv12 DwRv12 DtRv12 HrRv12 1 MoRv11 DwRv11 DtRv11 HrRv11 0 MoRv10 DwRv10 DtRv10 HrRv10
ALARM Registers (1Dh to 28h)
The alarm register bytes are set up identical to the RTC register bytes, except that the MSB of each byte functions as an enable bit (enable = "1"). These enable bits specify which alarm registers (seconds, minutes, etc.) are used to make the comparison. Note that there is no alarm byte for year. The alarm function works as a comparison between the alarm registers and the RTC registers. As the RTC advances, the alarm will be triggered once a match occurs between the alarm registers and the RTC registers. Any one alarm register, multiple registers, or all registers can be enabled for a match. There are two alarm operation modes: Single Event and periodic Interrupt Mode. Single Event Mode is enabled by setting either ALE0 or ALE1 to 1, then setting bit 7 on any of the Alarm registers (ESCA... EDWA) to "1", and setting the IM bit to "0". This mode permits a one-time match between the Alarm registers and the RTC registers. Once this match occurs, the ALM bit is set to "1" and the IRQ output will be pulled LOW and will remain LOW until the ALM bit is reset. This can be done manually or by using the auto-reset feature. Since the IRQ output is shared by both alarms, they both need to be reset in order for the IRQ output to go HIGH. Interrupt Mode is enabled by setting either ALE0 or ALE1 to 1, then setting bit 7 on any of the Alarm registers (ESCA... EDWA) to "1", and setting the IM bit to "1". Setting the IM bit to 1 puts both ALM0 and ALM1 into Interrupt mode. The IRQ output will now be pulsed each time an alarm occurs (either AL0 or AL1). This means that once the interrupt mode alarm is set, it will continue to alarm until it is reset. To clear a single event alarm, the corresponding ALM0 or ALM1 bit in the SRDC register must be set to "0" with a write. Note that if the ARST bit is set to "1" (address 0Ch, bit 7), the
ALM0 and ALM1 bits will automatically be cleared when the status register is read. The IRQ output will be set by an alarm match for either ALM0 or ALM1. Following are examples of both Single Event and periodic Interrupt Mode alarms. Example 1 * Alarm set with single interrupt (IM = "0") * A single alarm will occur on January 1 at 11:30am. * Set Alarm registers as follows:
ALARM REGISTER 7 SCA0 MNA0 HRA0 DTA0 MOA0 DWA0 0 1 1 1 1 0 BIT 6 0 0 0 0 0 0 5 0 1 0 0 0 0 4 0 1 1 0 0 0 3 0 0 0 0 0 0 2 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 1 1 1 0 HEX DESCRIPTION
00h Seconds disabled B0h Minutes set to 30, enabled 91h Hours set to 11, enabled 81h Date set to 1, enabled 81h Month set to 1, enabled 00h Day of week disabled
After these registers are set, an alarm will be generated when the RTC advances to exactly 11:30 a.m. on January 1 (after seconds changes from 59 to 00) by setting the ALM0 bit in the status register to "1" and also bringing the IRQ output LOW.
12
FN6617.0 December 14, 2007
ISL12030
Example 2 * Pulsed interrupt once per minute (IM = "1") * Interrupts at one minute intervals when the seconds register is at 30 seconds. * Set Alarm registers as follows:
BIT ALARM REGISTER 7 6 5 4 3 2 1 0 HEX SCA0 MNA0 HRA0 DTA0 MOA0 DWA0
I2C Serial Interface
The ISL12030 supports a bi-directional bus oriented protocol. The protocol defines any device that sends data onto the bus as a transmitter and the receiving device as the receiver. The device controlling the transfer is the master and the device being controlled is the slave. The master always initiates data transfers and provides the clock for both transmit and receive operations. Therefore, the ISL12030 operates as a slave device in all applications. All communication over the I2C interface is conducted by sending the MSB of each byte of data first.
DESCRIPTION
1 0 1 1 0 0 0 0 B0h Seconds set to 30, enabled 0 0 0 0 0 0 0 0 00h Minutes disabled 0 0 0 0 0 0 0 0 00h Hours disabled 0 0 0 0 0 0 0 0 00h Date disabled 0 0 0 0 0 0 0 0 00h Month disabled 0 0 0 0 0 0 0 0 00h Day of week disabled
Protocol Conventions
Data states on the SDA line can change only during SCL LOW periods. SDA state changes during SCL HIGH are reserved for indicating START and STOP conditions (see Figure 3). On power-up of the ISL12030, the SDA pin is in the input mode. All I2C interface operations must begin with a START condition, which is a HIGH to LOW transition of SDA while SCL is HIGH. The ISL12030 continuously monitors the SDA and SCL lines for the START condition and does not respond to any command until this condition is met (see Figure 3). A START condition is ignored during the power-up sequence. All I2C interface operations must be terminated by a STOP condition, which is a LOW to HIGH transition of SDA while SCL is HIGH (see Figure 3). A STOP condition at the end of a read operation or at the end of a write operation to memory only places the device in its standby mode. An acknowledge (ACK) is a software convention used to indicate a successful data transfer. The transmitting device, either master or slave, releases the SDA bus after transmitting eight bits. During the ninth clock cycle, the receiver pulls the SDA line LOW to acknowledge the reception of the eight bits of data (See Figure 4). The ISL12030 responds with an ACK after recognition of a START condition followed by a valid Identification Byte, and once again after successful receipt of an Address Byte. The ISL12030 also responds with an ACK after receiving a Data Byte of a write operation. The master must respond with an ACK after receiving a Data Byte of a read operation.
Once the registers are set, the following waveform will be seen at IRQ as shown in Figure 2:
RTC AND ALARM REGISTERS ARE BOTH "30s"
60s
FIGURE 2. IRQ WAVEFORM
Note that the status register ALM0 bit will be set each time the alarm is triggered, but does not need to be read or cleared.
User Memory Registers (accessed by using Slave Address 1010111x)
Addresses [00h to 7Fh]
These registers are 128 bytes of user SRAM. Writes to this section do not need to be proceeded by setting the WRTC bit. Note that this memory, like the status and control registers, is volatile and will be lost or corrupted when VDD drops below 1.8V.
13
FN6617.0 December 14, 2007
ISL12030
SCL
SDA
START
DATA STABLE
DATA CHANGE
DATA STABLE
STOP
FIGURE 3. VALID DATA CHANGES, START AND STOP CONDITIONS
SCL FROM MASTER
1
8
9
SDA OUTPUT FROM TRANSMITTER
HIGH IMPEDANCE
SDA OUTPUT FROM RECEIVER
HIGH IMPEDANCE
START
ACK
FIGURE 4. ACKNOWLEDGE RESPONSE FROM RECEIVER
WRITE SIGNALS FROM THE MASTER S T A R T S T O P
IDENTIFICATION BYTE
ADDRESS BYTE
DATA BYTE
SIGNAL AT SDA SIGNALS FROM THE ISL12030
11011110 A C K
0000 A C K A C K
FIGURE 5. BYTE WRITE SEQUENCE (SLAVE ADDRESS FOR CSR SHOWN)
Device Addressing
Following a start condition, the master must output a Slave Address Byte. The 7 MSBs are the device identifier. These bits are "1101111b" for the RTC registers and "1010111b" for the User SRAM. The last bit of the Slave Address Byte defines a read or write operation to be performed. When this R/W bit is a "1", then a read operation is selected. A "0" selects a write operation (see Figure 6). After loading the entire Slave Address Byte from the SDA bus, the ISL12030 compares the device identifier and device select bits with "1101111b" or "1010111b". Upon a correct compare, the device outputs an acknowledge on the SDA line. Following the Slave Byte is a one byte word address. The word address is either supplied by the master device or obtained from an internal counter. On power-up the internal address
counter is set to address 00h, so a current address read starts at address 00h. When required, as part of a random read, the master must supply the 1 Word Address Byte as shown in Figure 6. In a random read operation, the slave byte in the "dummy write" portion must match the slave byte in the "read" section. For a random read of the Control/Status Registers, the slave byte must be "1101111x" in both places.
14
FN6617.0 December 14, 2007
ISL12030
.
1
1
0
1
1
1
1
R/W
SLAVE ADDRESS BYTE
Read Operation
A Read operation consists of a three byte instruction followed by one or more Data Bytes (see Figure 7). The master initiates the operation issuing the following sequence: a START, the Identification byte with the RW bit set to "0", an Address Byte, a second START, and a second Identification byte with the RW bit set to "1". After each of the three bytes, the ISL12030 responds with an ACK. Then the ISL12030 transmits Data Bytes as long as the master responds with an ACK during the SCL cycle following the eighth bit of each byte. The master terminates the read operation (issuing a STOP condition) following the last bit of the last Data Byte (see Figure 7). The Data Bytes are from the memory location indicated by an internal pointer. This pointers initial value is determined by the Address Byte in the Read operation instruction, and increments by one during transmission of each Data Byte. After reaching the last memory location in a section or page, the master should issue a STOP. Bytes that are read at addresses higher than the last address in a section may be erroneous.
A7
A6
A5
A4
A3
A2
A1
A0
WORD ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
DATA BYTE
FIGURE 6. SLAVE ADDRESS, WORD ADDRESS AND DATA BYTES
Write Operation
A Write operation requires a START condition, followed by a valid Identification Byte, a valid Address Byte, a Data Byte, and a STOP condition. After each of the three bytes, the ISL12030 responds with an ACK. At this time, the I2C interface enters a standby state. A multiple byte operation within a page is permitted. The Address Byte must have the start address, and the data bytes are sent in sequence after the address byte, with the ISL12030 sending an ACK after each byte. The page write is terminated with a STOP condition from the master. The pages within the ISL12030 do not support wrapping around for page read or write operations.
S T A R T
SIGNALS FROM THE MASTER
IDENTIFICATION BYTE WITH R/W=0
ADDRESS BYTE
S T IDENTIFICATION A BYTE WITH R R/W = 1 T
A C K
A C K
S T O P
SIGNAL AT SDA SIGNALS FROM THE SLAVE
11011110 A C K A C K
11011111 A C K
FIRST READ DATA BYTE
LAST READ DATA BYTE
FIGURE 7. READ SEQUENCE (CSR SLAVE ADDRESS SHOWN)
15
FN6617.0 December 14, 2007
ISL12030 Application Section
AC Input Circuits
The AC input ideally will have a 2.5VP-P sine wave at the input, so this is the target for any signal conditioning circuitry for the 50/60Hz waveform. Note that the peak-to-peak amplitude can range from 1VP-P up to VDD, although it is best to keep the max signal level just below VDD. The AC input provides DC offset so AC coupling with a series capacitor is advised. If the AC power supply has a transformer, the secondary output can be used for clocking with a resistor divider and series AC coupling capacitor. A sample circuit is shown in Figure 8. Values for R1/R2 are chosen depending on the peak-to-peak range on the secondary voltage in order to match the input of the ISL12030. CIN can be sized to pass up to 300Hz or so, and in most cases, 0.47F should be the selected value for a 20% tolerance device. The AC input to the ISL12030 can be damaged if subjected to a normal AC waveform when VDD is powered down. This can happen in circuits where there is a local LDO or power switch for placing circuitry in standby, while the AC main is still switched ON. Figure 8 shows a modified version of the Figure 9 circuit, which uses an emitter follower to essentially turn off the AC input waveform if the VDD supply goes down.
Adding a Super Capacitor Backup
Since any loss of VDD power will reset the SRAM memory including control and RTC register sections, then having some form of VDD backup is a good idea. Figure 10 shows connections for a super capacitor backup using VDD for the normal source and a signal diode for charging. Be careful not to use a normal Schottky diode as the leakage will greatly reduce the backup life of the super capacitor. This form of backup should yield at least one full day of backup time, assuming the SCL/SDA pins and their pull-ups are pulled to ground on powerdown.
VIN (AC) = 1.5VP-P TO 5VP-P
R1
CIN
120VAC 50/60Hz
R2
ISL12030
FIGURE 8. AC INPUT USING A TRANSFORMER SECONDARY
VIN (AC) = 1.5VP-P TO VDD (MAX) VDD
R1
C1 CIN
120VAC 50/60Hz
R2
ISL12030
FIGURE 9. USING THE VDD SUPPLY TO GATE THE AC INPUT
16
FN6617.0 December 14, 2007
ISL12030
.
REGULATED SUPPLY VOLTAGE
1N4148
VDD SUPER CAPACITOR, >0.22F +
ISL12030
FIGURE 10. ADDING A SUPER CAPACITOR TO PROVIDE BACKUP FOR SRAM
17
FN6617.0 December 14, 2007
ISL12030 Small Outline Plastic Packages (SOIC)
N INDEX AREA E -B1 2 3 SEATING PLANE -AD -CA h x 45 H 0.25(0.010) M BM
M8.15 (JEDEC MS-012-AA ISSUE C)
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A A1
L
MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 5.80 0.25 0.40 8 8 0 8 MAX 1.75 0.25 0.51 0.25 5.00 4.00 6.20 0.50 1.27 NOTES 9 3 4 5 6 7 Rev. 1 6/05
MIN 0.0532 0.0040 0.013 0.0075 0.1890 0.1497 0.2284 0.0099 0.016 8 0
MAX 0.0688 0.0098 0.020 0.0098 0.1968 0.1574 0.2440 0.0196 0.050
B C D E e H
C
A1 0.10(0.004)
0.050 BSC
1.27 BSC
e
B 0.25(0.010) M C AM BS
h L N
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 18
FN6617.0 December 14, 2007


▲Up To Search▲   

 
Price & Availability of ISL12030IBZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X