Part Number Hot Search : 
STB8NC50 SBT5551F FAN5405 R1510 PT10718 W24LH8 B20P03 FKC05
Product Description
Full Text Search
 

To Download CX24182 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Set-top Box Solutions Telco/IP TV
MPEG-4 AVC/H.264 Video Decoder
CX2418x
Conexant's portfolio includes a comprehensive suite of semiconductor solutions for broadband communications, enterprise networks, and the digital home. The CX2418x is the world's first family of HDTV video decoder ICs fully compliant with the MPEG-4 advanced video coding (AVC) standard, also known as ITU H.264. The CX2418x decoder supports Main Profile and High Profile up to Level 4.0, with high-definition video resolutions up to 1920 x 1080. In addition to the AVC/H.264 video decoder core, the CX2418x family includes an integrated ARM926EJ-S CPU, high-performance 16/32-bit DDR400 SDRAM memory controller, transport stream interface and processor, MPEG-2 MP@HL video decoder, and a display controller that supports both standard definition and high-definition digital outputs. The CX2418x provides a simple glueless interface to Conexant system ICs. A serial transport stream input accepts the compressed video input stream and a PCI or a 16-bit local bus provides the control interface. A CCIR656 (standard definition) or SMPTE274/SMPTE296 (high definition) interface outputs the decoded video pictures. Decoding of 1920 x 1080 resolution high-definition video is efficiently implemented in hardware and requires less than 32 MB of memory. The CX2418x family includes advanced technologies such as a de-blocking filter, stream error detection and recovery features, and motion estimation/compensation techniques that enhance compression performance and video quality. With the introduction of the CX2418x product family, Conexant is able to provide a complete end-to-end set-top box (STB) solution that supports the latest in advanced modulation and compression technologies and enables broadcasters and service providers to deliver significantly more content over the existing infrastructure. Hardware/Software Development Platform The CX2418x IC family is integrated into a complete high-definition television (HDTV) STB reference development system that features the CX2417x HDTV main system processor and other Conexant ICs to enable rapid development of an HD/H.264 IP STB. A complete standard-definition television (SDTV) reference platform is also available to enable SD/H.264 IP STB development. A compact daughter board with the CX2418x and DDR memory devices is also available. The reference platform provides a complete set of STB low-level drivers based on Nucleus+, VxWorks(R), and Linux operating systems. A mature and robust hardware abstraction layer is assured by re-use of core driver libraries developed over four generations of MPEG ICs. Conexant provides a complete development software solution that has been tightly integrated with a third-party tool chain environment and offers a 90-day evaluation license for Nucleus+ and VxWorks runtime libraries.
Distinguishing Features
* Fully compliant MPEG-4 AVC/H.264 High Profile@Level 4.0 video decoder * MPEG-2 MP@HL video decoder * 16/32-bit DDR400 memory controller * High-performance ARM926EJ-S CPU with ARM Jazelle(R) technology * 16-bit I/O and 32-bit PCI buses * SMPTE 274 / SMPTE 296 highdefinition digital video interface * CCIR656 standard definition digital video interface * Triple data encryption standard (DES) encryption/decryption of transport stream interface * Advanced de-blocking filter and error concealment features
Part Number CX2418x Description MPEG-4 AVC/H.264 Video Decoder
Set-top Box Solutions Telco/IP TV
The company's broad portfolio of semiconductor products also includes client-side DSL and cable modem solutions, home network processors, broadcast video encoders and decoders, digital STB components and systems solutions, and dial-up modems. In addition to its IEEE 802.11a/b/g-compliant wireless local area network (WLAN) chipsets, software, and reference
designs, Conexant offers a suite of networking components that includes solutions for applications based on HomePlug (R) and HomePNATM. Additional products include a complete line of asymmetric and symmetric DSL central office solutions, which are used by service providers worldwide to deliver broadband data, voice, and video over copper telephone lines.
DDR DRAM
CX24182 AVC/H.264 Decoder
DDR
CX24183 AVC/H.264 Decoder
I/O Bus or PCI
CLK
TS
YUV
I/O Bus or PCI
CLK
TS
656
Ethernet
CX2417x HDTV Host Decoder
SATA DDR DRAM
YCrCb/ HDMI
Ethernet
CX24436 SDTV Host Device
CVBS
DDR DRAM
HDTV with AVC/H.264 STB System Diagram
SDTV with AVC/H.264 STB System Diagram
DDR SDRAM
CX24182
Serial Port
PCI Host I/F
Memory Controller 16/32-bit DDR
Display Controller Buffer
YCrCb CCIR656/ SMPTE274/ SMPTE296 CCIR656
cx2418x Part Number & feature matrix
16KB SRAM MPEG-4 AVC HP@L4 Decoder Core
TS Processor
TS Interface
ARM926 16KB Cache
MPEG-4 AVC HW Engines
RSB SRAM
Part Number
avc/H.264 main Profile
avc/H.264 High Profile
SDTv interface
HDTv interface
mPeg-2 Decode
CX24182 CX24183
X X
X X
X
X X
MPEG-2 MP@HL Decoder
CLK Input
TS Input
MPEG-4 AVC/H.264 Video Decoder Block Diagram
(c) 2005, Conexant Systems, Inc. All Rights Reserved. Conexant and the Conexant logo are registered trademarks of Conexant Systems, Inc. All other trademarks are owned by their respective owners. Although Conexant strives for accuracy in all its publications, this material may contain errors or omissions and is subject to change without notice.
THiS maTerial iS ProviDeD aS iS aND wiTHouT
aNy exPreSS or imPlieD warraNTieS, iNcluDiNg mercHaNTaBiliTy, fiTNeSS for a ParTicular PurPoSe aND NoN-iNfriNgemeNT.
Conexant shall not be liable for any
www.conexant.com General Information: U.S. and Canada: (888) 855-4562 International: (732) 345-7500 Headquarters 4000 MacArthur Blvd. Newport Beach, CA 92660 Order# 102551B
special, indirect, incidental or consequential damages as a result of its use.
04-1337


▲Up To Search▲   

 
Price & Availability of CX24182

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X