Part Number Hot Search : 
SPN6435 UGB8DT 0402J 74122 V82MA3S S13003 004000 M128128
Product Description
Full Text Search
 

To Download CX24116 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Set-top Box Solutions Satellite
DVB-S2 Demodulator and Forward Error Correction Decoder
CX24116
Conexant's portfolio includes a comprehensive suite of semiconductor solutions for broadband communications, enterprise networks, and the digital home. The CX24116 is based on an open DVB-S2 standard and offers an alternate path for service providers to use advanced modulation (8PSK) with LDPC/BCH FEC. This will realize increased satellite throughput that can be used to offer additional programming and services.
The CX24116 can demodulate and decode signals transmitted in accordance with the new DVB-S2, DVB-S and DIRECTV specifications. It has an automatic acquisition algorithm that searches and acquires the carrier within a 10 MHz range during initial acquisition and performs a smart search to reacquire under fade condition. The CX24116 has an on-chip microcontroller for fast-signal acquisition, Es/No estimation, and system monitoring. In addition, the on-chip microcontroller saves software integration time by minimizing the external driver code. The CX24116 has integrated signal-to-noise ratio (SNR) and bit error rate (BER) monitors for channel-performance measurements that simplify production testing.
Distinguishing Features
* 8PSK/H-8PSK/QPSK/BPSK * DVB-S/DSS backward compatible * Nonbackward-compatible mode - Symbol Rates * QPSK/LDPC/BCH: 20-30 Msps * 8PSK/LDPC/BCH: 10-30 Msps - Code Rates * QPSK: 1/2, 3/5, 2/3, 3/4, 4/5, 5/6, 8/9, 9/10 * 8PSK: 3/5, 2/3, 3/4, 5/6, 8/9, 9/10 * Automatic acquisition * 10 MHz acquisition range * Internal microcontroller * Serial/parallel output data intermediate frequency (IF) * Integrated SNR and BER monitor * DiSEqCTM 2.x compliant * Power-down mode * 1.2-V core voltage * 3.3-V I/O voltage * 100-pin exposed thin quad flat pack (ETQFP)
The CX24116 can be used in conjunction with the Conexant's CX24118 Tuner RF IC to create a complete satellite AMC front-end solution.
Conexant's advanced modulation front-end solution enables satellite STB providers to deliver cost-effective, digital STBs that support a wide range of consumer video services, such as transmitting additional local channels and high-definition television (HDTV) channels.
Part Number CX24116 Description DVB-S2 Demodulator and FEC Decoder
Set-top Box Solutions Satellite
The company's broad portfolio of semiconductor products also includes client-side digital subscriber line (DSL) and cable modem solutions, home network processors, broadcast video encoders and decoders, digital STB components and systems solutions, and dial-up modems. In addition to its IEEE 802.11a/b/gcompliant wireless local area network (WLAN) chipsets, software,
and reference designs, Conexant offers a suite of networking components that includes solutions for applications based on HomePlug(R) and HomePNA . Additional products include a complete line of asymmetric and symmetric DSL central office solutions, which are used by service providers worldwide to deliver broadband data, voice, and video over copper telephone lines.
SM
DVB/DSS FEC Viterbi/RS Decoder I Dual A/D Q BPSK QPSK 8PSK H-8PSK
Demodulator
QPSK/BPSK
Mode Selection
QPSK/8PSK/ H-8PSK
MPEG/Data Stream Output Processing
MPEG Transport Sream or Data Stream
LDPC & BCH FEC Decoder
Tuner Interface
Microprocessor
CX24116 DVB-S2 Demodulator and Forward Error Correction Decoder
(c) 2004, Conexant Systems, Inc. All Rights Reserved. Conexant and the Conexant logo are registered trademarks of Conexant Systems, Inc. All other trademarks are owned by their respective owners. Although Conexant strives for accuracy in all its publications, this material may contain errors or omissions and is subject to change without notice.
THIS MATERIAL IS PROVIDED AS IS AND WITHOUT
ANY EXPRESS OR IMPLIED WARRANTIES, INCLUDING MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE AND NON-INFRINGEMENT.
www.conexant.com General Information: U.S. and Canada: (800) 854-8099 International: (949) 483-6996 Headquarters - Newport Beach 4000 MacArthur Blvd, P Box C .O. Newport Beach, CA 92660-3095 Order# 102473B
Conexant shall not be liable for any
special, indirect, incidental or consequential damages as a result of its use.
04-1284


▲Up To Search▲   

 
Price & Availability of CX24116

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X