Part Number Hot Search : 
TM9316 KE300 IA186ES 16F886 C1210 SAA7348 TML9004 TCLT1102
Product Description
Full Text Search
 

To Download CE201210-2N2D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IA
NT
Features
0805 size Available in E12 Series High frequency Nickel barrier Lead free
Applications
Mobil phones Cellular phones CTV, VCR, HIC, FDD Automotive electronics

*R
oH
S
CO
M
PL
CE201210 Series - Multi-Layer Chip Inductors
Electrical Specifications
Bourns Part No. Inductance nH Tol. % Q typ. (@ 100 MHz) Test Freq. L MHz SRF MHz min. DCR I rms
mohm max. mA max.
CE201210-1N5D CE201210-1N8D CE201210-2N2D CE201210-2N7D CE201210-3N3J CE201210-3N9J CE201210-4N7J CE201210-5N6J CE201210-6N8J CE201210-8N2J CE201210-10NJ CE201210-12NJ CE201210-15NJ CE201210-18NJ CE201210-22NJ CE201210-27NJ CE201210-33NJ CE201210-39NJ CE201210-47NJ CE201210-56NJ CE201210-68NJ CE201210-82NJ CE201210-R10J CE201210-R12J CE201210-R15J CE201210-R18J CE201210-R22J CE201210-R27J CE201210-R33J CE201210-R39J CE201210-R47J
1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470

0.3 nH 0.3 nH 0.3 nH 0.3 nH 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
21 18 18 19 16 18 18 20 20 21 20 21 22 24 23 23 24 23 23 23 25 24 23 22 22 23 20 20 22 17 17
100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 50 50 50 50 50 50 50 50
4000 4000 4000 4000 4000 4000 3500 3200 2800 2400 2100 1900 1600 1500 1400 1300 1200 1000 900 800 700 600 600 500 500 400 350 300 250 250 200
100 100 100 100 130 150 200 230 250 280 300 350 400 450 500 550 600 650 700 750 800 900 900 950 1000 1100 1200 1300 1400 1300 1500
300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300
General Specifications Temperature Rise ...................30 C max. at rated current Operating Temperature .-55 C to +125 C Storage Temperature..-55 C to +125 C Reflow Soldering ...230 C, 50 sec. max. Resistance to Soldering Heat ...............................260 C, 10 seconds Materials Base Material .............................Ceramic Terminal.....................................Ag/Ni/Sn Packaging: 0.85 mm product height ................................4,000 pcs. per reel 1.00 mm product height ................................4,000 pcs. per reel 1.25 mm product height ................................2,000 pcs. per reel Product Dimensions
A 0.20 (A 0.008) 0.5 0.3 (0.02 0.008) 2.0 0.2 (.079 .008)
1.0 0.2 (.039 0.08)
DIMENSIONS:
MM (INCHES)
Model
Dimension A
0.85 (0.033) 1.00 (0.039) 1.25 (0.050)
CE201210-1N5D through CE201210-82NJ CE201210-R10J through CE201210-R39J CE201210-R47J
Packaging Specifications
178.0 (7.00) DIA. 2.0 0.8 (.079 .031)
Recommended Layout
12.0 (.472) 3.0 (.118)
21.0 0.8 (.827 .031)
13.0 0.5 (.512 .020) DIA. 60.0 (2.362) 1.0 (.039) 1.0 (.039)
13.5 0.5 DIA. (.531 .020)
9.0 (.354)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CE201210 Series - Multi-Layer Chip Inductors
Electrical Specifications
Q Characteristics
1000
100 330
DC Bias Characteristics
Inductance (H)
100
10
100 4R7
Q
1R2 1
6N8J 10 10NJ 82NJ 1 10 100 22NJ 47NJ 1000 10000
R12 0.1 1 10 100 1000
DC Current (mA)
Frequency (MHz)
REV. 09/20/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of CE201210-2N2D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X