Part Number Hot Search : 
EPA018A IN5404 1167F TK61030 4816P MC14513B YD2025 74HCU04
Product Description
Full Text Search
 

To Download AS5305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AS5305 Integrated Hall IC for linear and off-axis rotary motion detection
AS5305 Integrated Hall IC for Linear and Off-Axis Rotary Motion Detection
PRELIMINARY FACT SHEET PRELIMINARY FACT SHEET DATA SHEET
1
General Description
2
* * * * *
Benefits
Complete system-on-chip High reliability due to non-contact sensing Extended temperature range Suitable for the use in harsh environments Robust against external magnetic stray fields
The AS5305 is a single-chip IC with integrated Hall elements for measuring linear or rotary motion using multipole magnetic strips or rings. This allows the usage of the AS5305 in applications where the Sensor IC cannot be mounted at the end of a rotating device (e.g. at hollow shafts). Instead, the AS5305 is mounted off-axis underneath a multi-pole magnetized ring or strip and provides a quadrature incremental output with 40 pulses per period at speeds of up to 20m/sec. Using, for example, a 32pole-pair magnetic ring, the AS5305 can provide a resolution of 1280 pulses/rev, which is equivalent to 5120 positions/rev or 12,3bit. The maximum speed at this configuration is 9375 rpm. The default pole pair length is 4mm (2mm north pole / 2mm south pole). However, the chip accepts a wide range of multi-pole magnetic strips or rings with pole pair lengths between 2.26 and 5.91mm and magnetic field strengths down to 5mT. The pole pair length can be adjusted by programming. A minimum pole pair length of 2,26mm allows a resolution of 14,125 m per position step. In addition to the multi-pole high-resolution track, the AS5305 can read a second multi-pole reference track that generates a single or multiple reference index pulse per revolution, for absolute position identification. The AS5305 is available in a small 20-pin TSSOP package and specified for an operating ambient temperature of -40 to +125C.
3
* * * *
Key Features
High speed, up to 20m/s Down to 14 m resolution per position step User programmable pole length Single index pulse per revolution for absolute position measurement using a second magnetic track 40 pulses per magnetic period. Linear movement magnetic strips measurement using multi-pole
* *
*
Circular off-axis movement measurement using multipole magnetic rings 4.5 to 5.5V operating voltage Magnetic field strength indicator
* *
4
Applications
The AS5305 is ideal for high speed linear motion and offaxis rotation measurement in applications such as * * * * electrical motors X-Y-stages rotation knobs industrial drives
Figure 1: Two different configurations of AS5305 with single or double track multipole ring magnet Revision 1.4 www.austriamicrosystems.com
Figure 2: AS5305 with magnetic multipole strip for linear motion measurement Page 1 of 2
AS5305 Integrated Hall IC for linear and off-axis rotary motion detection
Figure 3 AS5305 Block Diagram
Contact
Headquarters
austriamicrosystems AG A 8141 Schloss Premstatten, Austria Phone: +43 3136 500 0 Fax: +43 3136 525 01
www.austriamicrosystems.com
Copyright
Devices sold by austriamicrosystems are covered by the warranty and patent indemnification provisions appearing in its Term of Sale. austriamicrosystems makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. austriamicrosystems reserves the right to change specifications and prices at any time and without notice. Therefore, prior to designing this product into a system, it is necessary to check with austriamicrosystems for current information. This product is intended for use in normal commercial applications. Copyright (c) 2007 austriamicrosystems. Trademarks registered (R). All rights reserved. The material herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. To the best of its knowledge, austriamicrosystems asserts that the information contained in this publication is accurate and correct. However, austriamicrosystems shall not be liable to recipient or any third party for any damages, including but not limited to personal injury, property damage, loss of profits, loss of use, interruption of business or indirect, special, incidental or consequential damages, of any kind, in connection with or arising out of the furnishing, performance or use of the technical data herein. No obligation or liability to recipient or any third party shall arise or flow out of austriamicrosystems rendering of technical or other services.
Revision 1.4
www.austriamicrosystems.com
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of AS5305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X