Part Number Hot Search : 
C3649 T150A 64000 270102B N4754 N4003 FSB66001 FSB66001
Product Description
Full Text Search
 

To Download AS3658 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AS3658 Product Brief
AS3658
Power and Audio Management Unit for Portable Devices 1 General Description
The AS3658 is highly integrated power and audio management unit. It includes all the features from the AS3654 and adds on top an 16 bit Audio ADC, a second headphone amplifier, a microphone bias with amplifier, a RTC with alarm and time function, an unique ID block and three more LDOs.
Product Brief
2 Key Features
System Control - Serial Control Interface - On/Off Control Module with Boot-ROM / GPIO - Reset Generation for system controller - Programmable Interrupt Controller and Watchdog - Low power off mode (9A; 2.5V LDO on) - 88 bit unique ID or Boot fuse array - Reset with long ON-Keypress (5s, SWInteruptable) - Touchscreen Interface (10 bit, interrupt) Supply Voltage Generation - 2 RF Programmable Low Noise LDOs (250mA) (1 LDO can be a current controlled switch for hotplug (200mA +/-40%)) - 1 RF Programmable Low Noise LDO (400mA) - 4 Programmable Dig. Low Power LDOs(200mA) - 2 General Purpose PWM DC/DC step up converter with three programmable current sinks (e.g. for white led); for current mode feedback is automatically slected (DCDC_CURR1,2,3) - 3 General Purpose high efficiency DC/DC step down converter (DCDC 1 support DVM) - 1 Low noise charge pump with 5V output voltage - 1 Ultra Low Power 2.5V LDO (always on) Current sinks - 4 programmable(8-bit) from 0.15mA to 38.25mA (+/-5% ) optional useable as GPIOs - 3 programmable high voltage (15V) (8-bit) from 0.15mA to 38.25mA (+/-5% ) - internal PWM generator (extended time range) (can control DCDC_CURR1,2,3) 10-bit 40s Successive Approximation ADC - Two external Inputs (ADC_IN1, ADC_IN2) Battery Management - Full featured chemistry independent step down charger with Gas Gauge and Current limitation
High Current (1.0A) Linear Charger with external pass transistor (no SD charger) - 0.1 Battery switch for start-up and trickle charge - Integrated USB charger up to 880mA (can be used as wall adapter charger); current accuracy 440-500mA for USB specification, in-circuit trimmable (+/-1.2% trimsteps) - Autonomous Battery Temperature Supervision (0C-45C or 0C- 50C) for 10k and 100k NTC - Charging Timeout (1h-8h in 30min steps) - Charging in Stanby mode - Completely Autonomous (no SW) Power Management Features - Wide Battery Supply Range 3.0...5.5V - High Accuracy Reference (1%) - Thermal and Current Protection (int. sensor) - Standby Mode exit by interrupt e.g.Onkey/RTC Audio - 94dB Audio DAC, 16-48kHz sampling rate - Two Digital Audio Inputs (2 x I2S interface) - 2.9V low Noise LDO for Audio DAC - Two Headphone Amplifier Output with GND separation - Two I2S Inputs and one I2S Output - I2S master mode with programmable sample rate (controlled by internal PLL) - GND Buffer for Headphone Amplifier - Line/ Headphone outputs with GND separation - Audio ADC, 82dB SNR with 16ksps - Mono Microphone Supply and Amplifier - 5 Band Adjustable Audio Equalizer (+/12dB in 3dB gain steps) - SPDIF Output - Audio Mixer and Gain Stages - PCM Interface Real Time Clock (RTC) - Alarm and Time function - Repeated Wakeup (every sec. or minute) - 32kHz output - Backup Battery Charger and Switchover Programmable System clock - 1.6 MHz to 2.3 MHz with 100 kHz steps Package - BGA124 8x8mm, 0.5mm pitch (can be assembled without microvia boards)
-
3 Application
- - PDA, PMP, GPS-Navigation System 1 Cell Li+ or 3 Cell NiMH powered devices
www.austriamicrosystems.com (ptr)
Revision 1.4 / 20071217
1-3
AS3658 Product Brief
Figure 1 - Blockdiagram AS3658
1 x 0.6V-3.4V / up to 1600mA 2 x 0.6V-3.4V / 500mA VOUT1 VOUT2 VOUT3
VSUPPLY, VOUT1-3
VDIG1 200mA
VDIG2 200mA
VDIG3 200mA
DCDC Step Down DVM VBUS VSUPPLY USB Charger (<800mA)
DCDC Step Down
DCDC Step Down
LDO 0.75V-2.5V
LDO 0.75V-2.5V
LDO 0.75V-2.5V LDO 0.75V-2.5V VDIG4 200mA
VCHARGER
General Purpose ADC
Watchdog
Overtemp Protection
LDO 1.85V-3.4V LDO 1.85V-3.4V
VRF1 400mA VRF2 250mA VRF3 250mA VCPOUT 5V/100mA RPROGRAM
Interrupt Step Down DCDC (Input 5V-15V/50V) Step Down Charger
Voltage Monitors / Reset
Boot ROM
LDO 1.85V-3.4V
Charge Pump LiIon Battery Fuel Gauge 88bit PROM Unique ID Boot Voltages & Sequence Boot ROM Index
Four GPIO or Current Sources
GPIO or Current Sources
AS3658 Power and Audio Management Unit
I/F Interrupt
DCDC Step Up (Voltage)
VSTEPUP1
SDA SCL VDAC
Two Wire Interface Audio supply Touchscreen I/F (10 Bit) DCDC Step Up (Voltage or Current) VSTEPUP2
LDO 2.9V
I2S I/O 1 I2S I/O 2 or PCM I2S Output 3 alternative function SPDIF Output 4 Touchscreen
I2S I2S / PCM I2S SPDIF
5 Band Equalizer
94dB SNR 18bit 48ks DAC DAC
-40.5dB to +6dB
82dB SNR 16bit/16ks 16ks ADC ADC -40.5dB to +6dB
Headphone Out Line Out
RTC & Alarm
Backup Bat. Chrg
-34.5dB to +12dB
Mic (mono) Bias+Amp
LineIn
Microphone and MicSupply
LineOut
Headphone
2nd Headphone Out (e.g. FM Transmitter)
www.austriamicrosystems.com (ptr)
Revision 1.4 / 20071217
2-3
AS3658 Product Brief
Copyright
Copyright (c) 1997-2007, austriamicrosystems AG, Schloss Premstaetten, 8141 Unterpremstaetten, AustriaEurope. Trademarks Registered (R). All rights reserved. The material herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. All products and companies mentioned are trademarks or registered trademarks of their respective companies.
Diclaimer
Devices sold by austriamicrosystems AG are covered by the warranty and patent indemnification provisions appearing in its Term of Sale. austriamicrosystems AG makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. Austriamicrosystems AG reserves the right to change specifications and prices at any time and without notice. Therefore, prior to designing this product into a system, it is necessary to check with austriamicrosystems AG for current information. This product is intended for use in normal commercial applications. Applications requiring extended temperature range, unusual environmental requirements, or high reliability applications, such as military, medical life-support or lifesustaining equipment are specifically not recommended without additional processing by austriamicrosystems AG for each application. For shipments of less than 100 parts the manufacturing flow might show deviations from the standard production flow, such as test flow or test location. The information furnished here by austriamicrosystems AG is believed to be correct and accurate. However, austriamicrosystems AG shall not be liable to recipient or any third party for any damages, including but not limited to personal injury, property damage, loss of profits, loss of use, interruption of business or indirect, special, incidental or consequential damages, of any kind, in connection with or arising out of the furnishing, performance or use of the technical data herein. No obligation or liability to recipient or any third party shall arise or flow out of austriamicrosystems AG rendering of technical or other services.
Contact Information
Headquarters austriamicrosystems AG A-8141 Schloss Premstatten, Austria T. +43 (0) 3136 500 0 F. +43 (0) 3136 5692
For Sales Offices, Distributors and Representatives, please visit: http://www.austriamicrosystems.com/contact
www.austriamicrosystems.com (ptr)
Revision 1.4 / 20071217
3-3


▲Up To Search▲   

 
Price & Availability of AS3658

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X