Part Number Hot Search : 
CPT30230 5R190 MX7537CQ SMBG22A FP6656 NE851M03 NE851M03 0603A
Product Description
Full Text Search
 

To Download ADM56006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultralow Power +3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers ADM560/ADM561
FEATURES
RS-232 compatible Operates with 3 V or 5 V logic Ultralow power CMOS: 1.3 mA operation Low power shutdown: 0.2 A Suitable for serial port mice 116 kbps data rate 1 F charge pump capacitors Single +3 V to +3.6 V power supply Two receivers active in shutdown (ADM560)
FUNCTIONAL BLOCK DIAGRAM
+3.3V INPUT +
12 C1+ 14 C1- 15 C2+ 16 C2-
T1IN T2IN T3IN T4IN R1OUT R2OUT CMOS OUTPUTS R3OUT R4OUT R5OUT EN (ADM560) EN (ADM561)
7
T1 T2 T3 T4 R1 R2 R3 R4 R5 GND
10
2
6
3
CMOS INPUTS
20
1
APPLICATIONS
Notebook computers Peripherals Modems Printers Battery-operated equipment
21 8
28 9
5
4
26
27
22
23
19
18
24
Figure 1.
GENERAL DESCRIPTION
The ADM560/ADM561 are four driver/five receiver interface devices designed to meet the EIA-232 standard and operate with a single +3.3 V power supply. The devices feature an on-board dc-to-dc converter, eliminating the need for dual 5 V power supplies. This dc-to-dc converter contains a voltage doubler and voltage inverter, both of which internally generate 6.6 V from the input +3.3 V power supply. The ADM560 and the ADM561 consume only 5 mW making them ideally suited for battery and other power-sensitive applications. A shutdown facility is also provided to reduce the power to 0.66 W. The ADM560 contains active low shutdown and an active high receiver enable signal. In shutdown mode, two receivers remain active, thereby allowing monitoring of peripheral devices. This feature allows the device to be shut down until a peripheral device begins communication. The active receivers alert the processor, and then take the ADM560 out of shutdown mode. The ADM561 features active high shutdown and an active low receiver enable. In this device, all receivers are disabled in shutdown. The ADM560/ADM561 are fabricated using CMOS technology for minimal power consumption. They feature a high level of over-voltage protection and latch-up immunity. The receiver inputs can withstand up to 25 V levels. The transmitter inputs can be driven from either 3 V or 5 V logic levels. This allows operation in mixed 3 V/5 V power supply systems. The ADM560/ADM561 are packaged in a 28-lead SOIC and a 28-lead SSOP package.
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c)2006 Analog Devices, Inc. All rights reserved.
05667-001
ADM560/ ADM561
25
+
1F + 10V
+6.6V TO -6.6V VOLTAGE INVERTER
V- 17
+
1F 10V
+3.3V TO +6.6V VOLTAGE DOUBLER
VCC 11 V+ 13
C3 1F 6.3V C4 1F 10V
0.1F
T1OUT T2OUT T3OUT T4OUT R1IN R2IN R3IN R4IN R5IN SHDN (ADM560) SHDN (ADM561) EIA/TIA-232 INPUTS
EIA/TIA-232 OUTPUTS
ADM560/ADM561 TABLE OF CONTENTS
Features .............................................................................................. 1 Applications....................................................................................... 1 Functional Block Diagram .............................................................. 1 General Description ......................................................................... 1 Revision History ............................................................................... 2 Specifications..................................................................................... 3 Absolute Maximum Ratings............................................................ 4 ESD Caution.................................................................................. 4 Pin Configuration and Function Descriptions..............................5 Typical Performance Characteristics ..............................................6 Theory of Operation .........................................................................8 Circuit Description .......................................................................8 Enable and Shutdown ...................................................................8 Outline Dimensions ..........................................................................9 Ordering Guide .......................................................................... 10
REVISION HISTORY
9/06--Rev. A to Rev. B Updated Format..................................................................Universal Changes to Specifications ................................................................ 3 10/05--Rev. 0 to Rev. A Updated Format..................................................................Universal Changes to Specifications ................................................................ 3 Update to Outline Dimensions....................................................... 9 Changes to Ordering Guide .......................................................... 10 7/94--Revision 0: Initial Version
Rev. B | Page 2 of 12
ADM560/ADM561 SPECIFICATIONS
VCC = +3.3 V 10%, C1 to C4 = 1 F, all specifications TMIN to TMAX, unless otherwise noted. Table 1.
Parameter Output Voltage Swing VCC Power Supply Current Shutdown Supply Current Input Logic Threshold Low, VINL Input Logic Threshold High, VINH Logic Pull-Up Current EIA-232 Input Voltage Range EIA-232 Input Threshold Low EIA-232 Input Threshold High EIA-232 Input Hysteresis EIA-232 Input Resistance CMOS Output Voltage Low, VOL CMOS Output Voltage High, VOH CMOS Output Leakage Current Output Enable Time Output Disable Time Receiver Propagation Delay TPHL TPLH Transition Region Slew Rate Transmitter Output Resistance RS-232 Output Short-Circuit Current Min 5.0 4 Typ 5.5 4.5 3.5 3.5 0.2 Max Unit V V mA mA A V V A V V V V k V V A ns ns s s V/s mA Test Conditions/Comments VCC = 3.3 V, three transmitter outputs loaded with 3 k to ground VCC = 3.0 V, all transmitter outputs, loaded with 3 k to ground No load, TIN = VCC No load, TIN = GND SHDN = GND (ADM560), SHDN = VCC (ADM561), TIN = VCC TIN, EN, EN , SHDN, SHDN TIN, EN, EN, SHDN, SHDN TIN = GND
5 5 5 0.4 20 +25 2.4 7 0.4 5
2.4 3 -25 0.4 0.8 1.1 0.3 5
3 2.8
+0.05 100 50 0.1 0.5 4.5 300 10
IOUT = 1.6 mA IOUT = -40 mA EN = VCC, EN = GND, 0 V ROUT VCC
1 2
RL = 3 k, CL = 2500 pF measured from +3 V to -3 V or -3 V to +3 V VCC = V+ = V- = 0 V, VOUT = 2 V
Rev. B | Page 3 of 12
ADM560/ADM561 ABSOLUTE MAXIMUM RATINGS
TA = 25C, unless otherwise noted. Table 2.
Parameter VCC V+ V- Input Voltages TIN RIN Output Voltages TOUT ROUT Short-Circuit Duration TOUT Power Dissipation SSOP SOIC Operating Temperature Range Commercial (J Version) Storage Temperature Range Lead Temperature (Soldering, 10 sec) ESD Rating Rating -0.3 V to +6 V (VCC - 0.3 V) to +14 V +0.3 V to -14 V -0.3 V to (V+, +0.3 V) 25 V (V+, +0.3 V) to (V-, -0.3 V) -0.3 V to (VCC + 0.3 V) Continuous 900 mW 900 mW 0C to +70C -65C to +150C +300C >2000 V
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. B | Page 4 of 12
ADM560/ADM561 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
T3OUT 1 T1OUT 2 T2OUT 3 R2IN 4 R2OUT 5 T2IN 6 T1IN 7 R1OUT 8 R1IN 9 GND 10 VCC 11 C1+ 12 V+ 13 C1- 14 TOP VIEW (Not to Scale)
28 27 26
T4OUT R3IN R3OUT SHDN EN R4IN R4OUT T4IN T3IN R5OUT R5IN V-
05667-002
T3OUT 1 T1OUT 2 T2OUT 3 R2IN 4 R2OUT 5 T2IN 6 T1IN 7 R1OUT 8 R1IN 9 GND 10 VCC 11 C1+ 12 V+ 13 C1- 14 TOP VIEW (Not to Scale)
28 27 26
T4OUT R3IN R3OUT SHDN EN R4IN R4OUT T4IN T3IN R5OUT R5IN V- C2+
05667-012
ADM560
25 24 23 22 21 20 19 18 17 16 15
ADM561
25 24 23 22 21 20 19 18 17 16 15
C2- C2+
C2-
Figure 2.ADM560 Pin Configuration
Figure 3. ADM561 Pin Configuration
Table 3. Pin Function Descriptions
Pin No. 2, 3, 1, 28 9, 4, 27, 23, 18 8, 5, 26, 22, 19 7, 6, 20, 21 10 11 12, 14 13 15, 16 17 24 25 Mnemonic T1OUT to T4OUT R1IN to R5IN R1OUT to R5OUT T1IN to T4IN GND VCC C1+, C1- V+ C2+, C2- V- EN/EN SHDN/SHDN Description Transmitter (Driver) Outputs. Typically 6 V. Receiver Inputs. These inputs accept RS-232 signal levels. An internal 5 k pull-down resistor to GND is connected on each of these inputs. Receiver Outputs. These are 3 V logic levels. Transmitter (Driver) Inputs. These inputs accept 3 V or 5 V logic levels. An internal 400 k pull-up resistor to VCC is connected on each input. Ground Pin. Must be connected to 0 V. Power Supply Input 3.3 V 10%. External Capacitor 1 is connected between these pins. Internally Generated Positive Supply. +6.6 V nominal. External Capacitor 2 is connected between these pins. Internally Generated Negative Supply. -6.6 V nominal. Receiver Enable. EN, active high on ADM560. EN, active low on ADM561. Refer to Table 4. Shutdown Control. SHDN, active low on ADM560. SHDN, active high on ADM561. Refer to Table 4.
Table 4. ADM560/ADM561 Enable and Shutdown Control
Normal Operation ADM560 SHDN = 1 EN = 1; receivers active EN = 0; receivers inactive SHDN = 0 EN = 1; Receiver R1 to Receiver R3 inactive EN = 1; Receiver R4 and Receiver R5 active EN = 0; Receiver R1 to Receiver R5 inactive ADM561 SHDN = 0 EN = 0; receivers active EN = 1; receivers inactive SHDN = 1 EN = 0; receivers inactive EN = 1; receivers inactive
Shutdown Mode
Rev. B | Page 5 of 12
ADM560/ADM561 TYPICAL PERFORMANCE CHARACTERISTICS
6
0 TA = 25C VCC = 3.3V 4 TRANSMITTERS LOADED WITH RL = 5k || CL C1 TO C4 = 1F
5
160kbps
80kbps
20kbps
-1
4
-2
VOH (V)
3 TA = 25C VCC = 3.3V 4 TRANSMITTERS LOADED WITH RL = 5k || CL C1 TO C4 = 1F
05667-005
VOL (V)
-3
2
-4 160kbps -5
80kbps
1
20kbps -6 0 500 1000 1500 2000 2500 LOAD CAPACITANCE (pF)
0 0 500 1000 1500 2000 2500 LOAD CAPACITANCE (pF)
3000
3000
Figure 4. Transmitter Output Voltage High vs. Load Capacitance
6.25 TA = 25C C1 TO C4 = 1F VCC = 3.3V TRANSMITTERS UNLOADED
Figure 7. Transmitter Output Voltage Low vs. Load Capacitance
45 40 35
| TOUT | (V)
TOUT HIGH
SLEW RATE (V/s)
5.75
30 25 20 15 10 3 TRANSMITTERS LOADED
05667-009
5.25
TOUT LOW
05667-006
4.75 0 1 2 3 | IOUT | (mA) 4 5
5 4 TRANSMITTERS LOADED 0 500 1000 1500 2000 LOAD CAPACITANCE (pF)
2500
3000
Figure 5. Transmitter Output Voltage vs. Load Current
10.5 9.5 8.5 7.5 6.5 5.5 4 TRANSMITTERS LOADED
05667-007
Figure 8. Transmitter Slew Rate vs. Load Capacitance
-3 -4 -5 TA = 25C C1 TO C4 = 1F TRANSMITTERS LOADED WITH 5k || 2500pF
VOH (V)
TA = 25C C1 TO C4 = 1F TRANSMITTERS LOADED WITH 5k || 2500pF
VOL (V)
1 TRANSMITTER LOADED
-6 -7 -8 -9 -10 2.5 1 TRANSMITTER LOADED
4 TRANSMITTERS LOADED
3.5 2.5
3.0
3.5
4.0 VCC (V)
4.5
5.0
5.5
3.0
3.5
4.0 VCC (V)
4.5
5.0
5.5
Figure 6. Transmitter Output Voltage High vs. VCC
Figure 9. Transmitter Output Voltage Low vs. VCC
Rev. B | Page 6 of 12
05667-010
4.5
05667-008
ADM560/ADM561
10 TA = 25C VCC = 3.3V C1 TO C4 = 1F ALL TRANSMITTERS UNLOADED
OUTPUT VOLTAGE V+, V- (V)
5
0
V+ AND V- EQUALLY LOADED
V+ LOADED V- LOADED NO LOAD ON V- NO LOAD ON V+
-5
05667-011
-10 0 5 10 13 15 20 25 CURRENT (mA)
Figure 10. V+, V- vs. Load Current
Rev. B | Page 7 of 12
ADM560/ADM561 THEORY OF OPERATION
The ADM560/ADM561 are RS-232 transmission line drivers/ receivers, and operate from a single +3.3 V supply. This is achieved by integrating step-up voltage converters and level shifting transmitters and receivers onto the same chip. CMOS technology is used to keep the power dissipation at an absolute minimum. The ADM560/ADM561 are a modification, enhancement, and improvement to the ADM241L family and its derivatives thereof. These devices are essentially plug-in compatible and do not have materially different applications. The ADM560/ADM561 contain an internal voltage doubler and a voltage inverter that generates 6.6 V from the +3.3 V input. Four external 1 F capacitors are required for the internal voltage converters.
Transmitter (Driver) Section
The drivers convert 3 V or 5 V logic input levels into EIA-232 output levels. With VCC = +3.3 V and driving an EIA-232 load, the output voltage swing is typically 5.5 V.
VCC S1 C1 S2 GND + S4 S3 C3 + VCC V+ = 2VCC
INTERNAL OSCILLATOR
Figure 11. Charge Pump Voltage Double Operation
V+ FROM VOLTAGE DOUBLER GND S1 C2 S2 + S4 S3 C4 + V- = - (V+) GND
CIRCUIT DESCRIPTION
The internal circuitry consists of three main sections. These are as follows: * * * A charge pump voltage converter. 3 V logic to EIA-232 transmitters. EIA-232 to 3 V logic receivers.
INTERNAL OSCILLATOR
Figure 12. Charge Pump Voltage Inverted Operation
Charge Pump DC-to-DC Voltage Converter
The charge pump voltage converter consists of an oscillator and a switching matrix. The converter generates a 6.6 V supply from the input +3.3 V level. This is done in two stages using a switched capacitor technique (see Figure 11 and Figure 12). First, the +3.3 V input supply is doubled to +6.6 V using Capacitor C1 as the charge storage element. The +6.6 V level is then inverted to generate -6.6 V using Capacitor C2 as the storage element. Capacitor C3 and Capacitor C4 are used to reduce the output ripple. Their values are not critical and can be reduced if higher levels of ripple are acceptable. The C1 and C2 charge pump capacitors can also be reduced at the expense of the higher output impedance on the V+ and V- supplies. The V+ and V- supplies are also used to power external circuitry if the current requirements are small.
Unused inputs can be left unconnected as an internal 400 k pull-up resistor pulls them high forcing the outputs into a low state. The input pull-up resistors typically source 8 A when grounded, so connect unused inputs to VCC or leave unconnected in order to minimize power consumption.
Receiver Section
The receivers are inverting level shifters; they accept EIA-232 input levels and translate them into 3 V logic output levels. The inputs have internal 5 k pull-down resistors to ground and are also protected against overvoltages of up to 25 V. The guaranteed switching thresholds are 0.4 V minimum and 2.4 V maximum. Unconnected inputs are pulled to 0 V by the internal 5 k pulldown resistor. This results in a Logic 1 output level for unconnected inputs or for inputs connected to GND. The receivers have a Schmitt trigger input with a hysteresis level of 0.3 V. This ensures error-free reception for both noisy inputs and for inputs with slow transition times.
ENABLE AND SHUTDOWN
Table 4 shows the truth table for the enable and shutdown control signals. When disabled all receivers are placed in a high impedance state. In shutdown, all transmitters are disabled and all receivers on the ADM561 are disabled. On the ADM560, Receiver R4 and Receiver R5 remain enabled in shutdown.
Rev. B | Page 8 of 12
05667-004
05667-003
ADM560/ADM561 OUTLINE DIMENSIONS
10.50 10.20 9.90
28
15
5.60 5.30 5.00
1 14
8.20 7.80 7.40
2.00 MAX
1.85 1.75 1.65 0.38 0.22 SEATING PLANE 8 4 0
0.25 0.09
0.05 MIN COPLANARITY 0.10 0.65 BSC
0.95 0.75 0.55
060106-A
COMPLIANT TO JEDEC STANDARDS MO-150-AH
Figure 13. 28-Lead Shrink Small Outline Package [SSOP] (RS-28) Dimensions shown in millimeters
18.10 (0.7126) 17.70 (0.6969)
28
15
7.60 (0.2992) 7.40 (0.2913)
1 14
10.65 (0.4193) 10.00 (0.3937)
0.30 (0.0118) 0.10 (0.0039) COPLANARITY 0.10 1.27 (0.0500) BSC 0.51 (0.0201) 0.31 (0.0122)
2.65 (0.1043) 2.35 (0.0925)
0.75 (0.0295) 0.25 (0.0098)
8 0
45
SEATING PLANE
0.33 (0.0130) 0.20 (0.0079)
1.27 (0.0500) 0.40 (0.0157)
COMPLIANT TO JEDEC STANDARDS MS-013-AE CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
Figure 14. 28-Lead Standard Small Outline Package [SOIC_W] Wide Body (RW-28) Dimensions shown in millimeters and (inches)
Rev. B | Page 9 of 12
060706-A
ADM560/ADM561
ORDERING GUIDE
Model ADM560JR ADM560JR-REEL ADM560JRZ 1 ADM560JRZ-REEL1 ADM560JRS ADM560JRS-REEL ADM560JRSZ1 ADM560JRSZ-REEL1 ADM561JR ADM561JR-REEL ADM561JRZ1 ADM561JRZ-REEL1 ADM561JRS ADM561JRS-REEL ADM561JRSZ1 ADM561JRSZ-REEL1
1
Temperature Range 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C
Package Description 28-Lead Standard Small Outline Package [SOIC_W] 28-Lead Standard Small Outline Package [SOIC_W] 28-Lead Standard Small Outline Package [SOIC_W] 28-Lead Standard Small Outline Package [SOIC_W] 28-Lead Shrink Small Outline Package [SSOP] 28-Lead Shrink Small Outline Package [SSOP] 28-Lead Shrink Small Outline Package [SSOP] 28-Lead Shrink Small Outline Package [SSOP] 28-Lead Standard Small Outline Package [SOIC_W] 28-Lead Standard Small Outline Package [SOIC_W] 28-Lead Standard Small Outline Package [SOIC_W] 28-Lead Standard Small Outline Package [SOIC_W] 28-Lead Shrink Small Outline Package [SSOP] 28-Lead Shrink Small Outline Package [SSOP] 28-Lead Shrink Small Outline Package [SSOP] 28-Lead Shrink Small Outline Package [SSOP]
Package Option RW-28 RW-28 RW-28 RW-28 RS-28 RS-28 RS-28 RS-28 RW-28 RW-28 RW-28 RW-28 RS-28 RS-28 RS-28 RS-28
Z = Pb-free part.
Rev. B | Page 10 of 12
ADM560/ADM561 NOTES
Rev. B | Page 11 of 12
ADM560/ADM561 NOTES
(c)2006 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D05667-0-9/06(B)
Rev. B | Page 12 of 12


▲Up To Search▲   

 
Price & Availability of ADM56006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X