Part Number Hot Search : 
MKW2622 01700 BR310 EG01GE 1415924 MLL5921D 28AT3 TE4935
Product Description
Full Text Search
 

To Download 7MBR15SC120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 7MBR15SC120
PIM/Built-in converter with thyristor and brake (S series) 1200V / 15A / PIM
Features
* Low VCE(sat) * Compact Package * P.C. Board Mount Module * Converter Diode Bridge Dynamic Brake Circuit
IGBT Modules
Applications
* Inverter for Motor Drive * AC and DC Servo Drive Amplifier * Uninterruptible Power Supply
Maximum ratings and characteristics
Absolute maximum ratings (Tc=25C unless without specified)
Item Collector-Emitter voltage Gate-Emitter voltage
Inverter
Symbol VCES VGES IC ICP -IC PC VCES VGES IC ICP Collector power disspation Repetitive peak reverse voltage(Diode) Repetitive peak off-state voltage Repetitive peak reverse voltage Average on-state current Surge 0n-state current (Non-Repetitive) Junction temperature Repetitive peak reverse voltage Average output current Surge current (Non-Repetitive) I2t (Non-Repetitive) PC VRRM VDRM VRRM IT(AV) ITSM Tjw VRRM IO IFSM I2t Tj Tstg Viso
Condition
Continuous 1ms
Collector current
Tc=25C Tc=80C Tc=25C Tc=80C
Collector power disspation Collector-Emitter voltage Gate-Emitter voltage Collector current
Brake
1 device
Continuous 1ms 1 device
Tc=25C Tc=80C Tc=25C Tc=80C
50Hz/60Hz sine wave Tj=125C, 10ms half sine wave
50Hz/60Hz sine wave Tj=150C, 10ms half sine wave
Junction temperature (except Thyristor) Storage temperature Isolation between terminal and copper base *2 voltage between thermistor and others *3 Mounting screw torque
AC : 1 minute
Rating 1200 20 25 15 50 30 15 110 1200 20 25 15 50 30 110 1200 1600 1600 15 200 125 1600 15 155 120 +150 -40 to +125 AC 2500 AC 2500 1.7 *1
Unit V V A A A W V V A A W V V V A A C V A A A 2s C C V V N*m
*1 Recommendable value : 1.3 to 1.7 N*m (M4) *2 All terminals should be connected together when isolation test will be done. *3 Terminal 8 and 9 should be connected together. Terminal 1 to 7 and 10 to 26 should be connected together and shorted to copper base.
Converter
Thyristor
IGBT Module
Electrical characteristics (Tj=25C unless otherwise specified)
Item Zero gate voltage collector current Gate-Emitter leakage current Gate-Emitter threshold voltage Collector-Emitter saturation voltage
Inverter
7MBR15SC120
Symbol ICES IGES VGE(th) VCE(sat) Cies ton tr toff tf VF trr ICES IGES VCE(sat) ton tr toff tf IRRM IDM IRRM IGT VGT VTM VFM IRRM R B Condition VCE=1200V, VGE=0V VCE=0V, VGE=20V VCE=20V, IC=15mA VGE=15V, Ic=15A chip terminal VGE=0V, VCE=10V, f=1MHz VCC=600V IC=15A VGE=15V RG=82 IF=15A chip terminal IF=15A VCES=1200V, VGE=0V VCE=0V, VGE=20V IC=15A, VGE=15V chip terminal VCC=600V IC=15A VGE=15V RG=82 VR=1200V VDM=1600V VRM=1600V VD=6V, IT=1A VD=6V, IT=1A ITM=15A chip terminal IF=15A chip terminal VR=1600V T=25C T=100C T=25/50C Characteristics Typ. Max. 75 200 5.5 7.2 8.5 2.1 2.15 2.6 1800 0.35 0.25 0.45 0.08 2.3 2.35 1.2 0.6 1.0 0.3 3.2 350 75 200 2.6 1.2 0.6 1.0 0.3 75 1.0 1.0 100 2.5 1.05 Unit A nA V V pF s
Min.
Input capacitance Turn-on time Turn-off Forward on voltage Reverse recovery time of FRD Zero gate voltage collector current Gate-Emitter leakage current Collector-Emitter saturation voltage
V ns A nA V s
Turn-on time Turn-off time Reverse current off-state current Reverse current Gate trigger current Gate trigger voltage On-state voltage Forward on voltage
2.1 2.2 0.35 0.25 0.45 0.08
Brake
Thyristor
Converter
0.95 1.0 1.1 1.2 5000 495 3375
A mA mA mA V V V
Thermistor
Reverse current Resistance B value
1.5 75 520 3450
A K
465 3305
Thermal resistance Characteristics
Item Symbol Condition Min. Inverter IGBT Inverter FWD Brake IGBT Thyristor Converter Diode With thermal compound Characteristics Typ. Max. 1.14 1.85 1.14 1.00 1.30 0.05 Unit
Thermal resistance ( 1 device )
Rth(j-c)
C/W
Contact thermal resistance
*
Rth(c-f)
* This is the value which is defined mounting on the additional cooling fin with thermal compound
IGBT Module
Characteristics (Representative)
[ Inverter ] Collector current vs. Collector-Emitter voltage Tj= 25C(typ.)
7MBR15SC120
[ Inverter ] Collector current vs. Collector-Emitter voltage Tj= 125C(typ.)
35 15V VGE= 20V 30 12V
35
VGE= 20V 15V 12V 30
25
25
Collector current : Ic [ A ]
20 10V 15
Collector current : Ic [ A ]
20
10V
15
10
10
5
8V
5 8V
0 0 1 2 3 4 5
0 0 1 2 3 4 5
Collector - Emitter voltage : VCE [ V ]
Collector - Emitter voltage : VCE [ V ]
[ Inverter ] Collector current vs. Collector-Emitter voltage VGE=15V (typ.)
35 Tj= 25C 30 10
[ Inverter ] Collector-Emitter voltage vs. Gate-Emitter voltage Tj= 25C(typ.)
Tj= 125C 8
25
Collector - Emitter voltage : VCE [ V ]
Collector current : Ic [ A ]
6
20
15
4 Ic= 30A 2 Ic= 15A Ic= 7.5A
10
5
0 0 1 2 3 4 5
0 5 10 15 20 25
Collector - Emitter voltage : VCE [ V ]
Gate - Emitter voltage : VGE [ V ]
[ Inverter ] Capacitance vs. Collector-Emitter voltage (typ.) VGE=0V, f= 1MHz, Tj= 25C
5000 1000
[ Inverter ] Dynamic Gate charge (typ.) Vcc=600V, Ic=15A, Tj= 25C
25
Capacitance : Cies, Coes, Cres [ pF ]
Collector - Emitter voltage : VCE [ V ]
800
20
Cies 1000
600
15
500
400
10
Coes 100 Cres
200
5
50 0 5 10 15 20 25 30 35
0 0 50 100
0 150
Collector - Emitter voltage : VCE [ V ]
Gate charge : Qg [ nC ]
Gate - Emitter voltage : VGE [ V ]
IGBT Module
7MBR15SC120
[ Inverter ] Switching time vs. Collector current (typ.) Vcc=600V, VGE=15V, Rg=82, Tj= 25C
1000 1000
[ Inverter ] Switching time vs. Collector current (typ.) Vcc=600V, VGE=15V, Rg= 82, Tj= 125C
toff
Switching time : ton, tr, toff, tf [ nsec ]
500
Switching time : ton, tr, toff, tf [ nsec ]
toff
500
ton tr
ton
tr
tf 100
100 tf
50 0 5 10 15 20 25
50 0 5 10 15 20 25
Collector current : Ic [ A ]
Collector current : Ic [ A ]
[ Inverter ] Switching time vs. Gate resistance (typ.) Vcc=600V, Ic=15A, VGE=15V, Tj= 25C
5000 5
[ Inverter ] Switching loss vs. Collector current (typ.) Vcc=600V, VGE=15V, Rg=82
Switching loss : Eon, Eoff, Err [ mJ/pulse ]
Switching time : ton, tr, toff, tf [ nsec ]
4 Eon(125C)
1000
3 Eon(25C)
500 toff
2 Eoff(125C) Eoff(25C) 1 Err(125C) Err(25C) 0
ton
tr 100 tf 50 30 100 1000
0
5
10
15
20
25
30
Gate resistance : Rg [ ]
Collector current : Ic [ A ]
[ Inverter ] Switching loss vs. Gate resistance (typ.) Vcc=600V, Ic=15A, VGE=15V, Tj= 125C
12 200
[ Inverter ] Reverse bias safe operating area +VGE=15V, -VGE<=15V, Rg>=82, Tj<=125C
Switching loss : Eon, Eoff, Err [ mJ/pulse ]
10
Eon 150
8
6
Collector current : Ic [ A ]
100 SCSOA (non-repetitive pulse)
4 Eoff 2
50
Err 0 30 100 1000 0 0 200
RBSOA (Repetitive pulse) 400 600 800 1000 1200 1400
Gate resistance : Rg [ ]
Collector - Emitter voltage : VCE [ V ]
IGBT Module
7MBR15SC120
[ Inverter ] Forward current vs. Forward on voltage (typ.)
35 300
[ Inverter ] Reverse recovery characteristics (typ.) Vcc=600V, VGE=15V, Rg=82
Tj=125C 30
Tj=25C trr(125C)
25
Reverse recovery current : Irr [ A ] Reverse recovery time : trr [ nsec ]
100 trr(25C)
Forward current : IF [ A ]
20
15
10
5
10
Irr(125C)
Irr(25C) 0 0 1 2 3 4 5 0 5 10 15 20 25
Forward on voltage : VF [ V ]
Forward current : IF [ A ]
[ Converter ] Forward current vs. Forward on voltage (typ.)
35 100
[ Thyristor ] On-state current vs. On-state voltage (typ.)
Tj= 25C 30
Tj= 125C
Instantaneous on-state current [ A ]
25
Tjw= 125C
Tjw= 25C
Forward current : IF [ A ]
20
15
10
10
5
0 0.0
0.4
0.8
1.2
1.6
2.0
2 0.0
0.4
0.8
1.2
1.6
2.0
Forward on voltage : VFM [ V ]
Instantaneous on-state voltage [ V ]
Transient thermal resistance
10 200 100
[ Thermistor ] Temperature characteristic (typ.)
Thermal resistanse : Rth(j-c) [ C/W ]
FWD[Inverter] Conv. Diode 1 IGBT[Inverter&Brake] Thyristor
Resistance : R [ k ]
1
10
1
0.1
0.05 0.001
0.01
0.1
0.1 -60
-40
-20
0
20
40
60
80
100
120
140
160
180
Pulse width : Pw [ sec ]
Temperature [ C ]
IGBT Module
7MBR15SC120
[ Brake ] Collector current vs. Collector-Emitter voltage Tj= 25C(typ.)
35 35
[ Brake ] Collector current vs. Collector-Emitter voltage Tj= 125C(typ.)
VGE= 20V 15V 12V 30 30
VGE= 20V 15V
12V
25
25
Collector current : Ic [ A ]
Collector current : Ic [ A ]
20 10V 15
20
10V
15
10
10
5 8V 0 0 1 2 3 4 5
5 8V 0 0 1 2 3 4 5
Collector - Emitter voltage : VCE [ V ]
Collector - Emitter voltage : VCE [ V ]
[ Brake ] Collector current vs. Collector-Emitter voltage VGE=15V (typ.)
35 Tj= 25C 30 Tj= 125C 8 10
[ Brake ] Collector-Emitter voltage vs. Gate-Emitter voltage Tj= 25C(typ.)
25
Collector - Emitter voltage : VCE [ V ]
Collector current : Ic [ A ]
6
20
15
4 Ic= 30A 2 Ic= 15A Ic= 7.5A
10
5
0 0 1 2 3 4 5
0 5 10 15 20 25
Collector - Emitter voltage : VCE [ V ]
Gate - Emitter voltage : VGE [ V ]
[ Brake ] Capacitance vs. Collector-Emitter voltage (typ.) VGE=0V, f= 1MHz, Tj= 25C
5000 1000
[ Brake ] Dynamic Gate charge (typ.) Vcc=600V, Ic=15A, Tj= 25C
25
Capacitance : Cies, Coes, Cres [ pF ]
Collector - Emitter voltage : VCE [ V ]
800
20
Cies 1000
600
15
500
400
10
Coes 100 Cres
200
5
50 0 5 10 15 20 25 30 35
0 0 50 100
0 150
Collector - Emitter voltage : VCE [ V ]
Gate charge : Qg [ nC ]
Gate - Emitter voltage : VGE [ V ]
IGBT Module
Outline Drawings, mm
7MBR15SC120
Marking : White Marking : White
Equivalent Circuit Schematic
[ Converter ]
21 (P)
[ Thyristor ]
26
[ Brake ]
22(P1)
[ Inverter ]
[ Thermistor ]
8 25 20 (Gu) 18 (Gv ) 16 (Gw)
9
1(R)
2(S)
3(T) 19(Eu) 7(B)
17(Ev ) 4(U)
15(Ew) 5(V)
6(W)
14(Gb) 23(N) 24(N1)
13(Gx)
12(Gy )
11(Gz) 10(En)


▲Up To Search▲   

 
Price & Availability of 7MBR15SC120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X