Part Number Hot Search : 
RB450F 12S05 1N4921 1N4918A 12S05 AD711 1H220 EMK43H
Product Description
Full Text Search
 

To Download 74LCX162541TTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LCX162541
Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
Features

5V tolerant inputs and outputs High speed: - tPD = 4.4ns (Max) at VCC = 3V Power down protection on inputs and outputs Symmetrical output impedance: - |IOH| = IOL = 12mA (Min) at VCC = 3V PCI bus levels guaranteed at 12mA Balanced propagation delays: - tPLH tPHL 26 serie resistor in outputs Operating voltage range: - VCC (Opr) = 2.0V to 3.6V Pin and function compatible with 74 series 162541 Latch-up performance exceeds 500mA (JESD 17) ESD performance: - HBM > 2000V (MIL STD 883 method 3015); MM > 200V
TSSOP48
Description
The 74LCX162541 is a low voltage CMOS 16 bit bus buffer (non-inverted) fabricated with submicron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and high speed 3.3V applications; it can be interfaced to 5V signal environment for both inputs and outputs. This is composed of two 8-bit sections with separate output-enable signals. For either 8-bit buffers section, the 3 state control gate operates as a two input AND such that if either nG1 and nG2 are high, all outputs are in the high impedence state. This device is designed to be used with 3 state memory address drivers, etc. The device circuits is including 26 series resistance in the outputs. These resistors permit to reduce line noise in high speed applications. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
Order codes
Part number 74LCX162541TTR Package TSSOP48 Packaging Tape and reel
February 2007
Rev 3
1/15
www.st.com 15
Contents
74LCX162541
Contents
1 2 Logic symbols and I/O equivalent circuit . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin settings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 2.2 Pin connection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
3
Logic states . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
3.1 Truth table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
4
Maximum rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
4.1 Recommended operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
5 6 7 8 9
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
2/15
74LCX162541
Logic symbols and I/O equivalent circuit
1
Logic symbols and I/O equivalent circuit
Figure 1. IEC logic symbols
Figure 2.
Input and output equivalent circuit
3/15
Pin settings
74LCX162541
2
2.1
Pin settings
Pin connection
Figure 3. Pin connection (top through view)
4/15
74LCX162541
Logic states
2.2
Pin description
Table 1. Pin description
Pin N 1, 48 2, 3, 5, 6, 8, 9, 11, 12 13, 14, 16, 17, 19, 20, 22, 23 24, 25 36, 35, 33, 32, 30, 29, 27, 26 47, 46, 44, 43, 41, 40, 38, 37 4, 10, 15, 21, 28, 34, 39, 45 7, 18, 31, 42 Symbol 1G1, 1G2 1Y1 to 1Y8 2Y1 to 2Y8 2G1, 2G2 2A1 to 2A8 1A1 to 1A8 GND VCC Name and function Output enable inputs Data outputs Data outputs Output enable inputs Data outputs Data outputs Ground (0V) Positive supply voltage
3
3.1
Logic states
Truth table
Table 2. Truth table
Inputs G1 H X L L G2 X H L L An X X H L Output Yn Z Z H L
Note:
X : Do not care Z : High impedance
5/15
Maximum rating
74LCX162541
4
Maximum rating
Stressing the device above the rating listed in the "absolute maximum ratings" table may cause permanent damage to the device. these are stress ratings only and operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. refer also to the STMicroelectronics sure program and other relevant quality documents. Table 3. Absolute maximum ratings
Symbol VCC VI VO VO IIK IOK IO ICC IGND Tstg TL Supply voltage DC input voltage DC output voltage (OFF state) DC output voltage (high or low state) (1) DC input diode current DC output diode current (2) DC output current DC supply current per supply pin DC ground current per supply pin Storage temperature Lead temperature (10 sec) Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 -50 -50 50 100 100 -65 to +150 300 Unit V V V V mA mA mA mA mA C C
1. IO absolute maximum rating must be observed 2. VO < GND
4.1
Recommended operating conditions
Table 4. Recommended operating conditions
Symbol VCC VI VO VO IOH, IOL IOH, IOL Top dt/dv Supply voltage (1) Input voltage Output voltage (OFF state) Output voltage (high or low state) High or low level output current (VCC = 3.0 to 3.6V) High or low level output current (VCC = 2.7V) Operating temperature Input rise and fall time (2) Parameter Value 2.0 to 3.6 0 to 5.5 0 to 5.5 0 to VCC 12 8 -40 to 85 0 to 10 Unit V V V V mA mA C ns/V
1. Truth table guaranteed: 1.5V to 3.6V 2. VIN from 0.8V to 2V at VCC = 3.0V
6/15
74LCX162541
Electrical characteristics
5
Electrical characteristics
Table 5. DC specification
Test condition Symbol Parameter VCC (V) Value -40 to 85 C Min 2.0 2.7 to 3.6 VIL Low level input voltage 2.7 to 3.6 VOH High level output voltage 2.7 3.0 2.7 to 3.6 VOL Low level output voltage 2.7 3.0 II Ioff Input leakage current 2.7 to 3.6 Power OFF leakage current High impedance output leakage current Quiescent supply current ICC incr. per Input 0 IO = -100 A IO = -8 mA IO = -6 mA IO = -12 mA IO = 100 A IO = 8 mA IO = 6 mA IO = 12 mA VI = 0 to 5.5V VI or VO = 5.5V VI = VIH or VIL VO = 0 to VCC VI = VCC or GND VI or VO= 3.6 to 5.5V 2.7 to 3.6 VIH = VCC - 0.6V VCC-0.2 2.0 V 2.4 2.0 0.2 0.6 V 0.55 0.8 5 10 A A A 0.8 V Max V Unit
VIH
High level input voltage
IOZ
2.7 to 3.6
5 20 20 500
ICC ICC
2.7 to 3.6
A A
Table 6. Dynamic switching characteristics
Test condition Symbol Parameter VCC (V) 3.3 CL = 50pF VIL = 0V, VIH = 3.3V Value TA = 25 C Min Typ 0.8 V -0.8 Max Unit
VOLP VOLV
Dynamic low level quiet output (1)
1. Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is measured in the LOW state.
7/15
Electrical characteristics
74LCX162541
Table 7. AC electrical characteristics
Test Condition Symbol Parameter VCC (V) 2.7 50 3.0 to 3.6 2.7 50 3.0 to 3.6 2.7 50 3.0 to 3.6 3.0 to 3.6 50 500 2.5 500 2.5 1.5 5.9 1.0 ns 500 2.5 1.5 1.5 5.9 6.3 ns 500 2.5 1.5 1.5 4.4 6.3 ns CL (pF) RL () ts = tr (ns) Value -40 to 85 C Min 1.5 Max 5.6 ns Unit
tPLH tPHL
Propagation delay time Output enable time Output disable time Output to output skew time (1) (2)
tPZL tPZH
tPLZ tPHZ tOSLH tOSHL
1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|) 2. Parameter guaranteed by design
Table 8. Capacitive characteristics
Test Condition Symbol Parameter VCC (V) Value TA = 25 C Min Typ 4 10 3.3 fIN = 10MHz VIN = 0 or VCC 50 Max pF pF pF Unit
CIN COUT CPD
Input capacitance Output capacitance Power dissipation capacitance (1)
1. CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/16 (per circuit)
8/15
74LCX162541
Test circuit
6
Test circuit
Figure 4. Test circuit
Figure 5.
Test circuit
Test tPLH, tPHL tPZL, tPLZ tPZH, tPHZ Switch Open 6V GND
CL = 50pF or equivalent (includes jig and probe capacitance) RL = R1 = 500 or equivalent RT = ZOUT of pulse generator (typically 50)
9/15
Waveforms
74LCX162541
7
Waveforms
Figure 6. Propagation delays (f = 1MHz; 50% duty cycle)
Figure 7.
Output enable and disable time (f = 1MHz; 50% duty cycle)
10/15
74LCX162541
Package mechanical data
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
11/15
Package mechanical data
74LCX162541
TSSOP48 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 6.0 0.5 BSC 8 0.75 0 0.018 0.17 0.09 12.4 8.1 BSC 6.2 0.236 0.0197 BSC 8 0.030 0.05 0.9 0.27 0.20 12.6 0.0067 0.0035 0.488 0.318 BSC 0.244 TYP MAX. 1.2 0.15 0.002 0.035 0.011 0.0079 0.496 MIN. TYP. MAX. 0.047 0.006 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
7065588D
12/15
74LCX162541
Package mechanical data
Tape & Reel TSSOP48 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 8.7 13.1 1.5 3.9 11.9 12.8 20.2 60 30.4 8.9 13.3 1.7 4.1 12.1 0.343 0.516 0.059 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 1.197 0.350 0.524 0.067 0.161 0.476 MIN. TYP. MAX. 12.992 0.519 inch
13/15
Revision history
74LCX162541
9
Revision history
Table 9. Revision history
Date 15-Sep-2004 06-Feb-2007 Revision 2 3 Changes Ordering Codes Revision - pag. 1. Document reformatted, temperature ranges updated
14/15
74LCX162541
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
15/15


▲Up To Search▲   

 
Price & Availability of 74LCX162541TTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X