Part Number Hot Search : 
NK60ZFP MBRF2 CDB5334 FX419J ST1151A ACT401 74F158 MBRF2
Product Description
Full Text Search
 

To Download 47CTQ020STRLPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-21038 rev. A 07/06
47CTQ020SPbF 47CTQ020-1PbF
SCHOTTKY RECTIFIER 40 Amp
IF(AV) = 40Amp VR = 20V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 20 Apk, TJ= 125 C
Description/ Features Units
A V A V C This center tap Schottky rectifier has been optimized for ultra low forward voltage drop specifically for 3.3V output power supplies. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in parallel switching power supplies, converters, reverse battery protection, and redundant power subsystems. 150 C TJ operation
Values
40 20 1000 0.34 - 55 to 150
Center tap configuration Optimized for 3.3V application Ultra low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Lead-Free ("PbF" suffix)
Case Styles
47CTQ020SPbF 47CTQ020-1PbF
Base Common Cathode
2
Base Common Cathode
2
1
Anode
2 Common Cathode
3
1
Anode
Anode
2 Common Cathode
3
Anode
D PAK www.irf.com
2
TO-262 1
47CTQ020SPbF, 47CTQ020-1PbF
Bulletin PD-21038 rev. A 07/06
Voltage Ratings
Part number
VR VR Max. DC Reverse Voltage (V) Max. DC Reverse Voltage (V) @ 125 C @ 150 C
47CTQ020SPbF, 47CTQ020-1PbF
20 10
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward (Per Device) Current (Per Leg) IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
47CTQ Units
40 20 1000 250 18 3 A A mJ A
Conditions
50% duty cycle @ TC = 135C, rectangular wave form Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated Vrrm applied TJ = 25 C, IAS =3 Amps, L =3 mH 5s Sine or 3s Rect. pulse Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) (1)
47CTQ Units
0.45 0.51 0.34 0.44 0.31 0.42 V V V V V V mA mA mA mA mA V m pF nH @ 20A @ 40A @ 20A @ 40A @ 20A @ 40A TJ = 25 C TJ = 125 C TJ = 125 C TJ = 125 C TJ = 150 C TJ = TJ max.
Conditions
TJ = 25 C TJ = 125 C TJ = 150 C VR = rated VR VR = 5V VR = 3.3V VR = 10V
IRM
Max. Reverse Leakage Current (Per Leg) (1)
3 310 60 45 306
VF(TO) Threshold Voltage rt Forward Slope Resistance CT LS Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
0.188 5.9 3000 5.5 10000
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
(1) Pulse Width < 300s, Duty Cycle <2%
dv/dt Max. Voltage Rate of Change
V/ s (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
47CTQ Units
-55 to 150 -55 to 150 1.5 0.75 0.50 2 (0.07) Min. Max. 6 (5) 12 (10) C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque Marking Device
C/W DC operation C/W DC operation C/W Mounting surface , smooth and greased (only for TO-220) g (oz.) Kg-cm (Ibf-in) Case style D2Pak Case style TO-262
47CTQ020S 47CTQ020-1
2
www.irf.com
47CTQ020SPbF, 47CTQ020-1PbF
Bulletin PD-21038 rev. A 07/06
1000
1000 TJ = 150C Reverse Current - IR (mA) 100 125C 100C 75C 1 50C 25C
10
Instantaneous Forward Current - IF (A)
100
0.1
0.01
0
4
8
12
16
20
Reverse Voltage - VR (V)
T = 150C J T = 125C J 10
Junc tion Capa citance - C T (pF ) 10000
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
T = 25C J
TJ = 25C
1
1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
2
4
6
8 10 12 14 16 18 20 22
Forward Voltage Drop - V FM (V)
Reverse Voltage - V (V) R
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
10 T hermal Impedance Z thJC (C/ W)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
P DM
0.1 Notes: S ingle Pulse (T hermal Resistance) 0.01 0.00001 0.0001 0.001 0.01 0.1
t1 t2
1. Duty fac tor D = t 1/ t 2 2. Peak T = PDM x Z thJC+ TC J 1 10 100
t 1 , Rectangular Pulse Duration (S econds)
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
47CTQ020SPbF, 47CTQ020-1PbF
Bulletin PD-21038 rev. A 07/06
160 Allowable Case T emperature - (C)
12 Average Power Loss - (Watts) 10 8 6 4 2 0 D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMSLimit DC
150 DC 140 130 120 110 100
see note (2)
S quare wave (D = 0.50) 10V applied
90
0
5
10
15
20
25
30
0
5
10
15
20
25
30
Average Forward Current - I F(AV) (A)
Average Forward Current - I F(AV) (A)
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
Non-Repetitive S urge Current - I FS (A) M 1000
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
At Any R ated Load Condition And With Rated VRRM Applied Following S urge 100 10
100
1000
10000
S quare Wave Pulse Duration - t p (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L HIGH-S PEED S CH WIT FREE-WHEEL DIODE 40HF L40S 02
+
DUT
IR P460 F R = 25 ohm g
Vd = 25 Volt
CURR ENT MONIT OR
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 10 V
4
www.irf.com
47CTQ020SPbF, 47CTQ020-1PbF
Bulletin PD-21038 rev. A 07/06
Outlines Table
Conform to JEDEC outline D2Pak (SMD-220) Dimensions in millimeters and (inches)
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
www.irf.com
5
47CTQ020SPbF, 47CTQ020-1PbF
Bulletin PD-21038 rev. A 07/06
Part Marking Information
D2PAK
THIS IS A 47CTQ020S LOT CODE 8024 ASSEMBLED ON WW 02, 2000 INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE PART NUMBER
47CTQ020S
DATE CODE YEAR 0 = 2000 WEEK 02 P = LEAD-FREE
TO-262
EXAMPLE: THIS IS A 47CTQ020-1 LOT CODE 1789 ASSEMBLED ON WW 19, 2002 INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
DATE CODE YEAR 2 = 2002 WEEK 19 P = LEAD-FREE
Tape & Reel Information
Dimensions in millimeters and (inches)
6
www.irf.com
47CTQ020SPbF, 47CTQ020-1PbF
Bulletin PD-21038 rev. A 07/06
Ordering Information Table
Device Code
47
1
C
2
T
3
Q
4
020
5
S TRL PbF
6 7 8
1 2 3 4 5 6 7
-
Current Rating (40A) Circuit Configuration C = Common Cathode T = TO-220 Schottky "Q" Series Voltage Rating (020 = 20V) S = D 2Pak -1= TO-262 none = Tube (50 pieces) TRL = Tape & Reel (Left Oriented - for D2Pak only) TRR = Tape & Reel (Right Oriented - for D 2Pak only)
8
-
none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 07/06
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of 47CTQ020STRLPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X